전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS53L32A-KZ 데이터시트(PDF) 8 Page - Cirrus Logic

부품명 CS53L32A-KZ
상세설명  Low Voltage, Stereo A/D Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L32A-KZ 데이터시트(HTML) 8 Page - Cirrus Logic

Back Button CS53L32A-KZ Datasheet HTML 4Page - Cirrus Logic CS53L32A-KZ Datasheet HTML 5Page - Cirrus Logic CS53L32A-KZ Datasheet HTML 6Page - Cirrus Logic CS53L32A-KZ Datasheet HTML 7Page - Cirrus Logic CS53L32A-KZ Datasheet HTML 8Page - Cirrus Logic CS53L32A-KZ Datasheet HTML 9Page - Cirrus Logic CS53L32A-KZ Datasheet HTML 10Page - Cirrus Logic CS53L32A-KZ Datasheet HTML 11Page - Cirrus Logic CS53L32A-KZ Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
CS53L32A
8
DS513F1
POWER AND THERMAL CHARACTERISTICS
Notes: 6. Power Down Mode is defined as the chip being held in reset with MCLK running. To lower power
consumption further, remove MCLK.
7.
Valid with the recommended capacitor values on FILT+ and VQ as shown in Figure 6.
Base-Rate Mode
High-Rate Mode
Parameters
Symbol
Min
Typ
Max
Min
Typ
Max
Units
Power Supplies
Power Supply Current-
VA=1.8 V
Normal Operation
VL=1.8 V
IA
ID_IO
-
-
6.0
150
-
-
-
-
7.6
300
-
-
mA
µA
Power Supply Current-
VA=1.8 V
Power Down Mode
(Note 6)
VL=1.8 V
IA
ID_IO
-
-
100
0
-
-
-
-
250
0
-
-
µA
µA
Power Supply Current-
VA=3.0 V
Normal Operation
VL=3.0 V
IA
ID_IO
-
-
9
260
-
-
-
-
11.5
520
-
-
mA
µA
Power Supply Current-
VA=3.0 V
Power Down Mode
VL=3.0 V
IA
ID_IO
-
-
250
0
-
-
-
-
500
0
-
-
µA
µA
Total Power Dissipation-
All Supplies=1.8 V
Normal Operation
All Supplies=3.0 V
-
-
11
28
12
31
-
-
14.5
36
16
40
mW
mW
Package Thermal Resistance
θJA
-75
-
-
75
-
°C/Watt
Power Supply Rejection Ratio
(1 kHz)
(Note 7)
(60 Hz)
PSRR
-
-
60
40
-
-
-
-
60
40
-
-
dB
dB


유사한 부품 번호 - CS53L32A-KZ

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS53L30 CIRRUS-CS53L30 Datasheet
3Mb / 67P
   Low-Power Quad-Channel Microphone ADC with TDM Output
More results

유사한 설명 - CS53L32A-KZ

제조업체부품명데이터시트상세설명
logo
Texas Instruments
PCM1804 TI1-PCM1804_14 Datasheet
611Kb / 36P
[Old version datasheet]   STEREO A/D CONVERTER
logo
Cirrus Logic
CS4327 CIRRUS-CS4327 Datasheet
1Mb / 36P
   Low Cost, 20-Bit, Stereo, Audio D/A Converter
logo
Texas Instruments
PCM1803 TI1-PCM1803_09 Datasheet
447Kb / 23P
[Old version datasheet]   96-kHz STEREO A/D CONVERTER
PCM1807 TI1-PCM1807_15 Datasheet
796Kb / 33P
[Old version datasheet]   96-kHz Stereo A/D Converter
logo
Jiaxing Heroic Technolo...
HT5010 HEROIC-HT5010 Datasheet
586Kb / 4P
   24-Bit, 192kHz Stereo D/A Converter
logo
Holtek Semiconductor In...
HT82V738 HOLTEK-HT82V738 Datasheet
120Kb / 9P
   24-Bit Stereo Audio D/A Converter
logo
Cirrus Logic
CS5333 CIRRUS-CS5333 Datasheet
375Kb / 20P
   24-Bit, 96 kHz Stereo A/D Converter?
logo
Unisonic Technologies
M1725 UTC-M1725_15 Datasheet
221Kb / 10P
   16-BIT,96KHZ STEREO AUDIO D/A CONVERTER
M4334 UTC-M4334_15 Datasheet
248Kb / 9P
   STEREO AUDIO D/A CONVERTER 24BITS,96KHZ SAMPLING
logo
Elite Semiconductor Mem...
AD12250A ESMT-AD12250A Datasheet
132Kb / 3P
   24 bit, 96 kHz Stereo A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com