전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS53L32A-KZ 데이터시트(PDF) 10 Page - Cirrus Logic

부품명 CS53L32A-KZ
상세설명  Low Voltage, Stereo A/D Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L32A-KZ 데이터시트(HTML) 10 Page - Cirrus Logic

Back Button CS53L32A-KZ Datasheet HTML 6Page - Cirrus Logic CS53L32A-KZ Datasheet HTML 7Page - Cirrus Logic CS53L32A-KZ Datasheet HTML 8Page - Cirrus Logic CS53L32A-KZ Datasheet HTML 9Page - Cirrus Logic CS53L32A-KZ Datasheet HTML 10Page - Cirrus Logic CS53L32A-KZ Datasheet HTML 11Page - Cirrus Logic CS53L32A-KZ Datasheet HTML 12Page - Cirrus Logic CS53L32A-KZ Datasheet HTML 13Page - Cirrus Logic CS53L32A-KZ Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
CS53L32A
10
DS513F1
SWITCHING CHARACTERISTICS (T
A = -10 to 70° C; VA = 1.7 V - 3.6 V; Inputs: Logic 0 = GND,
Logic 1 = VL, CL = 20 pF)
8.
There must be exactly 32, 48, 64, or 128 SCLK periods per LRCK transition.
9. Slave Mode operation requires an exact 50% duty cycle. Otherwise the CS53L32A will produce
erroneous data.
Parameters
Symbol
Min
Typ
Max
Units
Input Sample Rate
Base Rate Mode
High Rate Mode
Fs
Fs
2
50
-
-
50
100
kHz
kHz
MCLK Pulse Width High
MCLK/LRCK = 1024
8
-
-
ns
MCLK Pulse Width Low
MCLK/LRCK = 1024
8
-
-
ns
MCLK Pulse Width High
MCLK/LRCK = 768
10
-
-
ns
MCLK Pulse Width Low
MCLK/LRCK = 768
10
-
-
ns
MCLK Pulse Width High
MCLK/LRCK = 512
15
-
-
ns
MCLK Pulse Width Low
MCLK/LRCK = 512
15
-
-
ns
MCLK Pulse Width High
MCLK / LRCK = 384 or 192
21
-
-
ns
MCLK Pulse Width Low
MCLK / LRCK = 384 or 192
21
-
-
ns
MCLK Pulse Width High
MCLK / LRCK = 256 or 128
31
-
-
ns
MCLK Pulse Width Low
MCLK / LRCK = 256 or 128
31
-
-
ns
Master Mode
SCLK Falling to LRCK Edge
tslrd
-20
-
20
ns
SCLK Falling to SDOUT Valid
tsdo
0
-
20
ns
SCLK Duty Cycle
40
50
60
%
Slave Mode
LRCK Duty Cycle
Notes 8, 9
-
50
-
%
Rise Time of Both LRCK and SCLK
tr
-
-
10
ns
Fall Time of Both LRCK and SCLK
tf
-
-
10
ns
SCLK Period
Base Rate Mode
High Rate Mode
tsclkw
tsclkw
-
-
-
-
ns
ns
SCLK Falling to LRCK Edge
tslrd
-20
-
20
ns
SCLK Falling to SDOUT Valid
Base Rate Mode
High Rate Mode
tdss
tdss
-
-
-
-
ns
ns
NOTE: When operating the CS53L32A Revision C in Slave Mode, Base Rate Mode, certain timing requirements
must be met in addition to those specified above. The required timing relationship between the MCLK and LRCK
is shown in Figures 3. An MCLK rising edge cannot lead an LRCK transition by 6ns to 10ns.
1
128
()Fs
----------------------
1
64
()Fs
------------------
1
(512)Fs
1
(256)Fs


유사한 부품 번호 - CS53L32A-KZ

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS53L30 CIRRUS-CS53L30 Datasheet
3Mb / 67P
   Low-Power Quad-Channel Microphone ADC with TDM Output
More results

유사한 설명 - CS53L32A-KZ

제조업체부품명데이터시트상세설명
logo
Texas Instruments
PCM1804 TI1-PCM1804_14 Datasheet
611Kb / 36P
[Old version datasheet]   STEREO A/D CONVERTER
logo
Cirrus Logic
CS4327 CIRRUS-CS4327 Datasheet
1Mb / 36P
   Low Cost, 20-Bit, Stereo, Audio D/A Converter
logo
Texas Instruments
PCM1803 TI1-PCM1803_09 Datasheet
447Kb / 23P
[Old version datasheet]   96-kHz STEREO A/D CONVERTER
PCM1807 TI1-PCM1807_15 Datasheet
796Kb / 33P
[Old version datasheet]   96-kHz Stereo A/D Converter
logo
Jiaxing Heroic Technolo...
HT5010 HEROIC-HT5010 Datasheet
586Kb / 4P
   24-Bit, 192kHz Stereo D/A Converter
logo
Holtek Semiconductor In...
HT82V738 HOLTEK-HT82V738 Datasheet
120Kb / 9P
   24-Bit Stereo Audio D/A Converter
logo
Cirrus Logic
CS5333 CIRRUS-CS5333 Datasheet
375Kb / 20P
   24-Bit, 96 kHz Stereo A/D Converter?
logo
Unisonic Technologies
M1725 UTC-M1725_15 Datasheet
221Kb / 10P
   16-BIT,96KHZ STEREO AUDIO D/A CONVERTER
M4334 UTC-M4334_15 Datasheet
248Kb / 9P
   STEREO AUDIO D/A CONVERTER 24BITS,96KHZ SAMPLING
logo
Elite Semiconductor Mem...
AD12250A ESMT-AD12250A Datasheet
132Kb / 3P
   24 bit, 96 kHz Stereo A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com