전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI2318DS 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 SI2318DS
상세설명  N-Channel 40-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI2318DS 데이터시트(HTML) 2 Page - Vishay Siliconix

  SI2318DS Datasheet HTML 1Page - Vishay Siliconix SI2318DS Datasheet HTML 2Page - Vishay Siliconix SI2318DS Datasheet HTML 3Page - Vishay Siliconix SI2318DS Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Si2318DS
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 72322
S-31731—Rev. A, 18-Aug-03
SPECIFICATIONS (TA = 25_C UNLESS OTHERWISE NOTED)
Limits
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
40
V
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
1
3
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 32 V, VGS = 0 V
0.5
mA
Zero Gate Voltage Drain Current
IDSS
VDS = 32 V, VGS = 0 V, TJ = 55_C
10
mA
On-State Drain Currenta
ID(on)
VDS w 4.5 V, VGS = 10 V
6
A
Drain Source On Resistancea
rDS( )
VGS = 10 V, ID = 3.9 A
0.036
0.045
W
Drain-Source On-Resistancea
rDS(on)
VGS = 4.5 V, ID = 3.5 A
0.045
0.058
W
Forward Transconductancea
gfs
VDS = 10 V, ID = 3.9 A
11
S
Diode Forward Voltage
VSD
IS = 1.25 A, VGS = 0 V
0.8
1.2
V
Dynamicb
Total Gate Charge
Qg
10
15
Gate-Source Charge
Qgs
VDS = 20 V, VGS = 10 V, ID = 3.9 A
1.6
nC
Gate-Drain Charge
Qgd
DS
GS
D
2.1
Gate Resistance
Rg
1.8
W
Input Capacitance
Ciss
540
Output Capacitance
Coss
VDS = 20 V, VGS = 0 V, f = 1 MHz
80
pF
Reverse Transfer Capacitance
Crss
DS
GS
45
p
Switching
Turn-On Delay Time
td(on)
5
10
Rise Time
tr
VDD = 20 V, RL = 20 W
12
20
ns
Turn-Off Delay Time
td(off)
VDD = 20 V, RL = 20 W
ID ^ 1.0 A, VGEN = 10 V, RG = 6 W
20
30
ns
Fall-Time
tf
15
25
Notes
a.
Pulse test: PW v300 ms duty cycle v2%.
b.
Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
4
8
12
16
20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
4
8
12
16
20
02468
10
VGS = 10 thru 5 V
TC = 125_C
-55_C
4 V
25_C
Output Characteristics
Transfer Characteristics
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
3 V
1, 2 V


유사한 부품 번호 - SI2318DS

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI2318DS VISHAY-SI2318DS Datasheet
194Kb / 8P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 02-Feb-09
SI2318DS VISHAY-SI2318DS Datasheet
198Kb / 8P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 02-Feb-09
SI2318DS VISHAY-SI2318DS Datasheet
160Kb / 7P
   N-Channel 40-V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI2318DS-T1-GE3 VBSEMI-SI2318DS-T1-GE3 Datasheet
1Mb / 9P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI2318DS VISHAY-SI2318DS_13 Datasheet
194Kb / 8P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 02-Feb-09
More results

유사한 설명 - SI2318DS

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SIRA58DP VISHAY-SIRA58DP Datasheet
409Kb / 13P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 08-Feb-16
SUM90N04-3M3P VISHAY-SUM90N04-3M3P Datasheet
185Kb / 8P
   N-Channel 40 V (D-S) MOSFET
Rev. B, 02-Dec-13
logo
Analog Power
AM2340N ANALOGPOWER-AM2340N Datasheet
326Kb / 5P
   N-Channel 40-V (D-S) MOSFET
AM90N04-01P ANALOGPOWER-AM90N04-01P Datasheet
315Kb / 5P
   N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI7156DP VISHAY-SI7156DP Datasheet
108Kb / 7P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 09-Feb-09
SISS10DN VISHAY-SISS10DN Datasheet
330Kb / 9P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 08-Feb-16
logo
Analog Power
AM2344N ANALOGPOWER-AM2344N Datasheet
313Kb / 5P
   N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI2318CDS VISHAY-SI2318CDS Datasheet
236Kb / 10P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 04-Oct-10
SI4154DY VISHAY-SI4154DY Datasheet
91Kb / 7P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 01-Jun-09
SI4446DY VISHAY-SI4446DY Datasheet
265Kb / 9P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 02-Mar-09
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com