전자부품 데이터시트 검색엔진 |
|
SSD1852Z 데이터시트(PDF) 10 Page - List of Unclassifed Manufacturers |
|
SSD1852Z 데이터시트(HTML) 10 Page - List of Unclassifed Manufacturers |
10 / 55 page SSD1852 Rev 1.0 01/2003 SOLOMON 5 Table 2 - SSD1852 Bump Die Pad Coordinates Pad # Signal X-pos Y-pos Pad # Signal X-pos Y-pos Pad # Signal X-pos Y-pos 1 ROW124 -4763.1 -705.0 51 VCI -1028.9 -702.8 101 VL3 2781.1 -702.8 2 ROW125 -4700.1 -705.0 52 VSS -952.7 -702.8 102 VL3 2857.3 -702.8 3 ROW126 -4650.1 -705.0 53 VSS -876.5 -702.8 103 VL4 2933.5 -702.8 4 ROW127 -4600.1 -705.0 54 VSS -800.3 -702.8 104 VL4 3009.7 -702.8 5 ICONS -4550.1 -705.0 55 VSS -724.1 -702.8 105 VL4 3085.9 -702.8 6 TEST8 -4457.9 -702.8 56 VCC -647.9 -702.8 106 VL4 3162.1 -702.8 7 TEST9 -4381.7 -702.8 57 VCC -571.7 -702.8 107 VL5 3238.3 -702.8 8 TEST0 -4305.5 -702.8 58 VCC -495.5 -702.8 108 VL5 3314.5 -702.8 9 TEST1 -4229.3 -702.8 59 VCC -419.3 -702.8 109 VL5 3390.7 -702.8 10 TEST2 -4153.1 -702.8 60 C5P -343.1 -702.8 110 VL5 3466.9 -702.8 11 TEST3 -4076.9 -702.8 61 C5P -266.9 -702.8 111 VL6 3543.1 -702.8 12 TEST4 -4000.7 -702.8 62 C5P -190.7 -702.8 112 VL6 3619.3 -702.8 13 VDD -3924.5 -702.8 63 C3P -114.5 -702.8 113 VL6 3695.5 -702.8 14 TEST_IN0 -3848.3 -702.8 64 C3P -38.3 -702.8 114 VL6 3771.7 -702.8 15 VSS -3772.1 -702.8 65 C3P 37.9 -702.8 115 VR 3847.9 -702.8 16 PS0 -3695.9 -702.8 66 C3P 114.1 -702.8 116 VR 3924.1 -702.8 17 VDD -3619.7 -702.8 67 C1N 190.3 -702.8 117 TEST11 4000.3 -702.8 18 PS1 -3543.5 -702.8 68 C1N 266.5 -702.8 118 TEST12 4076.5 -702.8 19 VSS -3467.3 -702.8 69 C1N 342.7 -702.8 119 TEST13 4152.7 -702.8 20 CS -3391.1 -702.8 70 C1N 418.9 -702.8 120 OSC1 4228.9 -702.8 21 CS -3314.9 -702.8 71 C1P 495.1 -702.8 121 TEST5 4305.1 -702.8 22 RES -3238.7 -702.8 72 C1P 571.3 -702.8 122 TEST6 4381.3 -702.8 23 VDD -3162.5 -702.8 73 C1P 647.5 -702.8 123 TEST10 4457.5 -702.8 24 C / D -3086.3 -702.8 74 C1P 723.7 -702.8 124 TEST7 4544.9 -705.0 25 C / D -3010.1 -702.8 75 C2P 799.9 -702.8 125 ROW63 4599.9 -705.0 26 W / R ( WR ) -2933.9 -702.8 76 C2P 876.1 -702.8 126 ROW62 4649.9 -705.0 27 VSS -2857.7 -702.8 77 C2P 952.3 -702.8 127 ROW61 4699.9 -705.0 28 E( RD ) -2781.5 -702.8 78 C2P 1028.5 -702.8 128 ROW60 4762.9 -705.0 29 VDD -2705.3 -702.8 79 C2N 1104.7 -702.8 129 ROW59 5094.1 -713.0 30 D0 -2629.1 -702.8 80 C2N 1180.9 -702.8 130 ROW58 5094.1 -650.0 31 D1 -2552.9 -702.8 81 C2N 1257.1 -702.8 131 ROW57 5094.1 -600.0 32 D2 -2476.7 -702.8 82 C2N 1333.3 -702.8 132 ROW56 5094.1 -550.0 33 D3 -2400.5 -702.8 83 C4P 1409.5 -702.8 133 ROW55 5094.1 -500.0 34 D4 -2324.3 -702.8 84 C4P 1485.7 -702.8 134 ROW54 5094.1 -450.0 35 D5 -2248.1 -702.8 85 C4P 1561.9 -702.8 135 ROW53 5094.1 -400.0 36 D6 -2171.9 -702.8 86 C4P 1638.1 -702.8 136 ROW52 5094.1 -350.0 37 D6 -2095.7 -702.8 87 VDD 1714.3 -702.8 137 ROW51 5094.1 -300.0 38 D7 -2019.5 -702.8 88 REF 1790.5 -702.8 138 ROW50 5094.1 -250.0 39 D7 -1943.3 -702.8 89 VSS 1866.7 -702.8 139 ROW49 5094.1 -200.0 40 D7 -1867.1 -702.8 90 VEXT 1942.9 -702.8 140 ROW48 5094.1 -150.0 41 D7 -1790.9 -702.8 91 VDD 2019.1 -702.8 141 ROW47 5094.1 -100.0 42 VDD -1714.7 -702.8 92 INTRS 2095.3 -702.8 142 ROW46 5094.1 -50.0 43 VDD -1638.5 -702.8 93 VSS 2171.5 -702.8 143 ROW45 5094.1 0.0 44 VDD -1562.3 -702.8 94 VSS 2247.7 -702.8 144 ROW44 5094.1 50.0 45 VDD -1486.1 -702.8 95 VL2 2323.9 -702.8 145 ROW43 5094.1 100.0 46 VCI -1409.9 -702.8 96 VL2 2400.1 -702.8 146 ROW42 5094.1 150.0 47 VCI -1333.7 -702.8 97 VL2 2476.3 -702.8 147 ROW41 5094.1 200.0 48 VCI -1257.5 -702.8 98 VL2 2552.5 -702.8 148 ROW40 5094.1 250.0 49 VCI -1181.3 -702.8 99 VL3 2628.7 -702.8 149 ROW39 5094.1 300.0 50 VCI -1105.1 -702.8 100 VL3 2704.9 -702.8 150 ROW38 5094.1 350.0 |
유사한 부품 번호 - SSD1852Z |
|
유사한 설명 - SSD1852Z |