전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA1218N 데이터시트(PDF) 11 Page - Toshiba Semiconductor

부품명 TA1218N
상세설명  TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1218N 데이터시트(HTML) 11 Page - Toshiba Semiconductor

Back Button TA1218N Datasheet HTML 7Page - Toshiba Semiconductor TA1218N Datasheet HTML 8Page - Toshiba Semiconductor TA1218N Datasheet HTML 9Page - Toshiba Semiconductor TA1218N Datasheet HTML 10Page - Toshiba Semiconductor TA1218N Datasheet HTML 11Page - Toshiba Semiconductor TA1218N Datasheet HTML 12Page - Toshiba Semiconductor TA1218N Datasheet HTML 13Page - Toshiba Semiconductor TA1218N Datasheet HTML 14Page - Toshiba Semiconductor TA1218N Datasheet HTML 15Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
TA1218N/F
2000-09-11
11/40
Pin
No.
Name
Function
Interface
26
(24)
Sync out
This pin is for output a
self-diagnostic sync signal. The
signal separated from VinTV VinV1,
VinV2, Y/VinS1, Vout1, Vout2, Yout,
or Cout is outputted from this pin. In
addition, the signal derived from
Lout1, Rout1, Lout2, or Rout2 is also
output from this pin for use in audio
block diagnosis.
This is an open-collector output.
Make sure that the current flowing
into this pin is 2.0 mA or less.
27
(25)
Address
This is for an I
2
C bus slave address
select switch. The threshold level of
this pin is 2.25 V. The following lists
the addresses :
High : 92H (write), 93H (read)
Low : 90H (write), 91H (read)
28
(26)
VinV2
This pin is for input a composite
video signal from an external source
(V2 channel). This pin can also be
used for PIP signal input. The signal
fed into this pin is presented to
Vout1, Vout2, Yout, and Cout. The
same signal is also output from Det
Select as a sync separation signal.
The input dynamic range of this pin
is 2.0 Vp-p and the input resistance is
30 k
Ω.
29
(27)
LinV2
This pin is for input a left audio
signal from an external source (V2
channel). This pin can also be used
for PIP signal input. The signal fed
into this pin is presented to Lout1
and Lout2.
The input dynamic range of this pin
is 6.5 Vp-p and the input resistance is
70 k
Ω.
26
<Det in>
<Sound>
Output select
SW
(24)
60 k
27
Address
select SW
(25)
<Vout1>
<Yout>
<Cout>
1.5 k
28
<Vout2>
1.5 k
<Det Select>
1.5 k
(26)
<Lout1>
1.5 k
29
<Lout2>
1.5 k
(27)


유사한 부품 번호 - TA1218N

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TA1218A TAI-SAW-TA1218A Datasheet
162Kb / 8P
   SAW Filter 2436MHz
TA1218A TAI-SAW-TA1218A Datasheet
7Mb / 8P
   Your Best Partner For Frequency Devices
logo
Golledge Electronics Lt...
TA1218A GOLLEDGE-TA1218A Datasheet
231Kb / 6P
   SAW Filter 2436.0MHz
logo
Toshiba Semiconductor
TA1218ANG TOSHIBA-TA1218ANG Datasheet
985Kb / 40P
   Audio/Video Switching IC for TVs
logo
TAI-SAW TECHNOLOGY CO.,...
TA1218D TAI-SAW-TA1218D Datasheet
239Kb / 8P
   SAW Filter 2436 MHz
More results

유사한 설명 - TA1218N

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA8273H TOSHIBA-TA8273H Datasheet
249Kb / 13P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA2028F TOSHIBA-TA2028F Datasheet
495Kb / 8P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA6042FNG TOSHIBA-TA6042FNG Datasheet
328Kb / 10P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4019F TOSHIBA-TA4019F Datasheet
157Kb / 7P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8264AH TOSHIBA-TA8264AH Datasheet
234Kb / 14P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4018F TOSHIBA-TA4018F Datasheet
142Kb / 8P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8428K TOSHIBA-TA8428K Datasheet
260Kb / 12P
   TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
TA8696F TOSHIBA-TA8696F Datasheet
212Kb / 12P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4017FT TOSHIBA-TA4017FT Datasheet
94Kb / 6P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA1317AN TOSHIBA-TA1317AN Datasheet
888Kb / 59P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA1276AN TOSHIBA-TA1276AN Datasheet
1Mb / 86P
   TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com