전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA6142X 데이터시트(PDF) 8 Page - Siemens Semiconductor Group

부품명 TDA6142X
상세설명  SAT - IF -DEMODULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TDA6142X 데이터시트(HTML) 8 Page - Siemens Semiconductor Group

  TDA6142X Datasheet HTML 1Page - Siemens Semiconductor Group TDA6142X Datasheet HTML 2Page - Siemens Semiconductor Group TDA6142X Datasheet HTML 3Page - Siemens Semiconductor Group TDA6142X Datasheet HTML 4Page - Siemens Semiconductor Group TDA6142X Datasheet HTML 5Page - Siemens Semiconductor Group TDA6142X Datasheet HTML 6Page - Siemens Semiconductor Group TDA6142X Datasheet HTML 7Page - Siemens Semiconductor Group TDA6142X Datasheet HTML 8Page - Siemens Semiconductor Group TDA6142X Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image


유사한 부품 번호 - TDA6142X

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
TDA6142-5X SIEMENS-TDA6142-5X Datasheet
273Kb / 10P
   FM-Demodulator for SAT TV with Switchable Input
More results

유사한 설명 - TDA6142X

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HPMX-5002 HP-HPMX-5002 Datasheet
162Kb / 14P
   IF Modulator/Demodulator IC
logo
New Japan Radio
NJM2597 NJRC-NJM2597 Datasheet
248Kb / 16P
   455kHz INPUT FM IF DEMODULATOR
logo
TEMIC Semiconductors
TBA120T TEMIC-TBA120T Datasheet
78Kb / 4P
   FM IF amplifier and demodulator
logo
NXP Semiconductors
TDA8340 PHILIPS-TDA8340 Datasheet
111Kb / 14P
   Television IF amplifier and demodulator
November 1987
logo
New Japan Radio
NJM2590V-TE1 NJRC-NJM2590V-TE1 Datasheet
245Kb / 16P
   455kHz INPUT FM IF DEMODULATOR
logo
Intersil Corporation
HFA3726 INTERSIL-HFA3726 Datasheet
162Kb / 21P
   400MHz Quadrature IF Modulator/Demodulator
November 1999
logo
New Japan Radio
NJM2549 NJRC-NJM2549 Datasheet
246Kb / 18P
   WIDE BAND FM IF DEMODULATOR
logo
Siemens Semiconductor G...
TDA5930-5 SIEMENS-TDA5930-5 Datasheet
481Kb / 18P
   Video IF Amplifier and Demodulator
logo
NXP Semiconductors
TDA8349A PHILIPS-TDA8349A Datasheet
108Kb / 17P
   Multistandard IF amplifier and demodulator
February 1991
logo
New Japan Radio
NJM2550 NJRC-NJM2550 Datasheet
185Kb / 15P
   10.7MHz INPUT FM IF DEMODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com