전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDS7054 데이터시트(PDF) 6 Page - List of Unclassifed Manufacturers

부품명 TDS7054
상세설명  Digital Phosphor Oscilloscopes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

TDS7054 데이터시트(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button TDS7054 Datasheet HTML 2Page - List of Unclassifed Manufacturers TDS7054 Datasheet HTML 3Page - List of Unclassifed Manufacturers TDS7054 Datasheet HTML 4Page - List of Unclassifed Manufacturers TDS7054 Datasheet HTML 5Page - List of Unclassifed Manufacturers TDS7054 Datasheet HTML 6Page - List of Unclassifed Manufacturers TDS7054 Datasheet HTML 7Page - List of Unclassifed Manufacturers TDS7054 Datasheet HTML 8Page - List of Unclassifed Manufacturers TDS7054 Datasheet HTML 9Page - List of Unclassifed Manufacturers TDS7054 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Oscilloscopes
www.tektronix.com/tds7000B
6
Digital Phosphor Oscilloscopes
TDS7000B Series
Trigger Modes
Edge – Positive and/or negative slope on any
channel or front panel auxiliary input. Coupling
includes DC, AC, noise reject, HF reject and
LF reject.
Glitch – Trigger on or reject glitches of positive,
negative or either polarity. Minimum glitch width is
1.0 ns with 200 ps resolution (TDS7104/TDS7054).
Minimum glitch width is 170 ps (TDS7704B) or
225 ps (all other B models) with rearm time of
250 ps (B models).
Width – Trigger on width of positive or negative
pulse (down to 170 ps on B models) either within
or out of selectable time limits – 1 ns (TDS7104/
TDS7054) or 340 ps (B models) to 1 s.
Runt – Trigger on a pulse that crosses one threshold
but fails to cross a second threshold before crossing
the first again. Optional time qualification.
Timeout – Trigger on an event which remains high,
low or either, for a specified time period, selectable
from 1 ns (TDS7104/TDS7054) or 340 ps (B models)
to 1 s with 200 ps (TDS7104/TDS7054) or 100 ps
(B models).
Transition – Trigger on pulse edge rates that are
faster or slower than specified. Slope may be
positive, negative or either.
Setup/Hold – Trigger on violations of both setup
time and hold time between clock and data present
on any two input channels.
Pattern – Trigger when pattern goes false or stays
true for specified period of time. Pattern (AND, OR,
NAND, NOR) specified for four input channels
defined as HIGH, LOW or Don’t Care.
State – Any logical pattern of channels (1, 2, 3)
clocked by edge on channel 4. Trigger on rising or
falling clock edge.
Window – Trigger on an event that enters or exits
a window defined by two user-adjustable thresholds.
Event can be time or logic qualified (B models only).
Logic Qualified Trigger applicable to Glitch, Width,
Runt, Timeout, Transition, Setup/Hold, Window
triggers – Trigger on the specified event only if the
logic state defined with the remaining unused chan-
nels occurs (B models only).
Trigger Delay by Time – 16 ns (5 ns for B models)
to 250 seconds.
Trigger Delay by Events – 1 to 10,000,000 Events.
Clock Recovery System (Option SM, ST)
TDS7154B/TDS7254B/TDS7404B/TDS7704B
Clock Recovery Phase Locked Loop Bandwidth
Fbaud/1600 typical
Tracking/Acquisition Range
±2% of requested baud
Clock Recovery Jitter (typical)
0.25% period +5 ps
RMS for PRBS data pattern or 4 psRMS for repeating “011” data patterns
Input Sensitivity for Clock Recovery
1 division peak-to-peak displayed signal
Input Data Rates
1.5 Mbaud to 3.125 Gbaud


유사한 부품 번호 - TDS7054

제조업체부품명데이터시트상세설명
logo
TEKTRONIX, INC.
TDS700 TEKTRONIX-TDS700 Datasheet
202Kb / 4P
   Differential Preamplifier
TDS7000 TEKTRONIX-TDS7000 Datasheet
202Kb / 4P
   Differential Preamplifier
More results

유사한 설명 - TDS7054

제조업체부품명데이터시트상세설명
logo
TEKTRONIX, INC.
DPO7000C TEKTRONIX-DPO7000C Datasheet
3Mb / 28P
   Digital Phosphor Oscilloscopes
logo
List of Unclassifed Man...
TDS3000C ETC2-TDS3000C Datasheet
919Kb / 14P
   Digital Phosphor Oscilloscopes
TDS3012B ETC1-TDS3012B Datasheet
433Kb / 8P
   DIGITAL PHOSPHOR OSCILLOSCOPES
TDS5000B ETC1-TDS5000B Datasheet
167Kb / 12P
   Digital Phosphor Oscilloscopes
logo
TEKTRONIX, INC.
TDS3000C TEKTRONIX-TDS3000C Datasheet
711Kb / 12P
   Digital Phosphor Oscilloscopes
logo
List of Unclassifed Man...
TBS1000 ETC2-TBS1000 Datasheet
1Mb / 12P
   Digital Storage Oscilloscopes
2550SERIES ETC2-2550SERIES Datasheet
379Kb / 6P
   Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
TDS2000C TEKTRONIX-TDS2000C Datasheet
930Kb / 10P
   Digital Storage Oscilloscopes
logo
Keysight Technologies
U1604B KEYSIGHT-U1604B Datasheet
498Kb / 12P
   Handheld Digital Oscilloscopes
logo
List of Unclassifed Man...
TPS2000B ETC2-TPS2000B Datasheet
873Kb / 14P
   Digital Storage Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com