전자부품 데이터시트 검색엔진 |
|
LTL-307Y08A-D 데이터시트(PDF) 4 Page - Lite-On Technology Corporation |
|
LTL-307Y08A-D 데이터시트(HTML) 4 Page - Lite-On Technology Corporation |
4 / 6 page L I T E - O N E L E C T R O N I C S , I N C . P r o p e r t y o f L i t e - O n O n l y Electrical Optical Characteristics at Ta=25℃ Parameter Symbol Min. Typ. Max. Unit Test Condition Luminous Intensity IV 8.7 29 mcd IF = 10mA Note 1,4 Viewing Angle 2θ1/2 50 deg Note 2 (Fig.6) Peak Emission Wavelength λp 585 nm Measurement @Peak (Fig.1) Dominant Wavelength λd 588 nm Note 3 Spectral Line Half-Width Δλ 35 nm Forward Voltage VF 2.1 2.6 V IF = 20mA Reverse Current IR 100 μA VR = 5V Capacitance C 15 P F VF = 0 , f = 1MHZ Note: 1. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE eye-response curve. 2. θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity. 3. The dominant wavelength, λd is derived from the CIE chromaticity diagram and represents the single wavelength which defines the color of the device. 4. Iv needs ±15% additionary for guaranteed limits. Part No. : LTL-307Y08A-D Page : 3 of 5 BNS-OD-C131/A4 |
유사한 부품 번호 - LTL-307Y08A-D |
|
유사한 설명 - LTL-307Y08A-D |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |