전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTL-403G-DL 데이터시트(PDF) 7 Page - Lite-On Technology Corporation

부품명 LTL-403G-DL
상세설명  Through Hole Lamp
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITEON [Lite-On Technology Corporation]
홈페이지  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL-403G-DL 데이터시트(HTML) 7 Page - Lite-On Technology Corporation

Back Button LTL-403G-DL Datasheet HTML 3Page - Lite-On Technology Corporation LTL-403G-DL Datasheet HTML 4Page - Lite-On Technology Corporation LTL-403G-DL Datasheet HTML 5Page - Lite-On Technology Corporation LTL-403G-DL Datasheet HTML 6Page - Lite-On Technology Corporation LTL-403G-DL Datasheet HTML 7Page - Lite-On Technology Corporation LTL-403G-DL Datasheet HTML 8Page - Lite-On Technology Corporation LTL-403G-DL Datasheet HTML 9Page - Lite-On Technology Corporation LTL-403G-DL Datasheet HTML 10Page - Lite-On Technology Corporation LTL-403G-DL Datasheet HTML 11Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
LITE-ON TECHNOLOGY CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Bin Table Specification
Luminous Intensity Iv(mcd)
IF@10mA
Bin Code
Min.
Max.
I1
5.6
8.74
I2
3.75
5.6
Note: Tolerance of each bin limit is ±15%
Dominant Wavelength Hue(nm)
IF@10mA
Bin Code
Min.
Max.
G2
566
568
G1
564
566
Note: Tolerance of each bin limit is ±1nm
Part No. : LTL-403G-DL
Page :
6
of
10
BNS-OD-C131/A4


유사한 부품 번호 - LTL-403G-DL

제조업체부품명데이터시트상세설명
logo
Lite-On Technology Corp...
LTL-403G LITEON-LTL-403G Datasheet
499Kb / 8P
   Through Hole Lamp
More results

유사한 설명 - LTL-403G-DL

제조업체부품명데이터시트상세설명
logo
Lite-On Technology Corp...
LTL-433G LITEON-LTL-433G Datasheet
431Kb / 5P
   Through Hole Lamp
LTL-433G-012A LITEON-LTL-433G-012A Datasheet
456Kb / 6P
   Through Hole Lamp
LTL-709Y LITEON-LTL-709Y Datasheet
415Kb / 5P
   Through Hole Lamp
LTL793RQ3KJP1 LITEON-LTL793RQ3KJP1 Datasheet
548Kb / 10P
   Through Hole Lamp
LTL-816GE-004A LITEON-LTL-816GE-004A Datasheet
1Mb / 12P
   Through Hole Lamp
LTW-42NDP3ZT-0D2A LITEON-LTW-42NDP3ZT-0D2A Datasheet
424Kb / 12P
   Through Hole Lamp
LTW-42NDP4H61 LITEON-LTW-42NDP4H61 Datasheet
478Kb / 10P
   Through Hole Lamp
LTW-42NDQ9H184 LITEON-LTW-42NDQ9H184 Datasheet
667Kb / 11P
   Through Hole Lamp
LTW-87HD4B-032A LITEON-LTW-87HD4B-032A Datasheet
445Kb / 11P
   Through Hole Lamp
LTW-420C5 LITEON-LTW-420C5 Datasheet
458Kb / 9P
   Through Hole Lamp
LTW-1KHDS5Z LITEON-LTW-1KHDS5Z Datasheet
487Kb / 10P
   Through Hole Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com