전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLG46108 데이터시트(PDF) 39 Page - Dialog Semiconductor

부품명 SLG46108
상세설명  GreenPAK Ultra-small Programmable Mixed-signal Matrix
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIALOG [Dialog Semiconductor]
홈페이지  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46108 데이터시트(HTML) 39 Page - Dialog Semiconductor

Back Button SLG46108 Datasheet HTML 35Page - Dialog Semiconductor SLG46108 Datasheet HTML 36Page - Dialog Semiconductor SLG46108 Datasheet HTML 37Page - Dialog Semiconductor SLG46108 Datasheet HTML 38Page - Dialog Semiconductor SLG46108 Datasheet HTML 39Page - Dialog Semiconductor SLG46108 Datasheet HTML 40Page - Dialog Semiconductor SLG46108 Datasheet HTML 41Page - Dialog Semiconductor SLG46108 Datasheet HTML 42Page - Dialog Semiconductor SLG46108 Datasheet HTML 43Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 70 page
background image
000-0046108-108
Page 38 of 69
SLG46108
10.3.1 3-Bit LUT or Pipe Delay Macrocells Used as 3-Bit LUTs
Each Macrocell, when programmed for a LUT function, uses a 8-bit register to define their output function:
3-Bit LUT4 is defined by reg <265:258>
10.3.2 3-Bit LUT or Pipe Delay Macrocells Used as Pipe Delay Register Settings
Table 34. Pipe Delay Register Settings
Signal Function
Register Bit
Address
Register Definition
OUT0 select
reg <260:258>
data (pipe number)
OUT1 select
reg <263:261>
data (pipe number)
LUT3_4 or pipe de-
lay output select
reg <268>
0: LUT3_4
1: pipe delay
Table 33. 3-bit LUT4 Truth Table
IN2
IN1
IN0
OUT
0
0
0
reg <258>
LSB
0
0
1
reg <259>
0
1
0
reg <260>
0
1
1
reg <261>
1
0
0
reg <262>
1
0
1
reg <263>
1
1
0
reg <264>
1
1
1
reg <265>
MSB


유사한 부품 번호 - SLG46108

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
SLG46108 RENESAS-SLG46108 Datasheet
1Mb / 72P
   Ultra-small Programmable Mixed-signal Matrix
March 9, 2023
More results

유사한 설명 - SLG46108

제조업체부품명데이터시트상세설명
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46533 DIALOG-SLG46533 Datasheet
1Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix
SLG46811 DIALOG-SLG46811 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-Signal Matrix
SLG46855 DIALOG-SLG46855 Datasheet
1Mb / 200P
   GreenPAK Programmable Mixed-Signal Matrix
logo
Renesas Technology Corp
SLG46811 RENESAS-SLG46811 Datasheet
2Mb / 172P
   GreenPAK Programmable Mixed-Signal Matrix
27-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com