전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP260J 데이터시트(PDF) 3 Page - Toshiba Semiconductor

부품명 TLP260J
상세설명  TOSHIBA Photocoupler GaAs IRED&Photo-triac
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP260J 데이터시트(HTML) 3 Page - Toshiba Semiconductor

  TLP260J Datasheet HTML 1Page - Toshiba Semiconductor TLP260J Datasheet HTML 2Page - Toshiba Semiconductor TLP260J Datasheet HTML 3Page - Toshiba Semiconductor TLP260J Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TLP260J
2002-01-17
3
Individual Electrical Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Forward voltage
VF
IF = 10 mA
1.0
1.15
1.3
V
Reverse current
IR
VR = 5 V
¾
¾
10
mA
Capacitance
CT
V
= 0, f = 1 MHz
¾
30
¾
pF
Peak OFF-state current
IDRM
VDRM = 600 V
¾
10
1000
nA
Peak ON-state voltage
VTM
ITM = 70 mA
¾
1.7
2.8
V
Holding current
IH
¾
¾
1.0
¾
mA
Critical rate of rise
of OFF-state voltage
dv/dt
Vin = 240 V, Ta = 85°C
(Note2)
¾
500
¾
V/
ms
Critical rate of rise
of commutating voltage
dv/dt (c)
Vin = 60 Vrms, IT = 15 mA (Note2)
¾
0.2
¾
V/
ms
Coupled Electrical Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Trigger LED current
IFT
VT = 6 V
¾
¾
10
mA
Capacitance input to output
CS
VS = 0, f = 1 MHz
¾
0.8
¾
pF
Isolation resistance
RS
VS = 500 V, RH <= 60%
5
´ 10
10
10
14
¾
W
AC, 1 min.
3000
¾
¾
AC, 1 s, in oil
¾
5000
¾
Vrms
Isolation voltage
BVS
DC, 1 min., in oil
¾
5000
¾
Vdc
Turn-on time
tON
VD = 6 ® 4 V, RL = 100 W,
IF = Rated IFT ´ 1.5
¾
30
100
ms
Note 2: dv/dt test circuit
dv/dt (c)
5 V, VCC
0 V
dv/dt
RL
1
3
Rin
4
6
+
-
120
W
Vin
4 k
W
VCC


유사한 부품 번호 - TLP260J

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP260J TOSHIBA-TLP260J Datasheet
199Kb / 6P
   GaAs IRED Photo-Triac
TLP260J TOSHIBA-TLP260J_07 Datasheet
199Kb / 6P
   GaAs IRED Photo-Triac
More results

유사한 설명 - TLP260J

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP160J TOSHIBA-TLP160J_07 Datasheet
189Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP3030 TOSHIBA-TLP3030 Datasheet
184Kb / 6P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
TLP3503 TOSHIBA-TLP3503 Datasheet
166Kb / 6P
   TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP525G TOSHIBA-TLP525G Datasheet
578Kb / 6P
   TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP3064 TOSHIBA-TLP3064 Datasheet
169Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP665J TOSHIBA-TLP665J Datasheet
259Kb / 6P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
TLP161G TOSHIBA-TLP161G Datasheet
178Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP3502 TOSHIBA-TLP3502 Datasheet
156Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP668J TOSHIBA-TLP668J Datasheet
137Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP3526 TOSHIBA-TLP3526 Datasheet
167Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com