전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PE7048-10 데이터시트(PDF) 2 Page - Pasternack Enterprises, Inc.

부품명 PE7048-10
상세설명  10 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PASTERNACK [Pasternack Enterprises, Inc.]
홈페이지  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7048-10 데이터시트(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE7048-10_16 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7048-10_16 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7048-10_16 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Mechanical Specifications
Size
Length
2.41 in [61.21 mm]
Width/Diameter
1 in [25.4 mm]
.
Weight
0.158 lbs [71.67 g]
Body Material and Plating
Black Anodized Aluminum Heatsink
Configuration
Design
Fixed, Bidirectional
Package Style
Connectorized Module
Connectors
Description
Connector 1
Connector 2
Type
N Male
N Female
Connector Specification
MIL-STD-348
MIL-STD-348
Contact Material and Plating
Beryllium Copper, Gold
Beryllium Copper, Gold
Body Material and Plating
Passivated Stainless Steel
Passivated Stainless Steel
.
Environmental Specifications
Temperature
Operating Range
-65 to +125 deg C
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2015
Plotted and Other Data
Notes:
10 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body Rated to 10 Watts Up to 12.4 GHz
from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter
wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 10 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body Rated to
10 Watts Up to 12.4 GHz
PE7048-10
URL:
http://www.pasternack.com/10db-fixed-n-male-n-female-10-watts-attenuator-pe7048-10-p.aspx
PE7048-10 REV 1.1
RF Fixed Attenuators Technical Data Sheet
PE7048-10
10 dB Fixed Attenuator, N Male to N Female Black Anodized
Aluminum Heatsink Body Rated to 10 Watts Up to 12.4 GHz


유사한 부품 번호 - PE7048-10_16

제조업체부품명데이터시트상세설명
logo
Pasternack Enterprises,...
PE7048-10 PASTERNACK-PE7048-10 Datasheet
223Kb / 3P
   10 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To 10 Watts Up To 12.4 GHz
More results

유사한 설명 - PE7048-10_16

제조업체부품명데이터시트상세설명
logo
Pasternack Enterprises,...
PE7015-10 PASTERNACK-PE7015-10_16 Datasheet
239Kb / 3P
   10 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
PE7017-10 PASTERNACK-PE7017-10_16 Datasheet
241Kb / 3P
   10 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
PE7010-10 PASTERNACK-PE7010-10_16 Datasheet
241Kb / 4P
   10 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
PE7014-10 PASTERNACK-PE7014-10_16 Datasheet
234Kb / 3P
   10 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
PE7085-10 PASTERNACK-PE7085-10 Datasheet
243Kb / 4P
   10 dB Fixed Attenuator, N Male to N Female Directional Black Anodized Aluminum Heatsink Body
PE7021-10 PASTERNACK-PE7021-10_16 Datasheet
260Kb / 3P
   10 dB Fixed Attenuator, N Male to N Female Directional Black Anodized Aluminum Heatsink Body
PE7031-10 PASTERNACK-PE7031-10_16 Datasheet
259Kb / 3P
   10 dB Fixed Attenuator, N Male to N Female Directional Black Anodized Aluminum Heatsink Body
PE7019-10 PASTERNACK-PE7019-10_16 Datasheet
259Kb / 3P
   10 dB Fixed Attenuator, N Male to N Female Directional Black Anodized Aluminum Heatsink Body
PE7017-30 PASTERNACK-PE7017-30_16 Datasheet
241Kb / 3P
   30 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
PE7010-40 PASTERNACK-PE7010-40_16 Datasheet
241Kb / 4P
   40 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com