전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLG46200 데이터시트(PDF) 40 Page - Dialog Semiconductor

부품명 SLG46200
상세설명  GreenPAK Programmable Mixed Signal Array
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIALOG [Dialog Semiconductor]
홈페이지  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46200 데이터시트(HTML) 40 Page - Dialog Semiconductor

Back Button SLG46200 Datasheet HTML 36Page - Dialog Semiconductor SLG46200 Datasheet HTML 37Page - Dialog Semiconductor SLG46200 Datasheet HTML 38Page - Dialog Semiconductor SLG46200 Datasheet HTML 39Page - Dialog Semiconductor SLG46200 Datasheet HTML 40Page - Dialog Semiconductor SLG46200 Datasheet HTML 41Page - Dialog Semiconductor SLG46200 Datasheet HTML 42Page - Dialog Semiconductor SLG46200 Datasheet HTML 43Page - Dialog Semiconductor SLG46200 Datasheet HTML 44Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 69 page
background image
000-0046200-124
Page 35 of 64
SLG46200
15.0 RC Oscillator (RC OSC)
The RC Oscillator (RC OSC) of the SLG46200 provides an internal clock to the ADC, PWM, DLYs and Counters. It has a
frequency range of 43kHz – 7.8MHz which can be adjusted by setting VREF and IBIAS.
15.1 RC Oscillator Functional Diagram
15.2 RCO Frequency Control
The RCO produces an output timing signal that has a pulse width of 5 or 10ns depending on the clock frequency.
If Clock Frequency > 1MHz, then the pulse width is set to 5ns
If Clock Frequency < 1MHz, then the pulse width is set to 10ns
The frequency is set based on the RCO_Vref_sel, RCO_Ibias_sel and the RCO_fs signals. The following table shows the various
output frequencies of the four registers.
Figure 21. RC Oscillator Functional Diagram
RC Oscillator
CLK4ADC
ADC
PWM
Delay 0/1/2
Counter 0/2
CLK4PWM
CLK4DLY
CLK
reg <465>
reg <356>
reg <355:354>
reg <418>
reg <417>
cnt1_cki_ext
RCO_force
RCO_fs
RCO_Ibias_sel
RCO_Vref_sel
RCO_clk_sel
PIN 2
Counter 1
CLK
CLK/4
CLK/8
CLK/12
/64


유사한 부품 번호 - SLG46200

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
SLG46200 RENESAS-SLG46200 Datasheet
1Mb / 70P
   GreenPAKTM Programmable Mixed Signal Array
August 8, 2014
SLG46200V RENESAS-SLG46200V Datasheet
1Mb / 70P
   GreenPAKTM Programmable Mixed Signal Array
August 8, 2014
SLG46200VTR RENESAS-SLG46200VTR Datasheet
1Mb / 70P
   GreenPAKTM Programmable Mixed Signal Array
August 8, 2014
More results

유사한 설명 - SLG46200

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
SLG46721 RENESAS-SLG46721 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed Signal Array
March 10, 2023
SLG46722 RENESAS-SLG46722 Datasheet
1Mb / 88P
   GreenPAK Programmable Mixed Signal Array
March 10, 2023
logo
Dialog Semiconductor
SLG46400 DIALOG-SLG46400 Datasheet
1Mb / 95P
   GreenPAK 2TM Rev.B Programmable Mixed Signal Array
logo
Renesas Technology Corp
SLG46400 RENESAS-SLG46400 Datasheet
1Mb / 96P
   GreenPAK 2TM Rev. B Programmable Mixed Signal Array
November 15, 2018
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com