전자부품 데이터시트 검색엔진 |
|
SLG46200 데이터시트(PDF) 6 Page - Dialog Semiconductor |
|
SLG46200 데이터시트(HTML) 6 Page - Dialog Semiconductor |
6 / 69 page 000-0046200-124 Page 1 of 64 SLG46200 1.0 Overview The SLG46200 provides a small, low power component for commonly used mixed-signal functions. The user creates their circuit design by programming the one time Non-Volatile Memory (NVM) to configure interconnect logic, I/O Pins and macro cells of the SLG46200. This highly versatile device allows a wide variety of mixed-signal functions to be designed within a very small, low power single integrated circuit. The macro cells in the device include the following: • Pulse Width Modulator (PWM) • 8-Bit Successive Approximation Register Analog to Digital Converter (SAR ADC) • Serial to Parallel Converter (S2P) • Power-On Reset Device (POR) • Voltage Reference (VREF) • RC Oscillator (RC OSC) • 3 Counter/Delay Generators (CNT/DLY) • 3 D Flip-Flop/Latches (DFF) • 2 Digital Comparators (DCMP) • 2 Analog Comparators (ACMP) • 7 Combinatorial Lookup Tables (LUT) • Configurable I/O Pins (Open Drain, Push-Pull, Schmitt Trigger Input, Low Voltage Digital Input and Analog I/O) The specific functions that can be designed using the SLG46200 include: • Power-On-Reset Generators • Signal Delay Elements • One-Shot Detection • Voltage Level Detectors • Voltage Level-Shift Circuits • Battery Charge Controller • LED Lighting Control • Fan Controller • Optical Encoder • Level Shifters • Hall Effect Driver • Signal De-Glitches • and many other functions The PWM and ADC macro cells also support more complex control circuits such fan speed controllers, stepper motor controllers and interface to a wide variety of sensor devices. Traditionally these devices were designed from combinations of low complexity logic and discrete devices requiring costly board space while having complex testing strategies. Silego’s SLG46200 allows the functionality of these circuits to be fully tested before being mounted onto a PCB – greatly simplifying the system design and testing procedures. |
유사한 부품 번호 - SLG46200 |
|
유사한 설명 - SLG46200 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |