전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLG46200 데이터시트(PDF) 65 Page - Dialog Semiconductor

부품명 SLG46200
상세설명  GreenPAK Programmable Mixed Signal Array
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIALOG [Dialog Semiconductor]
홈페이지  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46200 데이터시트(HTML) 65 Page - Dialog Semiconductor

Back Button SLG46200 Datasheet HTML 61Page - Dialog Semiconductor SLG46200 Datasheet HTML 62Page - Dialog Semiconductor SLG46200 Datasheet HTML 63Page - Dialog Semiconductor SLG46200 Datasheet HTML 64Page - Dialog Semiconductor SLG46200 Datasheet HTML 65Page - Dialog Semiconductor SLG46200 Datasheet HTML 66Page - Dialog Semiconductor SLG46200 Datasheet HTML 67Page - Dialog Semiconductor SLG46200 Datasheet HTML 68Page - Dialog Semiconductor SLG46200 Datasheet HTML 69Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 65 / 69 page
background image
000-0046200-124
Page 60 of 64
SLG46200
reg<355:354>
Internal OSC current select
00: 0.5
μA
01: 1
μA
10: 2
μA
11: 10
μA
reg<356>
Internal OSC VREF select:
0: 1.5V
1: 0.5V
reg<357>
PGA gain to ACMP0 input enable
0: Disable
1: Enable
reg<361:358>
ACMP0 VREF select:
0000: 50mV
1000: 600mV
0001: 100mV
1001: 700mV
0010: 150mV
1010: 800mV
0011: 200mV
1011: 900mV
0100: 250mV
1100: 1100mV
0101: 300mV
1101: 1300mV
0110: 400mV
1110: 1500mV
0111: 500mV
1111: Ext_Vref (PIN 8)
reg<362>
ADC's DAC VREF feedback select
0: Normal
1: 0.5x gain
reg<366:363>
ACMP1 VREF select:
0000: 50mV
1000: 600mV
0001: 100mV
1001: 700mV
0010: 150mV
1010: 800mV
0011: 200mV
1011: 900mV
0100: 250mV
1100: 1100mV
0101: 300mV
1101: 1300mV
0110: 400mV
1110: 1500mV
0111: 500mV
1111: Ext_Vref (PIN 8)
reg<367>
VREF output buffer enable
0: VREF output through buffer
1: VREFoutput not through buffer
reg<368>
VREF output source select
0: ACMP0's VREF
1: VDD/2
reg<369>
ACMP0 hysteresis enable
0: Disable
1: Enable
reg<370>
ACMP1 hysteresis enable
0: Disable
1: Enable
reg<371>
ADC pseudo diff input enable under diff mode
0: Disable
1: Enable
reg<373:372>
PIN 3 digital out source selection
00/01: From connection matrix output <12>
10: S2P serial output data
11: ADC serial output data
reg<374>
S2P in/out mode control
0: S2P serial input mode
1: P2S serial output mode
reg<382:375>
Digital comparator negative port input (in2 of DCMP0 and in3 of DCMP1)
reg<390:383>
Digital comparator negative port input (in3 of DCMP0 and in4 of DCMP1)
reg<398:391>
Digital comparator negative port input (in4 of DCMP0 and in2 of DCMP1)
Bit Address
Definition


유사한 부품 번호 - SLG46200

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
SLG46200 RENESAS-SLG46200 Datasheet
1Mb / 70P
   GreenPAKTM Programmable Mixed Signal Array
August 8, 2014
SLG46200V RENESAS-SLG46200V Datasheet
1Mb / 70P
   GreenPAKTM Programmable Mixed Signal Array
August 8, 2014
SLG46200VTR RENESAS-SLG46200VTR Datasheet
1Mb / 70P
   GreenPAKTM Programmable Mixed Signal Array
August 8, 2014
More results

유사한 설명 - SLG46200

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
SLG46721 RENESAS-SLG46721 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed Signal Array
March 10, 2023
SLG46722 RENESAS-SLG46722 Datasheet
1Mb / 88P
   GreenPAK Programmable Mixed Signal Array
March 10, 2023
logo
Dialog Semiconductor
SLG46400 DIALOG-SLG46400 Datasheet
1Mb / 95P
   GreenPAK 2TM Rev.B Programmable Mixed Signal Array
logo
Renesas Technology Corp
SLG46400 RENESAS-SLG46400 Datasheet
1Mb / 96P
   GreenPAK 2TM Rev. B Programmable Mixed Signal Array
November 15, 2018
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com