전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLG46534 데이터시트(PDF) 97 Page - Dialog Semiconductor

부품명 SLG46534
상세설명  GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
Download  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIALOG [Dialog Semiconductor]
홈페이지  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46534 데이터시트(HTML) 97 Page - Dialog Semiconductor

Back Button SLG46534 Datasheet HTML 93Page - Dialog Semiconductor SLG46534 Datasheet HTML 94Page - Dialog Semiconductor SLG46534 Datasheet HTML 95Page - Dialog Semiconductor SLG46534 Datasheet HTML 96Page - Dialog Semiconductor SLG46534 Datasheet HTML 97Page - Dialog Semiconductor SLG46534 Datasheet HTML 98Page - Dialog Semiconductor SLG46534 Datasheet HTML 99Page - Dialog Semiconductor SLG46534 Datasheet HTML 100Page - Dialog Semiconductor SLG46534 Datasheet HTML 101Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 172 page
background image
SLG46534_DS_107
Page 96 of 171
SLG46534
10.4 ACMP1 Register Settings
Table 77. ACMP1 Register Settings
Signal Function
Register Bit
Address
Register Definition
ACMP1 100 µA
Current Source
Enable
reg<1183>
0: Disable
1: Enable
ACMP1 Positive
Input Source Select
reg<1168>
0: IO8
1: ACMP0 IN+ source
ACMP1 Analog
Buffer Enable (max.
band width 1 MHz)
reg<1169>
0: Disable analog buffer
1: Enable analog buffer
ACMP1 Hysteresis
Enable
reg<1171:1170> 00: Disabled (0 mV)
01: Enabled (25 mV)
10: Enabled (50 mV)
11: Enabled (200 mV)
(01: for both external & internal VREF; 10 & 11: for only internal VREF; External VREF
will not have 50 mV & 200 mV hysteresis)
ACMP1 Wake &
Sleep function
Enable
reg<1491>
0: Disable
1: Enable
ACMP1 Negative
Input Voltage Select
reg<1636:1632>
00000: 50 mV
00001: 100 mV
00010: 150 mV
00011: 200 mV
00100: 250 mV
00101: 300 mV
00110: 350 mV
00111: 400 mV
01000: 450 mV
01001: 500 mV
01010: 550 mV
01011: 600 mV
01100: 650 mV
01101: 700 mV
01110: 750 mV
01111: 800 mV
10000: 850 mV
10001: 900 mV
10010: 950 mV
10011: 1 V
10100: 1.05 V
10101: 1.1 V
10110: 1.15 V
10111: 1.2 V
11000: VDD/3
11001: VDD/4
11010: PIN10: EXT_VREF
11011: PIN10: EXT_VREF
11100: PIN10: EXT_VREF/2
11101: PIN10: EXT_VREF/2
ACMP1 Positive
Input Divider
reg<1638:1637> 00: 1.00X
01: 0.50X
10: 0.33X
11: 0.25X
ACMP1 Low
Bandwidth (Max: 1
MHz) Enable
reg<1639>
0: Off
1: On


유사한 부품 번호 - SLG46534

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
SLG46534 RENESAS-SLG46534 Datasheet
2Mb / 177P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
March 3, 2023
SLG46534V RENESAS-SLG46534V Datasheet
2Mb / 177P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
March 3, 2023
SLG46534VTR RENESAS-SLG46534VTR Datasheet
2Mb / 177P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
March 3, 2023
More results

유사한 설명 - SLG46534

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
SLG46531 RENESAS-SLG46531 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
November 14, 2018
SLG46534 RENESAS-SLG46534 Datasheet
2Mb / 177P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
March 3, 2023
SLG46537 RENESAS-SLG46537 Datasheet
3Mb / 197P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
March 3, 2023
SLG46538 RENESAS-SLG46538 Datasheet
3Mb / 209P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and DualSupply
March 9, 2023
SLG46580 RENESAS-SLG46580 Datasheet
2Mb / 204P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and LDOs
March 3, 2023
logo
Dialog Semiconductor
SLG46535 DIALOG-SLG46535 Datasheet
1Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
logo
Renesas Technology Corp
SLG46880 RENESAS-SLG46880 Datasheet
4Mb / 354P
   GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
1-Mar-2023
SLG46532 RENESAS-SLG46532 Datasheet
2Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
October 20, 2016
SLG46535 RENESAS-SLG46535 Datasheet
2Mb / 189P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
March 9, 2023
logo
Dialog Semiconductor
SLG46532 DIALOG-SLG46532 Datasheet
2Mb / 184P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com