전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLG46535 데이터시트(PDF) 82 Page - Dialog Semiconductor

부품명 SLG46535
상세설명  GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
Download  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIALOG [Dialog Semiconductor]
홈페이지  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46535 데이터시트(HTML) 82 Page - Dialog Semiconductor

Back Button SLG46535 Datasheet HTML 78Page - Dialog Semiconductor SLG46535 Datasheet HTML 79Page - Dialog Semiconductor SLG46535 Datasheet HTML 80Page - Dialog Semiconductor SLG46535 Datasheet HTML 81Page - Dialog Semiconductor SLG46535 Datasheet HTML 82Page - Dialog Semiconductor SLG46535 Datasheet HTML 83Page - Dialog Semiconductor SLG46535 Datasheet HTML 84Page - Dialog Semiconductor SLG46535 Datasheet HTML 85Page - Dialog Semiconductor SLG46535 Datasheet HTML 86Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 185 page
background image
SLG46535_DS_106
Page 81 of 184
SLG46535
Table 62. CNT/DLY4 Register Settings
Signal Function
Register Bit
Address
Register Definition
LUT3_7 or
Counter4 Select
reg<1196>
0: LUT3_7
1: Counter4
Delay4 Mode Select
or asynchronous
counter reset
reg<1289:1288> 00: on both falling and rising edges (for delay & counter reset)
01: on falling edge only (for delay & counter reset)
10: on rising edge only (for delay & counter reset)
11: no delay on either falling or rising edges / counter high level reset
Counter/delay4
Clock Source Select
reg<1292:1290> 000: Internal OSC clock
001: OSC/4
010: OSC/12
011: OSC/24
100: OSC/64
101: 25 MHz OSC clock
110: External Clock
111: Counter3 Overflow
Counter/delay4
Output Selection for
Counter mode
reg<1293>
0: Default Output
1: Edge Detector Output
Counter/delay4
Mode Selection
reg<1295:1294> 00: Delay mode
01: One Shot
10: Freq. Detect
11: Counter mode
Counter/delay4
Control Data
reg<1559:1552> 1 – 255
Table 63. CNT/DLY5 Register Settings
Signal Function
Register Bit
Address
Register Definition
LUT3_8 or
Counter5 Select
reg<1195>
0: LUT3_8
1: Counter5
Delay5 Mode Select
or asynchronous
counter reset
reg<1297:1296> 00: on both falling and rising edges (for delay & counter reset)
01: on falling edge only (for delay & counter reset)
10: on rising edge only (for delay & counter reset)
11: no delay on either falling or rising edges / counter high level reset
Counter/delay5
Clock Source Select
reg<1300:1298> 000: Internal OSC clock
001: OSC/4
010: OSC/12
011: OSC/24
100: OSC/64
101: 25 MHz OSC clock
110: External Clock
111: Counter4 Overflow
Counter/delay5
Output Selection for
Counter mode
reg<1301>
0: Default Output
1: Edge Detector Output
Counter/delay5
Mode Selection
reg<1303:1302> 00: Delay mode
01: One Shot
10: Freq. Detect
11: Counter mode
Counter/delay5
Control Data
reg<1567:1560> 1 – 255


유사한 부품 번호 - SLG46535

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
SLG46535 RENESAS-SLG46535 Datasheet
2Mb / 189P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
March 9, 2023
SLG46535V RENESAS-SLG46535V Datasheet
2Mb / 189P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
March 9, 2023
SLG46535VTR RENESAS-SLG46535VTR Datasheet
2Mb / 189P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
March 9, 2023
More results

유사한 설명 - SLG46535

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
SLG46880 RENESAS-SLG46880 Datasheet
4Mb / 354P
   GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
1-Mar-2023
SLG46532 RENESAS-SLG46532 Datasheet
2Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
October 20, 2016
SLG46535 RENESAS-SLG46535 Datasheet
2Mb / 189P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
March 9, 2023
logo
Dialog Semiconductor
SLG46532 DIALOG-SLG46532 Datasheet
2Mb / 184P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
SLG46880 DIALOG-SLG46880 Datasheet
4Mb / 353P
   GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
SLG46538-A DIALOG-SLG46538-A Datasheet
1Mb / 172P
   GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
logo
Renesas Technology Corp
SLG46538-A RENESAS-SLG46538-A Datasheet
2Mb / 174P
   GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
9-Aug-2022
logo
Dialog Semiconductor
SLG46534 DIALOG-SLG46534 Datasheet
1Mb / 172P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
logo
Renesas Technology Corp
SLG46531 RENESAS-SLG46531 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
November 14, 2018
SLG46534 RENESAS-SLG46534 Datasheet
2Mb / 177P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
March 3, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com