전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACSA56-41QBWA-D-F01 데이터시트(PDF) 1 Page - Kingbright Corporation

부품명 ACSA56-41QBWA-D-F01
상세설명  Surface Mount Display
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KINGBRIGHT [Kingbright Corporation]
홈페이지  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

ACSA56-41QBWA-D-F01 데이터시트(HTML) 1 Page - Kingbright Corporation

  ACSA56-41QBWA-D-F01 Datasheet HTML 1Page - Kingbright Corporation ACSA56-41QBWA-D-F01 Datasheet HTML 2Page - Kingbright Corporation ACSA56-41QBWA-D-F01 Datasheet HTML 3Page - Kingbright Corporation ACSA56-41QBWA-D-F01 Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2017 Kingbright. All Rights Reserved. Spec No: DSAJ8920 / 1351000648 Rev No: V.7B Date: 06/30/2017
Page 1 / 4
DESCRIPTIONS
The Blue source color devices are made with InGaN Light
Emitting Diode
Electrostatic discharge and power surge could
damage the LEDs
It is recommended to use a wrist band or
anti-electrostatic glove when handling the LEDs
All devices, equipments and machineries must be
electrically grounded
FEATURES
0.56 inch digit height
Low current operation
Excellent character appearance
Mechanically rugged
Gray face, white segment
Package: 400 pcs / reel
Moisture sensitivity level: 2a
RoHS compliant
APPLICATIONS
Home and smart appliances
Display time and digital combination
Industrial and instrumental applications
Numeric status
ATTENTION
Observe precautions for handling
electrostatic discharge sensitive devices
PACKAGE DIMENSIONS
SELECTION GUIDE
ACSA56-41QBWA/D-F01
Surface Mount Display
Notes:
1. All dimensions are in millimeters (inches), Tolerance is ±0.25(0.01") unless otherwise noted.
2. The specifications, characteristics and technical data described in the datasheet are subject to
change without prior notice.
3. The gap between the reflector and PCB shall not exceed 0.25mm.
Notes:
1. Luminous intensity / luminous Flux: +/-15%.
2. Luminous intensity value is traceable to CIE127-2007 standards.
Part Number
Emitting Color
(Material)
Lens Type
Iv (ucd) @ 10mA
[1]
Description
Min.
Typ.
ACSA56-41QBWA/D-F01
Blue (InGaN)
White Diffused
5600
15000
Common Anode,
Rt. Hand Decimal
RECOMMENDED SOLDERING PATTERN
(units: mm; tolerance: ± 0.15)


유사한 부품 번호 - ACSA56-41QBWA-D-F01

제조업체부품명데이터시트상세설명
logo
Kingbright Corporation
ACSA56-41CGKWA-F01 KINGBRIGHT-ACSA56-41CGKWA-F01 Datasheet
290Kb / 5P
   SURFACE MOUNT DISPLAY
ACSA56-41PBWA KINGBRIGHT-ACSA56-41PBWA Datasheet
206Kb / 5P
   SURFACE MOUNT DISPLAY
ACSA56-41PBWA/A-F01 KINGBRIGHT-ACSA56-41PBWA/A-F01 Datasheet
206Kb / 5P
   SURFACE MOUNT DISPLAY
ACSA56-41SEKWA-F01 KINGBRIGHT-ACSA56-41SEKWA-F01 Datasheet
289Kb / 5P
   SURFACE MOUNT DISPLAY
ACSA56-41SEKWA-F01 KINGBRIGHT-ACSA56-41SEKWA-F01_15 Datasheet
226Kb / 5P
   SURFACE MOUNT DISPLAY
More results

유사한 설명 - ACSA56-41QBWA-D-F01

제조업체부품명데이터시트상세설명
logo
Kingbright Corporation
APPDA04-41SGWA KINGBRIGHT-APPDA04-41SGWA Datasheet
127Kb / 5P
   SURFACE MOUNT DISPLAY
logo
SunLED Corporation
XZDVG05C2 SUNLED-XZDVG05C2 Datasheet
197Kb / 3P
   SURFACE MOUNT DISPLAY
logo
Kingbright Corporation
ACPSC04-41SGWA KINGBRIGHT-ACPSC04-41SGWA Datasheet
306Kb / 5P
   SURFACE MOUNT DISPLAY
ACSC02-41PBWA KINGBRIGHT-ACSC02-41PBWA Datasheet
193Kb / 5P
   SURFACE MOUNT DISPLAY
APSC56-21 KINGBRIGHT-APSC56-21 Datasheet
111Kb / 5P
   SURFACE MOUNT DISPLAY
ACPSA04-41SRWA KINGBRIGHT-ACPSA04-41SRWA Datasheet
203Kb / 5P
   SURFACE MOUNT DISPLAY
ACSA03-41PBWA KINGBRIGHT-ACSA03-41PBWA Datasheet
222Kb / 5P
   SURFACE MOUNT DISPLAY
ACSA08-51PBWA-A KINGBRIGHT-ACSA08-51PBWA-A Datasheet
289Kb / 5P
   SURFACE MOUNT DISPLAY
ACSA04-41SURKWA-F01 KINGBRIGHT-ACSA04-41SURKWA-F01 Datasheet
194Kb / 5P
   SURFACE MOUNT DISPLAY
ACSA03-41CGKWA-F01 KINGBRIGHT-ACSA03-41CGKWA-F01 Datasheet
192Kb / 5P
   SURFACE MOUNT DISPLAY
ACSA02-41SURKWA-F01 KINGBRIGHT-ACSA02-41SURKWA-F01 Datasheet
284Kb / 5P
   SURFACE MOUNT DISPLAY
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com