전자부품 데이터시트 검색엔진 |
|
SI4412ADY-T1 데이터시트(PDF) 2 Page - Vishay Siliconix |
|
SI4412ADY-T1 데이터시트(HTML) 2 Page - Vishay Siliconix |
2 / 4 page Si4412ADY Vishay Siliconix www.vishay.com S FaxBack 408-970-5600 2-2 Document Number: 71105 S-03951—Rev. B, 26-May-03 SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED) Parameter Symbol Test Condition Min Typ Max Unit Static Gate Threshold Voltage VGS(th) VDS = VGS, ID = 250 mA 1.0 V Gate-Body Leakage IGSS VDS = 0 V, VGS = "20 V "100 nA Zero Gate Voltage Drain Current IDSS VDS = 30 V, VGS = 0 V 1 mA Zero Gate Voltage Drain Current IDSS VDS = 30 V, VGS = 0 V, TJ = 55_C 5 mA On-State Drain Currenta ID(on) VDS w 5 V, VGS = 10 V 30 A Drain-Source On-State Resistancea rDS(on) VGS = 10 V, ID = 8 A 0.020 0.024 W Drain-Source On-State Resistancea rDS(on) VGS = 4.5 V, ID = 6.6 A 0.029 0.035 W Forward Transconductancea gfs VDS = 15 V, ID = 8 A 21 S Diode Forward Voltagea VSD IS = 2.3 A, VGS = 0 V 0.75 1.1 V Dynamicb Total Gate Charge Qg 16 20 Gate-Source Charge Qgs VDS = 15 V, VGS = 10 V, ID = 2 A 3 nC Gate-Drain Charge Qgd 1.5 Gate Resistance Rg 0.5 2.0 W Turn-On Delay Time td(on) 15 20 Rise Time tr VDD = 15 V, RL = 15 W 6 12 Turn-Off Delay Time td(off) VDD = 15 V, RL = 15 W ID ^ 1 A, VGEN = 10 V, RG = 6 W 26 50 ns Fall Time tf 10 20 Source-Drain Reverse Recovery Time trr IF = 2.3 A, di/dt = 100 A/ms 40 80 Notes a. Pulse test; pulse width v 300 ms, duty cycle v 2%. b. Guaranteed by design, not subject to production testing. TYPICAL CHARACTERISTICS (25_C UNLESS NOTED) 0 6 12 18 24 30 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 0 6 12 18 24 30 0 1234 5 VGS = 10 thru 5 V TC = - 125_C -55 _C 3 V 25 _C Output Characteristics Transfer Characteristics VDS - Drain-to-Source Voltage (V) VGS - Gate-to-Source Voltage (V) 4 V |
유사한 부품 번호 - SI4412ADY-T1 |
|
유사한 설명 - SI4412ADY-T1 |