전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M54670P 데이터시트(PDF) 1 Page - Mitsubishi Electric Semiconductor

부품명 M54670P
상세설명  2-PHASE STEPPER MOTOR DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MITSUBISHI [Mitsubishi Electric Semiconductor]
홈페이지  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M54670P 데이터시트(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M54670P Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M54670P Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M54670P Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M54670P Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M54670P Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M54670P Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2-PHASE STEPPER MOTOR DRIVER
M54670P
MITSUBISHI <CONTROL / DRIVER IC>
32
29
30
31
28
27
24
23
22
21
20
19
26
25
18
17
1
4
3
2
5
6
9
10
11
12
13
14
7
8
15
16
DESCRIPTION
The M54670P is a semiconductor IC to drive a bipolar stepper
motor directly by controlling the coil current with the constant
current method.
FEATURES
q Wide operating voltage range (10 – 35V)
q Wide output current control range (20 – 800mA)
q Bipolar and constant current drive
q Built in flywheel
q Current level can be changed by steps or continuously.
q Built in a thermal shutdown circuit
APPLICATION
Office automation equipment such as printer, FDD, HDD, and FAX
FUNCTION
The M54670P can drive a stepper motor by the 2-phase bipolar
method and also control the coil current. Furthermore, it controls
the direction of the coil current with Ph input pins (pins 3 and 30).
The coil current value can be selected among four levels (0 to
max.) by selecting the combination of three internal comparators by
logic input (pins 14, 15, 18 and 19). It also can be continuously
controlled with VR pins (pins 2 and 31). By selecting an I input pin
among pins 14, 15, 18 or 19, the operation timing, 2-phase
excitation, 1-2-phase excitation or microstep, can be selected.
Because two control circuits are built in this IC, a stepper motor can
be driven with a single IC by the 2-phase bipolar method.
BLOCK DIAGRAM
2
32
3
4
5
12
13
29
28
21
20
30
31
17
C(B)
22
E(B)
11
E(A)
1
CT
16
C(A)
14
15
10
00
10
01
11
11
01
10
00
6
GND
Comparator input(A)
Triangular wave
Current sensor(A)
Current sensor(B)
Comparator input(B)
Power supply sensor
Triangular
wave
GND
23
Output current value
I0(A)
I1(A)
19
18
setting(B)
I0(B)
TSD
Power supply sensor
setting(A)
Output current value
setting(A)
Output current value
setting(B)
I1(B)
Output current value
Outline 32P4B
CT
VR(A)
Ph(A)
VMM1(A)
O1(A)
GND
E(A)
O2(A)
VMM2(A)
I0(A)
I1(A)
C(A)
VCC
VR(B)
Ph(B)
VMM1(B)
O1(B)
GND
E(B)
O2(B)
VMM2(B)
I0(B)
I1(B)
C(B)
Triangular wave
Comparator
reference input(A)
Output current
direction switching(A)
Output power
supply(A)
Output(A)
Current sensor(A)
Output(A)
Output power
supply(A)
Output current
value setting(A)
Output current
value setting(A)
Comparator
input(A)
Circuit power supply
Comparator
reference input(B)
Output current
direction switching(B)
Output power
supply(B)
Output(B)
Current sensor(B)
Output(B)
Output power
supply(B)
Output current
value setting(B)
Output current
value setting(B)
Comparator
input(B)
PIN CONFIGURATION (TOP VIEW)
27


유사한 부품 번호 - M54670P

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
M54670P RENESAS-M54670P Datasheet
194Kb / 11P
   2-Phase Stepper Motor Driver
More results

유사한 설명 - M54670P

제조업체부품명데이터시트상세설명
logo
Mitsubishi Electric Sem...
M54679FP MITSUBISHI-M54679FP Datasheet
191Kb / 9P
   2-PHASE STEPPER MOTOR DRIVER
logo
ON Semiconductor
STK672-630AN-E ONSEMI-STK672-630AN-E Datasheet
441Kb / 28P
   2-phase Stepper Motor Driver
February, 2014 Ver. 2.2
STK672-442BN-E ONSEMI-STK672-442BN-E Datasheet
895Kb / 28P
   2-phase Stepper Motor Driver
January, 2014 Ver. 2
logo
Hitachi Semiconductor
REJ03F0052_M54679SP HITACHI-REJ03F0052_M54679SP Datasheet
199Kb / 12P
   2-Phase Stepper Motor Driver
logo
Renesas Technology Corp
M54670P RENESAS-M54670P Datasheet
194Kb / 11P
   2-Phase Stepper Motor Driver
M54678FP RENESAS-M54678FP Datasheet
192Kb / 9P
   2-Phase Stepper Motor Driver
logo
ON Semiconductor
STK672-430AN-E ONSEMI-STK672-430AN-E Datasheet
825Kb / 26P
   2-phase Stepper Motor Driver
January 2014 Ver. 2.2
logo
Infineon Technologies A...
TLE4727 INFINEON-TLE4727 Datasheet
694Kb / 22P
   2-Phase Stepper-Motor Driver
2005-07-20
logo
Renesas Technology Corp
M54646AP RENESAS-M54646AP Datasheet
191Kb / 9P
   2-Phase Stepper Motor Driver
logo
Infineon Technologies A...
TLE4726G INFINEON-TLE4726G_08 Datasheet
434Kb / 25P
   2-Phase Stepper-Motor Driver
Rev. 1.1, 2008-06-16
logo
ON Semiconductor
STK672-632AN-E ONSEMI-STK672-632AN-E Datasheet
466Kb / 28P
   2-phase Stepper Motor Driver
February, 2014 Ver. 2.2
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com