전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM612 데이터시트(PDF) 3 Page - Microsemi Corporation

부품명 SM612
상세설명  SWITCHING REGULATOR POWER OUTPUT STAGES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SM612 데이터시트(HTML) 3 Page - Microsemi Corporation

  SM612 Datasheet HTML 1Page - Microsemi Corporation SM612 Datasheet HTML 2Page - Microsemi Corporation SM612 Datasheet HTML 3Page - Microsemi Corporation SM612 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SM600/SM601/SM602/SM610/SM611/SM612
4/90 Rev 1.1 2/94
LINFINITY Microelectronics Inc.
Copyright
© 1994
11861 Western Avenue
∞ Garden Grove, CA 92841
3
(714) 898-8121
∞ FAX: (714) 893-2570
Current Delay Time
Current Rise Time
Voltage Rise Time
Voltage Storage Time
Voltage Fall Time
Current Fall Time
Efficiency (Note 5)
40
75
50
75
150
20
50
30
450
50
70
85
20
50
30
450
50
70
85
FIGURE 4 - NEGATIVE OUTPUT DOWN/UP (BUCK-BOOST) CONVERTER
FIGURE 3 - STEP DOWN (BUCK) CONVERTER
Test Conditions
Parameter
Units
SG610/611/612
SG600/601/602
Min.
Typ. Max.
ELECTRICAL CHARACTERISTICS (continued)
SM60X
SM60X
APPLICATION CIRCUITS
Note 4. In switching an inductive load, the current will lead the voltage on turn-on and lag the voltage on turn-off (see Figure 2). Therefore, Voltage
Delay Time (t
DV) ≅ tdi + tri and Current Storage Time (tsi) ≅ tsv + tfv .
Note 5. The efficiency is a measure of internal power losses and is equal to Output Power divided by Input Power. The switching speed circuit of Figure
1, in which the efficiency measured, is represenative of typical operating conditions for the SM600 series switching regulators.
Note 6. SM610/611/612 Test Circuit and waveforms are identical but of opposite polarity (V
IN
= -25V, V
OUT
= -5V, I
DRIVE
= +20mA).
Dynamic Characteristics (See Figures 1 & 2) (Notes 4 & 5)
AC TEST CIRCUIT AND SWITCHING TIME WAVEFORMS (Note 6)
SM600
SM601
SM602
FIGURE 1 - SM600/601/602 SWITCHING SPEED CIRCUIT
FIGURE 2 - SM600/601/602 SWITCHING WAVEFORMS
Min.
Typ. Max.
40
75
50
75
150
ns
ns
ns
ns
ns
ns
%


유사한 부품 번호 - SM612

제조업체부품명데이터시트상세설명
logo
Sinopower Semiconductor...
SM6125NSKP SINOPWER-SM6125NSKP Datasheet
295Kb / 11P
   N-Channel Enhancement Mode MOSFET
SM6125NSKPC-TRG SINOPWER-SM6125NSKPC-TRG Datasheet
295Kb / 11P
   N-Channel Enhancement Mode MOSFET
SM6126NSKP SINOPWER-SM6126NSKP Datasheet
296Kb / 11P
   N-Channel Enhancement Mode MOSFET
SM6126NSKPC-TRG SINOPWER-SM6126NSKPC-TRG Datasheet
296Kb / 11P
   N-Channel Enhancement Mode MOSFET
SM6127NSF SINOPWER-SM6127NSF Datasheet
163Kb / 11P
   N-Channel Enhancement Mode MOSFET
More results

유사한 설명 - SM612

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
SM645 MICROSEMI-SM645 Datasheet
56Kb / 4P
   SWITCHING REGULATOR POWER OUTPUT STAGES
logo
Micro Electronics
SM627 MICRO-ELECTRONICS-SM627 Datasheet
56Kb / 4P
   SWITCHING REGULATOR POWER OUTPUT STAGES
logo
Fairchild Semiconductor
BD157 FAIRCHILD-BD157 Datasheet
38Kb / 4P
   Low Power Fast Switching Output Stages
BC80725MTF FAIRCHILD-BC80725MTF Datasheet
77Kb / 6P
   Suitable for AF-Driver stages and low power output stages
BC33725TA FAIRCHILD-BC33725TA Datasheet
33Kb / 3P
   Suitable for AF-Driver stages and low power output stages
logo
Rohm
BA6149LS ROHM-BA6149LS Datasheet
146Kb / 2P
   6-OUTPUT SWITCHING REGULATOR
logo
Infineon Technologies A...
BCX54 INFINEON-BCX54_11 Datasheet
526Kb / 8P
   For AF driver and output stages
2011-09-19
logo
Shanghai Leiditech Elec...
BCP54 LEIDITECH-BCP54 Datasheet
1,000Kb / 4P
   For AF driver and output stages
logo
Sanken electric
STRS6513 SANKEN-STRS6513 Datasheet
72Kb / 6P
   OFF-LINE SWITCHING REGULATOR - WITH POWER MOSFET OUTPUT
logo
Allegro MicroSystems
STRM6511 ALLEGRO-STRM6511 Datasheet
72Kb / 6P
   OFF-LINE SWITCHING REGULATOR WITH POWER MOSFET OUTPUT
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com