전자부품 데이터시트 검색엔진 |
|
SM602HRR 데이터시트(PDF) 2 Page - Microsemi Corporation |
|
SM602HRR 데이터시트(HTML) 2 Page - Microsemi Corporation |
2 / 4 page SM600/SM601/SM602/SM610/SM611/SM612 4/90 Rev 1.1 2/94 LINFINITY Microelectronics Inc. Copyright © 1994 11861 Western Avenue ∞ ∞ ∞ ∞ ∞ Garden Grove, CA 92841 2 (714) 898-8121 ∞ ∞ ∞ ∞ ∞ FAX: (714) 893-2570 ABSOLUTE MAXIMUM RATINGS (Note 1) SM600 SM601 SM602 SM610 SM611 SM612 Input Voltage, V 4 - 2 ........................................ 60V 80V 100V -60V -80V -100V Output Voltage, V 1 - 2 ..................................... 60V 80V 100V -60V -80V -100V Drive Input Reverse Voltage, V 3 - 4 ............... 5V 5V 5V -5V -5V -5V Output Current, I 1 ......................................... 5A 5A 5A -5A -5A -5A Drive Current, I 3 ........................................... -0.2A -0.2A -0.2A 0.2A 0.2A 0.2A 150 °C -65 °C to 150°C 300 °C Operating Junction Temperature Hermetic (R Package) .................................................. Storage Temperature Range ............................. Lead Temperature (Soldering, 10 Seconds) ................... 4.0 °C/W 4.0 °C/W 60.0 °C/W Thermal Resistance Power Switch, θ J - C ................................................... Commutating Diode .................................................. Case to Ambient, θ C - A ............................................ Note 1. Exceeding these ratings could cause damage to the device. R Package: Thermal Resistance-Junction to Case, θ JC .................. 4.0°C/W Thermal Resistance-Junction to Ambient, θ JA .............. 40°C/W Note A. Junction Temperature Calculation: T J = T A + (P D x θ JA ). Note B. The above numbers for θ JC are maximums for the limiting thermal resistance of the package in a standard mount- ing configuration. The θ JA numbers are meant to be guidelines for the thermal performance of the device/pc- board system. All of the above assume no ambient airflow. RECOMMENDED OPERATING CONDITIONS (Note 2) SM600 SM601 SM602 SM610 SM611 SM612 Input Voltage, V 4 - 2 ......................................... 50V 70V 90V -50V -70V -90V Output Voltage, V 1 - 2 ...................................... 50V 70V 90V -50V -70V -90V Drive Input Reverse Voltage, V 3 - 4 ................. 3V 3V 3V -3V -3V -3V Output Current, I 1 ........................................... 4A 4A 4A -4A -4A -4A Drive Current, I 3 .............................................. -0.1A -0.1A -0.1A 0.1A 0.1A 0.1A Note 2. Range over which the device is functional. ELECTRICAL CHARACTERISTICS (Unless otherwise specified, these specifications apply for the operating ambient temperature of T A = 25 °C. Low duty cycle pulse testing tech- niques are used which maintains junction and case temperatures equal to the ambient temperature.) I 4 = 2A(-2A), I3 = -20mA (20mA) I 4 = 5A(-5A), I3 = -20mA (20mA) I 4 = 2A(-2A) I 4 = 5A(-5A) V 4 = Rated input voltage V 4 = Rated input voltage, TA = 125 °C V 1 = Rated output voltage V 1 = Rated output voltage, TA = 125 °C On-State Voltage (Note 3) Diode Forward Voltage (Note 3) Off-State Current Diode Reverse Current Test Conditions Parameter Units SG610/611/612 1.0 2.5 0.8 1.0 0.1 10 1.0 500 SG600/601/602 Note 3. Pulse test: Duration = 300 µs, Duty Cycle ≤ 2%. Min. Typ. Max. Min. Typ. Max. -1.5 -3.5 -1.0 -1.5 -10 -10 V V V V µA µA µA µA -1.0 -2.5 -0.8 -1.0 -0.1 -10 -1.0 -500 1.5 3.5 1.0 1.5 10 10 Operating Ambient Temperature Range SM6XXR ....................................................... 0 °C to 70°C SM6XXHRR ........................................... -55 °C to 125°C THERMAL DATA |
유사한 부품 번호 - SM602HRR |
|
유사한 설명 - SM602HRR |