전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC5574IDGS 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 DAC5574IDGS
상세설명  QUAD, 8-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL TO ANALOG CONVERTER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

DAC5574IDGS 데이터시트(HTML) 6 Page - Texas Instruments

Back Button DAC5574IDGS Datasheet HTML 2Page - Texas Instruments DAC5574IDGS Datasheet HTML 3Page - Texas Instruments DAC5574IDGS Datasheet HTML 4Page - Texas Instruments DAC5574IDGS Datasheet HTML 5Page - Texas Instruments DAC5574IDGS Datasheet HTML 6Page - Texas Instruments DAC5574IDGS Datasheet HTML 7Page - Texas Instruments DAC5574IDGS Datasheet HTML 8Page - Texas Instruments DAC5574IDGS Datasheet HTML 9Page - Texas Instruments DAC5574IDGS Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
www.ti.com
−1
−0.5
0
0.5
1
−0.5
−0.25
0
0.25
0.5
0
32
64
96
128
160
192
224
Digital Input Code
255
Channel D
VDD = 5 V
−1
−0.5
0
0.5
1
−0.5
−0.25
0
0.25
0.5
0
32
64
96
128
160
192
224
Digital Input Code
255
Channel C
VDD = 5 V
−1
−0.5
0
0.5
1
−0.5
−0.25
0
0.25
0.5
0
32
64
96
128
160
192
224
Digital Input Code
255
Channel A
VDD = 2.7 V
−1
−0.5
0
0.5
1
−0.5
−0.25
0
0.25
0.5
0
32
64
96
128
160
192
224
Digital Input Code
255
Channel B
VDD = 2.7 V
−1
−0.5
0
0.5
1
−0.5
−0.25
0
0.25
0.5
0
32
64
96
128
160
192
224
Digital Input Code
255
Channel D
VDD = 2.7 V
−1
−0.5
0
0.5
1
−0.5
−0.25
0
0.25
0.5
0
32
64
96
128
160
192
224
Digital Input Code
255
Channel C
VDD = 2.7 V
DAC5574
SLAS407 – DECEMBER 2003
TYPICAL CHARACTERISTICS (continued)
At T
A = +25°C, unless otherwise noted.
LINEARITY ERROR AND DIFFERENTIAL
LINEARITY ERROR AND DIFFERENTIAL
LINEARITY ERROR vs DIGITAL INPUT CODE
LINEARITY ERROR vs DIGITAL INPUT CODE
Figure 3.
Figure 4.
LINEARITY ERROR AND DIFFERENTIAL
LINEARITY ERROR AND DIFFERENTIAL
LINEARITY ERROR vs DIGITAL INPUT CODE
LINEARITY ERROR vs DIGITAL INPUT CODE
Figure 5.
Figure 6.
LINEARITY ERROR AND DIFFERENTIAL
LINEARITY ERROR AND DIFFERENTIAL
LINEARITY ERROR vs DIGITAL INPUT CODE
LINEARITY ERROR vs DIGITAL INPUT CODE
Figure 7.
Figure 8.
6


유사한 부품 번호 - DAC5574IDGS

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC5574IDGS TI1-DAC5574IDGS Datasheet
719Kb / 32P
[Old version datasheet]   QUAD, 8-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC5574IDGSG4 TI1-DAC5574IDGSG4 Datasheet
719Kb / 32P
[Old version datasheet]   QUAD, 8-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC5574IDGSR TI1-DAC5574IDGSR Datasheet
719Kb / 32P
[Old version datasheet]   QUAD, 8-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC5574IDGSRG4 TI1-DAC5574IDGSRG4 Datasheet
719Kb / 32P
[Old version datasheet]   QUAD, 8-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
More results

유사한 설명 - DAC5574IDGS

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC5574 TI1-DAC5574 Datasheet
719Kb / 32P
[Old version datasheet]   QUAD, 8-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC7573 TI-DAC7573 Datasheet
766Kb / 30P
[Old version datasheet]   QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC8574 TI-DAC8574 Datasheet
949Kb / 1P
[Old version datasheet]   QUAD, 16-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC7574 TI-DAC7574 Datasheet
783Kb / 31P
[Old version datasheet]   QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC7574IDGSR TI-DAC7574IDGSR Datasheet
1Mb / 35P
[Old version datasheet]   QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC6573 TI-DAC6573 Datasheet
623Kb / 31P
[Old version datasheet]   QUAD, 10-Bit, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL TO ANALOG CONVERTER
DAC5573 TI1-DAC5573_16 Datasheet
1Mb / 35P
[Old version datasheet]   QUAD, 8-BIT, LOW-POWER, VOLTAGE OUTPUT,INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC5573 TI-DAC5573 Datasheet
499Kb / 30P
[Old version datasheet]   QUAD, 8-BIT, LOW-POWER, VOLTAGE OUTPUT, INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC8571 TI-DAC8571 Datasheet
687Kb / 1P
[Old version datasheet]   16-BIT, LOW POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC6574 TI1-DAC6574_16 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD, 10-BIT, LOW-POWER, VOLTAGE OUTPUT,INTERFACE DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com