전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FSBB30CH60 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 FSBB30CH60
상세설명  Smart Power Module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSBB30CH60 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  FSBB30CH60 Datasheet HTML 1Page - Fairchild Semiconductor FSBB30CH60 Datasheet HTML 2Page - Fairchild Semiconductor FSBB30CH60 Datasheet HTML 3Page - Fairchild Semiconductor FSBB30CH60 Datasheet HTML 4Page - Fairchild Semiconductor FSBB30CH60 Datasheet HTML 5Page - Fairchild Semiconductor FSBB30CH60 Datasheet HTML 6Page - Fairchild Semiconductor FSBB30CH60 Datasheet HTML 7Page - Fairchild Semiconductor FSBB30CH60 Datasheet HTML 8Page - Fairchild Semiconductor FSBB30CH60 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
www.fairchildsemi.com
FSBB30CH60 Rev. C
Integrated Power Functions
• 600V-30A IGBT inverter for three-phase DC/AC power conversion (Please refer to Figure 3)
Integrated Drive, Protection and System Control Functions
• For inverter high-side IGBTs: Gate drive circuit, High voltage isolated high-speed level shifting
Control circuit under-voltage (UV) protection
Note) Available bootstrap circuit example is given in Figures 10 and 11.
• For inverter low-side IGBTs: Gate drive circuit, Short circuit protection (SC)
Control supply circuit under-voltage (UV) protection
• Fault signaling: Corresponding to a UV fault (Low-side supply)
• Input interface: 3.3/5V CMOS/LSTTL compatible, Schmitt trigger input
Pin Configuration
Figure 2.
(21) NU
(22) NV
(23) NW
(27) P
U
(25) V
(26) W
Case Temperature (TC)
Detecting Point
DBC Substrate
(21) NU
(22) NV
(23) NW
(27) P
(24)
(25) V
(26) W
Case Temperature (TC)
Detecting Point
(1) VCC(L)
(2) COM
(3) IN(UL)
(4) IN(VL)
(5) IN(WL)
(6) VFO
(15) VB(V)
(16) VS(V)
(17) IN(WH)
(18) VCC(WH)
(19) VB(W)
(20) VS(W)
(7) CFOD
(8) CSC
(9) IN(UH)
(10) VCC(UH)
(11) VB(U)
(12) VS(U)
(13) IN(VH)
(14) VCC(VH)
(1) VCC(L)
(2) COM
(3) IN(UL)
(4) IN(VL)
(5) IN(WL)
(6) VFO
(15) VB(V)
(16) VS(V)
(17) IN(WH)
(18) VCC(WH)
(19) VB(W)
(20) VS(W)
(7) CFOD
(8) CSC
(9) IN(UH)
(10) VCC(UH)
(11) VB(U)
(12) VS(U)
(13) IN(VH)
(14) VCC(VH)
13.7
19.2
(21) NU
(22) NV
(23) NW
(27) P
U
(25) V
(26) W
Case Temperature (TC)
Detecting Point
DBC Substrate
(21) NU
(22) NV
(23) NW
(27) P
(24)
(25) V
(26) W
Case Temperature (TC)
Detecting Point
(1) VCC(L)
(2) COM
(3) IN(UL)
(4) IN(VL)
(5) IN(WL)
(6) VFO
(15) VB(V)
(16) VS(V)
(17) IN(WH)
(18) VCC(WH)
(19) VB(W)
(20) VS(W)
(7) CFOD
(8) CSC
(9) IN(UH)
(10) VCC(UH)
(11) VB(U)
(12) VS(U)
(13) IN(VH)
(14) VCC(VH)
(1) VCC(L)
(2) COM
(3) IN(UL)
(4) IN(VL)
(5) IN(WL)
(6) VFO
(15) VB(V)
(16) VS(V)
(17) IN(WH)
(18) VCC(WH)
(19) VB(W)
(20) VS(W)
(7) CFOD
(8) CSC
(9) IN(UH)
(10) VCC(UH)
(11) VB(U)
(12) VS(U)
(13) IN(VH)
(14) VCC(VH)
(1) VCC(L)
(2) COM
(3) IN(UL)
(4) IN(VL)
(5) IN(WL)
(6) VFO
(15) VB(V)
(16) VS(V)
(17) IN(WH)
(18) VCC(WH)
(19) VB(W)
(20) VS(W)
(7) CFOD
(8) CSC
(9) IN(UH)
(10) VCC(UH)
(11) VB(U)
(12) VS(U)
(13) IN(VH)
(14) VCC(VH)
(1) VCC(L)
(2) COM
(3) IN(UL)
(4) IN(VL)
(5) IN(WL)
(6) VFO
(15) VB(V)
(16) VS(V)
(17) IN(WH)
(18) VCC(WH)
(19) VB(W)
(20) VS(W)
(7) CFOD
(8) CSC
(9) IN(UH)
(10) VCC(UH)
(11) VB(U)
(12) VS(U)
(13) IN(VH)
(14) VCC(VH)
13.7
19.2
13.7
19.2
Top View


유사한 부품 번호 - FSBB30CH60

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSBB30CH60 FAIRCHILD-FSBB30CH60 Datasheet
568Kb / 16P
   Smart Power Module
FSBB30CH60C FAIRCHILD-FSBB30CH60C Datasheet
523Kb / 17P
   Smart Power Module
FSBB30CH60CT FAIRCHILD-FSBB30CH60CT Datasheet
664Kb / 15P
   Motion SPMR 3 Series
logo
ON Semiconductor
FSBB30CH60CT ONSEMI-FSBB30CH60CT Datasheet
784Kb / 17P
   Motion SPM 3 Series
January 2014 Rev. C3
logo
Fairchild Semiconductor
FSBB30CH60D FAIRCHILD-FSBB30CH60D Datasheet
1Mb / 15P
   Motion SPMR 3 Series
More results

유사한 설명 - FSBB30CH60

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSBS10CH60 FAIRCHILD-FSBS10CH60 Datasheet
553Kb / 16P
   Smart Power Module
FSB32560 FAIRCHILD-FSB32560 Datasheet
264Kb / 16P
   Smart Power Module
FSBB20CH60L FAIRCHILD-FSBB20CH60L Datasheet
251Kb / 16P
   Smart Power Module
FSBF10CH60BT FAIRCHILD-FSBF10CH60BT Datasheet
402Kb / 17P
   Smart Power Module
FSBF15CH60BT FAIRCHILD-FSBF15CH60BT Datasheet
429Kb / 17P
   Smart Power Module
FSBF5CH60B FAIRCHILD-FSBF5CH60B Datasheet
404Kb / 17P
   Smart Power Module
FNA40560 FAIRCHILD-FNA40560 Datasheet
920Kb / 15P
   Smart Power Module
FNB41560 FAIRCHILD-FNB41560 Datasheet
910Kb / 15P
   Smart Power Module
logo
ON Semiconductor
FSB50250AB ONSEMI-FSB50250AB Datasheet
1Mb / 12P
   Smart Power Module
January 2012 Rev. A
logo
Fairchild Semiconductor
FNA41060_1010 FAIRCHILD-FNA41060_1010 Datasheet
1Mb / 16P
   Smart Power Module
FNA40860 FAIRCHILD-FNA40860 Datasheet
920Kb / 15P
   Smart Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com