전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3713XW4BP308 데이터시트(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 LM3713XW4BP308
상세설명  Microprocessor Supervisory Circuits with Separate Watchdog Timer Output, Power Fail Input and Manual Reset
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3713XW4BP308 데이터시트(HTML) 1 Page - National Semiconductor (TI)

  LM3713XW4BP308 Datasheet HTML 1Page - National Semiconductor (TI) LM3713XW4BP308 Datasheet HTML 2Page - National Semiconductor (TI) LM3713XW4BP308 Datasheet HTML 3Page - National Semiconductor (TI) LM3713XW4BP308 Datasheet HTML 4Page - National Semiconductor (TI) LM3713XW4BP308 Datasheet HTML 5Page - National Semiconductor (TI) LM3713XW4BP308 Datasheet HTML 6Page - National Semiconductor (TI) LM3713XW4BP308 Datasheet HTML 7Page - National Semiconductor (TI) LM3713XW4BP308 Datasheet HTML 8Page - National Semiconductor (TI) LM3713XW4BP308 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LM3712/LM3713
Microprocessor Supervisory Circuits with Separate
Watchdog Timer Output, Power Fail Input and Manual
Reset
General Description
The LM3712/LM3713 series of microprocessor supervisory
circuits provide the maximum flexibility for monitoring power
supplies and battery controlled functions in systems without
backup batteries. The LM3712/LM3713 series are available
in a 9-bump micro SMD package.
Built-in features include the following:
Reset: Reset is asserted during power-up, power-down, and
brownout conditions. RESET is guaranteed down to V
CC of
1.0V.
Manual Reset Input: An input that asserts reset when pulled
low.
Power-Fail Input: A 1.225V threshold detector for power fail
warning, or to monitor a power supply other than V
CC.
Watchdog Timer: The WDI (Watchdog Input) monitors one of
the µP’s output lines for activity. If no output transition occurs
during the watchdog timeout period, the watchdog output
(WDO) pulls low.
Features
n
Standard Reset Threshold voltage: 3.08V
n
Custom Reset Threshold voltages: For other voltages
between 2.2V and 5.0V in 10mV increments, contact
National Semiconductor Corp.
n
No external components required
n
Manual-Reset input
n
RESET (LM3712) or RESET (LM3713) outputs
n
Precision supply voltage monitor
n
Factory programmable Reset and Watchdog Timeout
Delays
n
Separate Watchdog output
n
Separate Power Fail comparator
n
Available in micro SMD package for minimum footprint
n ±
0.5% Reset threshold accuracy at room temperature
n ±
2% Reset threshold accuracy over temperature
extremes
n
Reset assertion down to 1V V
CC (RESET option only)
n
28 µA V
CC supply current
Applications
n
Embedded Controllers and Processors
n
Intelligent Instruments
n
Automotive Systems
n
Critical µP Power Monitoring
Typical Application
20011903
July 2002
© 2002 National Semiconductor Corporation
DS200119
www.national.com


유사한 부품 번호 - LM3713XW4BP308

제조업체부품명데이터시트상세설명
logo
Seoul Semiconductor
LM371 SEOUL-LM371 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LM371 SEOUL-LM371 Datasheet
360Kb / 13P
   CYAN LAMP LED
LM371 SEOUL-LM371 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LM371 SEOUL-LM371 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LM371 SEOUL-LM371 Datasheet
378Kb / 14P
   RED LAMP LED
More results

유사한 설명 - LM3713XW4BP308

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3710 NSC-LM3710 Datasheet
319Kb / 16P
   Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output, Manual Reset and Watchdog Timer
logo
Texas Instruments
LM3710 TI1-LM3710 Datasheet
1Mb / 19P
[Old version datasheet]   LM3710/LM3711 Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output, Manual Reset and Watchdog Timer
logo
National Semiconductor ...
LM3709 NSC-LM3709 Datasheet
232Kb / 11P
   Microprocessor Supervisory Circuits with Low Line Output, Manual Reset and Watchdog Timer
LM3704 NSC-LM3704 Datasheet
315Kb / 17P
   Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output and Manual Reset
logo
Maxim Integrated Produc...
MAX823SEUK-T MAXIM-MAX823SEUK-T Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823TEXK MAXIM-MAX823TEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
Maxim Integrated Produc...
MAX825ZEXK MAXIM-MAX825ZEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823 Datasheet
115Kb / 6P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823_07 Datasheet
316Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com