전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4750DY-T1-E3 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 SI4750DY-T1-E3
상세설명  Smart Power High-Side Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4750DY-T1-E3 데이터시트(HTML) 1 Page - Vishay Siliconix

  SI4750DY-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI4750DY-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI4750DY-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI4750DY-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI4750DY-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI4750DY-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI4750DY-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI4750DY-T1-E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Si4750DY
Vishay Siliconix
New Product
Document Number: 72219
S-32411—Rev. B, 24-Nov-03
www.vishay.com
1
Smart Power High-Side Switch
PRODUCT SUMMARY
Overvoltage Protection
Vbb(AZ) (V)
Operating Voltage
Vbb(on) (V)
On-State Resistance
RON (mW)
Nominal Load Current
IL(nom) (A)
41
5 − 15
50
2.0
FEATURES
D Overload Protection
D Current Limitation
D Short Circuit Protection
D Thermal Shutdown with Restart
D Overvoltage Protection (Including Load Dump)
D Reverse Battery Protection with External Resistor
D CMOS Compatible Input
D Start A Cold Filament Lamp
D ESD Protection
D Low Standby Current
APPLICATIONS
D All Types of Resistive, Inductive and Capacitive Loads
D mC Compatible Power Switch for 12-V dc Applications
D Replaces Electromechanical Relays and Discrete
Circuits
DESCRIPTION
The Si4750DY is an n-channel verticle power FET with charge
pump, ground referenced CMOS compatible input, and fully
protected by embedded protection functions.
FUNCTIONAL BLOCK DIAGRAM
Thermal Shutdown
with
Hysterisis
Voltage
Regulator
Charge Pump
and
Gate Drive
Overload
and
Short Circuit
ESD
ESD
Controller
Sense Diode
Load Source
Load
MOSFET Die
VBAT
VST
IN
Controller IC
S


유사한 부품 번호 - SI4750DY-T1-E3

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI4750-A10 SILABS-SI4750-A10 Datasheet
993Kb / 3P
   High Performance Automotive AM/FM Radio Receiver
SI4750-A10-AM SILABS-SI4750-A10-AM Datasheet
51Kb / 2P
   High Performance Automotive AM/FM Radio Receiver
More results

유사한 설명 - SI4750DY-T1-E3

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BTS5210G INFINEON-BTS5210G_09 Datasheet
339Kb / 17P
   Smart High-Side Power Switch
Rev. 1.3, April 2009
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS4175SGA INFINEON-BTS4175SGA Datasheet
472Kb / 26P
   Smart High-Side Power Switch
Rev.1.0, April 2008
BTS5215L INFINEON-BTS5215L_07 Datasheet
262Kb / 16P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BSP752T INFINEON-BSP752T_07 Datasheet
240Kb / 17P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS5180-2EKA INFINEON-BTS5180-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 2.0, 2010-08-02
BTS4160DGA INFINEON-BTS4160DGA Datasheet
868Kb / 26P
   Smart High-Side Power Switch
Rev. 1.0, March 2008
BTS452T INFINEON-BTS452T_07 Datasheet
282Kb / 18P
   Smart Power High-Side-Switch
V1.1, 2007-05-29
BTS716G INFINEON-BTS716G_07 Datasheet
283Kb / 16P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS740S2 INFINEON-BTS740S2_07 Datasheet
289Kb / 17P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS462T INFINEON-BTS462T Datasheet
304Kb / 16P
   Smart Power High-Side-Switch
2004-01-27
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com