전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC55VEM208ASTN40 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TC55VEM208ASTN40
상세설명  TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC55VEM208ASTN40 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TC55VEM208ASTN40 Datasheet HTML 1Page - Toshiba Semiconductor TC55VEM208ASTN40 Datasheet HTML 2Page - Toshiba Semiconductor TC55VEM208ASTN40 Datasheet HTML 3Page - Toshiba Semiconductor TC55VEM208ASTN40 Datasheet HTML 4Page - Toshiba Semiconductor TC55VEM208ASTN40 Datasheet HTML 5Page - Toshiba Semiconductor TC55VEM208ASTN40 Datasheet HTML 6Page - Toshiba Semiconductor TC55VEM208ASTN40 Datasheet HTML 7Page - Toshiba Semiconductor TC55VEM208ASTN40 Datasheet HTML 8Page - Toshiba Semiconductor TC55VEM208ASTN40 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TC55VEM208ASTN40,55
2002-08-07
1/11
(Normal)
17
32
16
1
TENTATIVE
TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
524,288-WORD BY 8-BIT STATIC RAM
DESCRIPTION
The TC55VEM208ASTN is a 4,194,304-bit static random access memory (SRAM) organized as 524,288 words by
8 bits. Fabricated using Toshiba's CMOS Silicon gate process technology, this device operates from a single 2.3 to
3.6 V power supply. Advanced circuit technology provides both high speed and low power at an operating current of
3 mA/MHz (typ) and a minimum cycle time of 40 ns. It is automatically placed in low-power mode at 0.7 µA standby
current (typ) when chip enable ( CE ) is asserted high. There are two control inputs. CE is used to select the device
and for data retention control, and output enable ( OE ) provides fast memory access. This device is well suited to
various microprocessor system applications where high speed, low power and battery backup are required. The
TC55VEM208ASTN is available in a plastic 32-pin thin-small-outline package (TSOP).
FEATURES
Low-power dissipation
Operating: 9 mW/MHz (typical)
Single power supply voltage of 2.3 to 3.6 V
Power down features using CE
Data retention supply voltage of 1.5 to 3.6 V
• Direct TTL compatibility for all inputs and outputs
• Wide operating temperature range of −40° to 85°C
Standby Current (maximum):
3.6 V
10
µA
3.0 V
5
µA
PIN ASSIGNMENT (TOP VIEW)
32 PIN TSOP
PIN NAMES
A0~A18
Address Inputs
R/W
Read/Write Control
OE
Output Enable
CE
Chip Enable
I/O1~I/O8
Data Inputs/Outputs
VDD
Power
GND
Ground
Pin No.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Pin Name
A11
A9
A8
A13
R/W
A17
A15
VDD
A18
A16
A14
A12
A7
A6
A5
A4
Pin No.
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
Pin Name
A3
A2
A1
A0
I/O1
I/O2
I/O3
GND
I/O4
I/O5
I/O6
I/O7
I/O8
CE
A10
OE
Access Times:
TC55VEM208ASTN
40
55
Access Time
40 ns
55 ns
CE
Access Time
40 ns
55 ns
OE
Access Time
25 ns
30 ns
• Package:
TSOPⅠ32-P-0.50
(Weight:0.22 g typ)


유사한 부품 번호 - TC55VEM208ASTN40

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC55VEM316AXBN TOSHIBA-TC55VEM316AXBN Datasheet
209Kb / 14P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VEM316AXBN40 TOSHIBA-TC55VEM316AXBN40 Datasheet
209Kb / 14P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VEM316AXBN55 TOSHIBA-TC55VEM316AXBN55 Datasheet
209Kb / 14P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VEM416AXBN55 TOSHIBA-TC55VEM416AXBN55 Datasheet
208Kb / 14P
   1,048,576-WORD BY 16-BIT FULL CMOS STATIC RAM
TC55VEM416BXGN55 TOSHIBA-TC55VEM416BXGN55 Datasheet
238Kb / 18P
   1,048,576-WORD BY 16-BIT FULL CMOS STATIC RAM
More results

유사한 설명 - TC55VEM208ASTN40

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC58FVM5T2AFT65 TOSHIBA-TC58FVM5T2AFT65 Datasheet
799Kb / 63P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VD1618FF-133 TOSHIBA-TC55VD1618FF-133 Datasheet
888Kb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58NYG0S3EBAI4 TOSHIBA-TC58NYG0S3EBAI4 Datasheet
487Kb / 65P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC554161AFTI-70 TOSHIBA-TC554161AFTI-70 Datasheet
142Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58NVG0S3ETA00 TOSHIBA-TC58NVG0S3ETA00 Datasheet
486Kb / 65P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58FVM6B2ATG-65 TOSHIBA-TC58FVM6B2ATG-65 Datasheet
531Kb / 62P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V8512FTI-12 TOSHIBA-TC55V8512FTI-12 Datasheet
170Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V4366FF-133 TOSHIBA-TC55V4366FF-133 Datasheet
1Mb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V8128BFT-12 TOSHIBA-TC55V8128BFT-12 Datasheet
373Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V2325FF-100 TOSHIBA-TC55V2325FF-100 Datasheet
1Mb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com