전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N2069 데이터시트(PDF) 2 Page - International Rectifier

부품명 1N2069
상세설명  750MA SILICON RECTIFIER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

1N2069 데이터시트(HTML) 2 Page - International Rectifier

  1N2069 Datasheet HTML 1Page - International Rectifier 1N2069 Datasheet HTML 2Page - International Rectifier 1N2069 Datasheet HTML 3Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image


유사한 부품 번호 - 1N2069

제조업체부품명데이터시트상세설명
logo
New Jersey Semi-Conduct...
1N2069 NJSEMI-1N2069 Datasheet
129Kb / 1P
   DIFFUSED-JUNCTION SILICON RECTIFIERS
1N2069A NJSEMI-1N2069A Datasheet
129Kb / 1P
   DIFFUSED-JUNCTION SILICON RECTIFIERS
More results

유사한 설명 - 1N2069

제조업체부품명데이터시트상세설명
logo
GETAI ELECTRONICS DEVIC...
HVP-16 GETEDZ-HVP-16 Datasheet
127Kb / 1P
   16kV 750mA HIGH VOLTAGE DIODES
HVP20 GETEDZ-HVP20 Datasheet
159Kb / 1P
   20kV 750mA HIGH VOLTAGE DIODES
HVP12 GETEDZ-HVP12 Datasheet
159Kb / 1P
   12kV 750mA HIGH VOLTAGE DIODES
HVP-10 GETEDZ-HVP-10 Datasheet
127Kb / 1P
   10kV 750mA HIGH VOLTAGE DIODES
HVP-14 GETEDZ-HVP-14 Datasheet
127Kb / 1P
   14kV 750mA HIGH VOLTAGE DIODES
HVP-15 GETEDZ-HVP-15 Datasheet
127Kb / 1P
   15kV 750mA HIGH VOLTAGE DIODES
HVP-20 GETEDZ-HVP-20 Datasheet
127Kb / 1P
   20kV 750mA HIGH VOLTAGE DIODES
HVP8 GETEDZ-HVP8 Datasheet
159Kb / 1P
   8.0kV 750mA HIGH VOLTAGE DIODES
HVP-5 GETEDZ-HVP-5 Datasheet
127Kb / 1P
   5kV 750mA HIGH VOLTAGE DIODES
HVP-8 GETEDZ-HVP-8 Datasheet
127Kb / 1P
   8kV 750mA HIGH VOLTAGE DIODES
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com