전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS7000-CQT 데이터시트(PDF) 7 Page - List of Unclassifed Manufacturers

부품명 GS7000-CQT
상세설명  Serial Digital Video Transceiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

GS7000-CQT 데이터시트(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button GS7000-CQT Datasheet HTML 3Page - List of Unclassifed Manufacturers GS7000-CQT Datasheet HTML 4Page - List of Unclassifed Manufacturers GS7000-CQT Datasheet HTML 5Page - List of Unclassifed Manufacturers GS7000-CQT Datasheet HTML 6Page - List of Unclassifed Manufacturers GS7000-CQT Datasheet HTML 7Page - List of Unclassifed Manufacturers GS7000-CQT Datasheet HTML 8Page - List of Unclassifed Manufacturers GS7000-CQT Datasheet HTML 9Page - List of Unclassifed Manufacturers GS7000-CQT Datasheet HTML 10Page - List of Unclassifed Manufacturers GS7000-CQT Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
522 - 06 - 02
7
Fig. 7 PCLKOUT
TYPICAL PERFORMANCE CURVES
(VCC = 5 V, TA = 25 °C unless otherwise shown)
Fig. 8 Output PCLK Jitter vs. Cable Length
Fig. 10 Serial Data Output Level vs. Temperature
Fig. 9
Fig. 11 Input Return Loss
ESD
VDD
VEE
TO INTERNAL
STRUCTURES
OUT
DATA
TO
FOLLOW
0
10
20
30
40
50
60
70
80
90
815
810
805
800
795
790
TEMPERATURE (˚C)
DATA
TO
FOLLOW
0.05 GHz
1 GHz
FREQUENCY (GHz)
135MHz
270MHz
0
-10
-20
-30
-40
-50


유사한 부품 번호 - GS7000-CQT

제조업체부품명데이터시트상세설명
logo
SHOUDING Shouding Semic...
GS7001-84 SHOUDING-GS7001-84 Datasheet
1Mb / 10P
   High Accuracy Lin ear Li-Lo n Batte ry Cha rger
logo
Gennum Corporation
GS7005 GENNUM-GS7005 Datasheet
111Kb / 12P
   Complete Serial Digital Video Receiver
GS7005-CQT GENNUM-GS7005-CQT Datasheet
111Kb / 12P
   Complete Serial Digital Video Receiver
GS7005-CTT GENNUM-GS7005-CTT Datasheet
111Kb / 12P
   Complete Serial Digital Video Receiver
More results

유사한 설명 - GS7000-CQT

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
CLC011 NSC-CLC011 Datasheet
1Mb / 8P
   Serial Digital Video Decoder
CLC011 NSC-CLC011_02 Datasheet
376Kb / 8P
   Serial Digital Video Decoder
logo
List of Unclassifed Man...
GS9020 ETC1-GS9020 Datasheet
269Kb / 30P
   Serial Digital Video Input Processor
logo
Gennum Corporation
GS7005 GENNUM-GS7005 Datasheet
111Kb / 12P
   Complete Serial Digital Video Receiver
logo
Faraday Technology
VS400M FARADAY-VS400M Datasheet
39Kb / 2P
   SERIAL DIGITAL VIDEO PASSIVE SIGNAL SPLITTER
logo
M/A-COM Technology Solu...
M08016 MA-COM-M08016_15 Datasheet
338Kb / 2P
   HD/SD Serial Digital Video Cable Equalizer
M08045 MA-COM-M08045 Datasheet
443Kb / 2P
   3G/HD/SD Serial Digital Video Reclocker
M08016_PRODUCT_BRIEF MA-COM-M08016_PRODUCT_BRIEF Datasheet
338Kb / 2P
   HD/SD Serial Digital Video Cable Equalizer
logo
National Semiconductor ...
LMH0046 NSC-LMH0046 Datasheet
561Kb / 10P
   HD/SD Multi-Rate Serial Digital Video Data Reclocker
logo
Gennum Corporation
GS9020A GENNUM-GS9020A Datasheet
401Kb / 31P
   GENLINX -TM II GS9020A Serial Digital Video Input Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com