전자부품 데이터시트 검색엔진 |
|
SI4836DY 데이터시트(PDF) 2 Page - Vishay Siliconix |
|
SI4836DY 데이터시트(HTML) 2 Page - Vishay Siliconix |
2 / 4 page Si4836DY Vishay Siliconix New Product www.vishay.com 2 Document Number: 71692 S-03662—Rev. D, 14-Apr-03 SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED) Parameter Symbol Test Condition Min Typ Max Unit Static Gate Threshold Voltage VGS(th) VDS = VGS, ID = 250 mA 0.40 V Gate-Body Leakage IGSS VDS = 0 V, VGS = "8 V "100 nA Zero Gate Voltage Drain Current IDSS VDS = 9.6 V, VGS = 0 V 1 mA Zero Gate Voltage Drain Current IDSS VDS = 9.6 V, VGS = 0 V, TJ = 55_C 5 mA On-State Drain Currenta ID(on) VDS w 5 V, VGS = 4.5 V 30 A VGS = 4.5 V, ID = 25 A 0.0025 0.003 Drain-Source On-State Resistancea rDS(on) VGS = 2.5 V, ID = 22 A 0.0031 0.004 W VGS = 1.8 V, ID = 19 A 0.004 0.005 Forward Transconductancea gfs VDS = 6 V, ID = 25 A 80 S Diode Forward Voltagea VSD IS = 2.9 A, VGS = 0 V 0.56 1.1 V Dynamicb Total Gate Charge Qg 51 75 Gate-Source Charge Qgs VDS = 6 V, VGS = 4.5 V, ID = 25 A 6.6 nC Gate-Drain Charge Qgd 9.1 Gate Resistance RG 1.0 1.6 2.7 W Turn-On Delay Time td(on) 35 55 Rise Time tr VDD = 6 V, RL = 6 W 41 65 Turn-Off Delay Time td(off) VDD = 6 V, RL = 6 W ID ^ 1 A, VGEN = 10 V, RG = 6 W 190 290 ns Fall Time tf 115 175 Source-Drain Reverse Recovery Time trr IF = 2.9 A, di/dt = 100 A/ms 60 90 Notes a. Pulse test; pulse width v 300 ms, duty cycle v 2%. b. Guaranteed by design, not subject to production testing. TYPICAL CHARACTERISTICS (25_C UNLESS NOTED) 0 10 20 30 40 50 60 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 0 10 20 30 40 50 60 012345 VGS = 5 thru 1.5 V 25 _C TC = 125_C -55 _C Output Characteristics Transfer Characteristics VDS - Drain-to-Source Voltage (V) VGS - Gate-to-Source Voltage (V) 1 V |
유사한 부품 번호 - SI4836DY |
|
유사한 설명 - SI4836DY |