전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PE3C3992-24 데이터시트(PDF) 2 Page - Pasternack Enterprises, Inc.

부품명 PE3C3992-24
상세설명  Snap-On MMBX Plug Right Angle to Reverse Polarity SMA Female Bulkhead Cable 24 Inch Length Using RG178 Coax
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PASTERNACK [Pasternack Enterprises, Inc.]
홈페이지  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C3992-24 데이터시트(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3C3992-24 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C3992-24 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C3992-24 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C3992-24 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
0.1
0.25
0.5
1
3
GHz
Insertion Loss (Max.)
0.48
0.64
0.83
1.09
1.77
dB
.
Mechanical Specifications
Cable Assembly
Length*
24 in [609.6 mm]
Diameter
0.43 in [10.92 mm]
.
Cable
Cable Type
RG178
Impedance
50 Ohms
Inner Conductor Type
Stranded
Inner Conductor Material and Plating
Copper Clad Steel, Silver
Dielectric Type
PTFE
Number of Shields
1
Shield Layer 1
Silver Plated Copper Braid
Jacket Material
FEP, Tan
Jacket Diameter
0.072 in [1.83 mm]
.
Repeated Minimum Bend Radius
0.4 in [10.16 mm]
Connectors
Description
Connector 1
Connector 2
Type
MMBX Plug Right Angle
SMA Female Reverse Polarity Bulkhead
Impedance
50 Ohms
50 Ohms
Connection Method
Snap-On
Mating Cycles
100
500
Contact Material and Plating
Beryllium Copper, Gold
Brass, Gold
Dielectric Type
PTFE
PTFE
Outer Conductor Material and Plating
Brass, Gold
Body Material and Plating
Brass, Gold
Brass, Gold
.
Mechanical Specification Notes:
*All cable assemblies have a length tolerance of 1.5% or ± 3/8”, whichever is greater.
PE3C3992-24 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Snap-On MMBX Plug Right Angle to Reverse Polarity SMA Female Bulkhead Cable 24 Inch
Length Using RG178 Coax PE3C3992-24
RF Cable Assemblies Technical Data Sheet
PE3C3992-24
Snap-On MMBX Plug Right Angle to Reverse Polarity SMA
Female Bulkhead Cable 24 Inch Length Using RG178 Coax


유사한 부품 번호 - PE3C3992-24

제조업체부품명데이터시트상세설명
logo
Pasternack Enterprises,...
PE3C3992-12 PASTERNACK-PE3C3992-12 Datasheet
439Kb / 4P
   Snap-On MMBX Plug Right Angle to Reverse Polarity SMA Female Bulkhead Cable 12 Inch Length Using RG178 Coax
PE3C3992-18 PASTERNACK-PE3C3992-18 Datasheet
440Kb / 4P
   Snap-On MMBX Plug Right Angle to Reverse Polarity SMA Female Bulkhead Cable 18 Inch Length Using RG178 Coax
PE3C3992-4 PASTERNACK-PE3C3992-4 Datasheet
439Kb / 4P
   Snap-On MMBX Plug Right Angle to Reverse Polarity SMA Female Bulkhead Cable 4 Inch Length Using RG178 Coax
PE3C3992-6 PASTERNACK-PE3C3992-6 Datasheet
440Kb / 4P
   Snap-On MMBX Plug Right Angle to Reverse Polarity SMA Female Bulkhead Cable 6 Inch Length Using RG178 Coax
PE3C3992-8 PASTERNACK-PE3C3992-8 Datasheet
440Kb / 4P
   Snap-On MMBX Plug Right Angle to Reverse Polarity SMA Female Bulkhead Cable 8 Inch Length Using RG178 Coax
More results

유사한 설명 - PE3C3992-24

제조업체부품명데이터시트상세설명
logo
Pasternack Enterprises,...
PE3C3991-24 PASTERNACK-PE3C3991-24 Datasheet
439Kb / 4P
   Snap-On MMBX Plug to Reverse Polarity SMA Female Bulkhead Cable 24 Inch Length Using RG178 Coax
PE3C3992-18 PASTERNACK-PE3C3992-18 Datasheet
440Kb / 4P
   Snap-On MMBX Plug Right Angle to Reverse Polarity SMA Female Bulkhead Cable 18 Inch Length Using RG178 Coax
PE3C3992-4 PASTERNACK-PE3C3992-4 Datasheet
439Kb / 4P
   Snap-On MMBX Plug Right Angle to Reverse Polarity SMA Female Bulkhead Cable 4 Inch Length Using RG178 Coax
PE3C3992-6 PASTERNACK-PE3C3992-6 Datasheet
440Kb / 4P
   Snap-On MMBX Plug Right Angle to Reverse Polarity SMA Female Bulkhead Cable 6 Inch Length Using RG178 Coax
PE3C3992-12 PASTERNACK-PE3C3992-12 Datasheet
439Kb / 4P
   Snap-On MMBX Plug Right Angle to Reverse Polarity SMA Female Bulkhead Cable 12 Inch Length Using RG178 Coax
PE3C3992-8 PASTERNACK-PE3C3992-8 Datasheet
440Kb / 4P
   Snap-On MMBX Plug Right Angle to Reverse Polarity SMA Female Bulkhead Cable 8 Inch Length Using RG178 Coax
PE3C3992 PASTERNACK-PE3C3992 Datasheet
439Kb / 4P
   Snap-On MMBX Plug Right Angle to Reverse Polarity SMA Female Bulkhead Cable Using RG178 Coax
PE3C3991-18 PASTERNACK-PE3C3991-18 Datasheet
439Kb / 4P
   Snap-On MMBX Plug to Reverse Polarity SMA Female Bulkhead Cable 18 Inch Length Using RG178 Coax
PE3C3991-4 PASTERNACK-PE3C3991-4 Datasheet
439Kb / 4P
   Snap-On MMBX Plug to Reverse Polarity SMA Female Bulkhead Cable 4 Inch Length Using RG178 Coax
PE3C3991-6 PASTERNACK-PE3C3991-6 Datasheet
439Kb / 4P
   Snap-On MMBX Plug to Reverse Polarity SMA Female Bulkhead Cable 6 Inch Length Using RG178 Coax
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com