전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MGA 데이터시트(PDF) 3 Page - Schurter Inc.

부품명 MGA
상세설명  Solid State, Thin Film, SMD 1206, Super-Quick-Acting FF, 125 VAC, 125 VDC, 150
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SCHURTER [Schurter Inc.]
홈페이지  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MGA 데이터시트(HTML) 3 Page - Schurter Inc.

  MGA_18 Datasheet HTML 1Page - Schurter Inc. MGA_18 Datasheet HTML 2Page - Schurter Inc. MGA_18 Datasheet HTML 3Page - Schurter Inc. MGA_18 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Fuses
MGA
https://www.schurter.com /PG01_2
Fuses
Pre-Arcing Time
Rated Current In
1.0 x In min.
2.5 x In max.
0.2 A - 5 A
4 h
5 s
Time-Current-Curves
0.001
0.01
0.1
1
10
100
1000
10000
100000
1
10
Multiple of Rated Current In
All Variants
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Rated Vol-
tage [VDC]
Breaking
Capacity
Voltage Drop
1.0 In typ.
[mV]
Cold Resi-
stance typ.
[m
Ω]
Melting I²t 4.0
In typ. [A²s]
Order Number
0.2
125
125
1)
258
1020
0.0008
l
3410.0021.01
0.2
125
125
1)
258
1020
0.0008
l
3410.0021.02
0.2
125
125
1)
258
1020
0.0008
l
3410.0021.03
0.2
125
125
1)
258
1020
0.0008
l
3410.0021.04
0.25
125
125
1)
250
800
0.0009
l
3410.0022.01
0.25
125
125
1)
250
800
0.0009
l
3410.0022.02
0.25
125
125
1)
250
800
0.0009
l
3410.0022.03
0.25
125
125
1)
250
800
0.0009
l
3410.0022.04
0.375
125
125
1)
165
361
0.0037
l
3410.0025.01
0.375
125
125
1)
165
361
0.0037
l
3410.0025.02
0.375
125
125
1)
165
361
0.0037
l
3410.0025.03
0.375
125
125
1)
165
361
0.0037
l
3410.0025.04
0.5
125
125
1)
150
247
0.0042
l
3410.0027.01
0.5
125
125
1)
150
247
0.0042
l
3410.0027.02
0.5
125
125
1)
150
247
0.0042
l
3410.0027.03
0.5
125
125
1)
150
247
0.0042
l
3410.0027.04
0.75
125
125
1)
100
115
0.01
l
3410.0029.01
0.75
125
125
1)
100
115
0.01
l
3410.0029.02
0.75
125
125
1)
100
115
0.01
l
3410.0029.03
0.75
125
125
1)
100
115
0.01
l
3410.0029.04
1
125
125
1)
124
98.7
0.035
l
3410.0031.01
1
125
125
1)
124
98.7
0.035
l
3410.0031.02
1
125
125
1)
124
98.7
0.035
l
3410.0031.03


유사한 부품 번호 - MGA_18

제조업체부품명데이터시트상세설명
logo
M-System Co.,Ltd.
MGA-100 MSYSTEM-MGA-100 Datasheet
105Kb / 3P
   Lightning Surge Protectors for Electronics Equipment M-RESTER
logo
List of Unclassifed Man...
MGA-100-A-9V ETC2-MGA-100-A-9V Datasheet
180Kb / 6P
   Application Note PS-AN5 MediaGauge??(Model MGA-9V) Digital Pressure Gage
logo
AVAGO TECHNOLOGIES LIMI...
MGA-12516 AVAGO-MGA-12516 Datasheet
637Kb / 16P
   High Gain, Matched-Pair Dual, Very Low Noise Amplifier
logo
Broadcom Corporation.
MGA-12516 BOARDCOM-MGA-12516 Datasheet
637Kb / 16P
   High Gain, Matched-Pair Dual, Very Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-12516-BLKG AVAGO-MGA-12516-BLKG Datasheet
637Kb / 16P
   High Gain, Matched-Pair Dual, Very Low Noise Amplifier
More results

유사한 설명 - MGA_18

제조업체부품명데이터시트상세설명
logo
Schurter Inc.
MGA-A SCHURTER-MGA-A_V01 Datasheet
363Kb / 4P
   Solid State, Thin Film, SMD 1206, Super-Quick-Acting FF, 125 VAC, 125 VDC, 150 째C
04.01.2022
MGA SCHURTER-MGA_V02 Datasheet
322Kb / 4P
   Solid State, Thin Film, SMD 1206, Super-Quick-Acting FF, 125 VAC, 125 VDC, 150 째C
04.01.2022
USFF1206 SCHURTER-USFF1206_12 Datasheet
476Kb / 2P
   UL 248-14 - 125 VAC - 63 VDC - Super-Quick-Acting FF
MGA SCHURTER-MGA Datasheet
429Kb / 2P
   Surface Mount Fuse, 3.2 x 1.55 mm, Super-Quick-Acting FF, 125 VAC, 125 VDC, 150 째C
3413.0002.XX SCHURTER-3413.0002.XX Datasheet
476Kb / 2P
   UL 248-14 쨌 125 VAC 쨌 63 VDC 쨌 Super-Quick-Acting FF
MSF125 SCHURTER-MSF125_18 Datasheet
296Kb / 4P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, 125 VAC, 125 VDC
MSF125 SCHURTER-MSF125_V02 Datasheet
306Kb / 4P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, 125 VAC, 125 VDC
04.01.2022
MSF SCHURTER-MSF Datasheet
505Kb / 3P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, 125 VAC, 125 VDC
MSF125 SCHURTER-MSF125 Datasheet
267Kb / 3P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, 125 VAC, 125 VDC
USFF1206 SCHURTER-USFF1206_V01 Datasheet
343Kb / 4P
   Surface Mount Fuse, 3.2 x 1.6 mm, Super-Quick-Acting FF, 63 VDC / 125 VAC, low impedance
04.01.2022
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com