전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MSB 데이터시트(PDF) 2 Page - Schurter Inc.

부품명 MSB
상세설명  Surface Mount Fuse, 7 x 2 mm, Time-Lag T, 125 VAC, 125 VDC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SCHURTER [Schurter Inc.]
홈페이지  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MSB 데이터시트(HTML) 2 Page - Schurter Inc.

  MSB_18 Datasheet HTML 1Page - Schurter Inc. MSB_18 Datasheet HTML 2Page - Schurter Inc. MSB_18 Datasheet HTML 3Page - Schurter Inc. MSB_18 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Fuses
MSB
https://www.schurter.com /PG01_2
Fuses
Application standards
Application standards where the product can be used
Organization
Design
Standard
Description
Designed for applications acc.
IEC/UL 60950
IEC 60950-1 includes the basic requirements for the safety of information
technologyequipment.
Compliances
The product complies with following Guide Lines
Identification
Details
Initiator
Description
CE declaration of conformity
SCHURTER AG
The CE marking declares that the product complies with the applicable
requirements laid down in the harmonisation of Community legislation on
its affixing in accordance with EU Regulation 765/2008.
RoHS
SCHURTER AG
EU Directive RoHS 2011/65/EU
China RoHS
SCHURTER AG
The law SJ / T 11363-2006 (China RoHS) has been in force since 1 March
2007. It is similar to the EU directive RoHS.
REACH
SCHURTER AG
On 1 June 2007, Regulation (EC) No 1907/2006 on the Registration,
Evaluation, Authorization and Restriction of Chemicals 1 (abbreviated as
"REACH") entered into force.
Dimension [mm]
7 mm
7 ±0.3
2 ±0.2
4
2.7
Soldering pads
Pre-Arcing Time
Rated Current In
1.1 x In min.
1.25 x In min. 2.0 x In max. 10.0 x In min. 10.0 x In max.
0.75 A - 1.5 A
-
60 min
120 s
5 ms
100 ms
2 A - 8 A
-
60 min
120 s
10 ms
100 ms
10 A - 15 A
60 min
-
120 s
10 ms
100 ms


유사한 부품 번호 - MSB_18

제조업체부품명데이터시트상세설명
logo
B. B. Battery Co., Ltd.
MSB-1000 BB-BATTERY-MSB-1000 Datasheet
330Kb / 1P
   VRLA Rechargeable Battery
logo
Volgen Kaga Electronics...
MSB-1205 VOLGEN-MSB-1205 Datasheet
244Kb / 3P
   1 WATT DC//DC CONVERTER, SIIP PACKAGE
MSB-1209 VOLGEN-MSB-1209 Datasheet
244Kb / 3P
   1 WATT DC//DC CONVERTER, SIIP PACKAGE
MSB-1212 VOLGEN-MSB-1212 Datasheet
244Kb / 3P
   1 WATT DC//DC CONVERTER, SIIP PACKAGE
MSB-1215 VOLGEN-MSB-1215 Datasheet
244Kb / 3P
   1 WATT DC//DC CONVERTER, SIIP PACKAGE
More results

유사한 설명 - MSB_18

제조업체부품명데이터시트상세설명
logo
Schurter Inc.
MSB SCHURTER-MSB Datasheet
504Kb / 4P
   Surface Mount Fuse, 7 x 2 mm, Time-Lag T, 125 VAC, 125 VDC
MSB SCHURTER-MSB_V02 Datasheet
293Kb / 4P
   Surface Mount Fuse, 7 x 2 mm, Time-Lag T, 125 VAC, 125 VDC
04.01.2022
MKT SCHURTER-MKT Datasheet
290Kb / 2P
   Surface Mount Fuse, 7 x 2.54 mm, Time-Lag T, 125 VAC, 125 VDC
MKT SCHURTER-MKT_18 Datasheet
219Kb / 4P
   Surface Mount Fuse, 7 x 2.54 mm, Time-Lag T, 125 VAC, 125 VDC
MKT SCHURTER-MKT_V02 Datasheet
289Kb / 4P
   Surface Mount Fuse, 7 x 2.54 mm, Time-Lag T, 125 VAC, 125 VDC
04.01.2022
OMT125 SCHURTER-OMT125 Datasheet
410Kb / 2P
   Surface Mount Fuse, 7.4 x 3.1 mm, Time-Lag T, 125 VAC, 125 VDC
OMT125 SCHURTER-OMT125_16 Datasheet
252Kb / 3P
   Surface Mount Fuse, 7.4 x 3.1 mm, Time-Lag T, 125 VAC, 125 VDC
OMT125 SCHURTER-OMT125_18 Datasheet
281Kb / 4P
   Surface Mount Fuse, 7.4 x 3.1 mm, Time-Lag T, 125 VAC, 125 VDC
OMT125 SCHURTER-OMT125_V01 Datasheet
292Kb / 4P
   Surface Mount Fuse, 7.4 x 3.1 mm, Time-Lag T, 125 VAC, 125 VDC
OMT125 SCHURTER-OMT125_V02 Datasheet
292Kb / 4P
   Surface Mount Fuse, 7.4 x 3.1 mm, Time-Lag T, 125 VAC, 125 VDC
04.01.2022
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com