전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CY7C1460KV25 데이터시트(PDF) 20 Page - Cypress Semiconductor

부품명 CY7C1460KV25
상세설명  36-Mbit (1M36/2M18) Pipelined SRAM with NoBL??Architecture (With ECC)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1460KV25 데이터시트(HTML) 20 Page - Cypress Semiconductor

Back Button CY7C1460KV25 Datasheet HTML 16Page - Cypress Semiconductor CY7C1460KV25 Datasheet HTML 17Page - Cypress Semiconductor CY7C1460KV25 Datasheet HTML 18Page - Cypress Semiconductor CY7C1460KV25 Datasheet HTML 19Page - Cypress Semiconductor CY7C1460KV25 Datasheet HTML 20Page - Cypress Semiconductor CY7C1460KV25 Datasheet HTML 21Page - Cypress Semiconductor CY7C1460KV25 Datasheet HTML 22Page - Cypress Semiconductor CY7C1460KV25 Datasheet HTML 23Page - Cypress Semiconductor CY7C1460KV25 Datasheet HTML 24Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
Document Number: 001-66679 Rev. *J
Page 20 of 32
CY7C1460KV25/CY7C1462KV25
CY7C1460KVE25/CY7C1462KVE25
Boundary Scan Order
165-ball FBGA[15]
CY7C1460KV25/CY7C1460KVE25 (1M × 36), CY7C1462KV25/CY7C1462KVE25 (2M × 18)
Bit#
Ball ID
Bit#
Ball ID
Bit#
Ball ID
Bit#
Ball ID
1N6
26
E11
51
A3
76
N1
2N7
27
D11
52
A2
77
N2
3N10
28
G10
53
B2
78
P1
4P11
29
F10
54
C2
79
R1
5
P8
30
E10
55
B1
80
R2
6
R8
31
D10
56
A1
81
P3
7R9
32
C11
57
C1
82
R3
8P9
33
A11
58
D1
83
P2
9P10
34
B11
59
E1
84
R4
10
R10
35
A10
60
F1
85
P4
11
R11
36
B10
61
G1
86
N5
12
H11
37A9
62
D2
87P6
13
N11
38
B9
63
E2
88
R6
14
M11
39
C10
64
F2
89
Internal
15
L11
40
A8
65
G2
16
K11
41
B8
66
H1
17
J11
42
A7
67
H3
18
M10
43
B7
68
J1
19
L10
44
B6
69
K1
20
K10
45
A6
70
L1
21
J10
46
B5
71
M1
22
H9
47
A5
72
J2
23
H10
48
A4
73
K2
24
G11
49
B4
74
L2
25
F11
50
B3
75
M2
Note
15. Bit# 89 is preset HIGH.


유사한 부품 번호 - CY7C1460KV25

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
CY7C1460KV33 CYPRESS-CY7C1460KV33 Datasheet
1,010Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460KV33-167AXC CYPRESS-CY7C1460KV33-167AXC Datasheet
1,010Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460KV33-167AXI CYPRESS-CY7C1460KV33-167AXI Datasheet
1,010Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460KV33-167BZC CYPRESS-CY7C1460KV33-167BZC Datasheet
1,010Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460KV33-200AXC CYPRESS-CY7C1460KV33-200AXC Datasheet
1,010Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
More results

유사한 설명 - CY7C1460KV25

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
CY7C1460KV33 CYPRESS-CY7C1460KV33 Datasheet
1,010Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460SV25 CYPRESS-CY7C1460SV25 Datasheet
429Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1370KV33 CYPRESS-CY7C1370KV33 Datasheet
999Kb / 32P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1440KV33 CYPRESS-CY7C1440KV33 Datasheet
3Mb / 33P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined Sync SRAM (With ECC)
CY7C1461KV33 CYPRESS-CY7C1461KV33 Datasheet
2Mb / 23P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1370KV25 CYPRESS-CY7C1370KV25 Datasheet
2Mb / 30P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1370B CYPRESS-CY7C1370B Datasheet
759Kb / 27P
   512K 횞 36/1M 횞 18 Pipelined SRAM with NoBL Architecture
CY7C1371KV33 CYPRESS-CY7C1371KV33 Datasheet
682Kb / 24P
   18-Mbit (512K 횞 36/1M 횞 18) Flow-Through SRAM with NoBL??Architecture (With ECC)
CY7C1441KV33 CYPRESS-CY7C1441KV33 Datasheet
1Mb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM (With ECC)
CY7C1460BV25 CYPRESS-CY7C1460BV25 Datasheet
721Kb / 30P
   36-Mbit (1 M 횞 36/2 M 횞 18) Pipelined SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com