전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAR64V-04-GS08 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 BAR64V-04-GS08
상세설명  RF PIN Diodes - Dual, Series in SOT-23
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAR64V-04-GS08 데이터시트(HTML) 2 Page - Vishay Siliconix

  BAR64V-04-GS08 Datasheet HTML 1Page - Vishay Siliconix BAR64V-04-GS08 Datasheet HTML 2Page - Vishay Siliconix BAR64V-04-GS08 Datasheet HTML 3Page - Vishay Siliconix BAR64V-04-GS08 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
2
Document Number 85694
Rev. 1.2, 26-Apr-04
VISHAY
BAR64V-04
Vishay Semiconductors
Typical Characteristics (Tamb = 25 °C unless otherwise specified)
Diode capacitance
f = 1 MHz, VR = 0
CD
0.5
pF
f = 1 MHz, VR = 1 V
CD
0.37
0.5
pF
f = 1 MHz, VR = 20 V
CD
0.23
0.35
pF
Forward resistance
f = 100 MHz, IF = 1 mA
rf
10
20
f = 100 MHz, IF = 10 mA
rf
2.0
3.8
f = 100 MHz, IF = 100 mA
rf
0.8
1.35
Charge carrier life time
IF = 10 mA, IR = 6 mA, iR = 3 mA
trr
1.8
µs
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Fig. 1 Forward Resistance vs. Forward Current
Fig. 2 Diode Capacitance vs. Reverse Voltage
0.1
1.0
10.0
100.0
0.1
1.0
10
100
18342
IF - Forward Current ( mA )
f = 100 MHz
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0
4
8
12
16
20
24
28
18334
VR - Reverse V oltage (V)
f=1MHz
Fig. 3 Forward Current vs. Forward Voltage
Fig. 4 Reverse Voltage vs. Reverse Current
0.01
0.10
1.00
10.00
100.00
0.5
0.6
0.7
0.8
0.9
1.0
VF - Forward Voltage(V)
18326
0
50
100
150
200
250
300
0.01
0.1
1.0
10
100
1000
IR - Reverse Current ( µA)
18330


유사한 부품 번호 - BAR64V-04-GS08

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
BAR64V-04W VISHAY-BAR64V-04W Datasheet
121Kb / 5P
   RF PIN Diodes - Dual, Series in SOT-323
Rev. 1.2, 15-Apr-05
BAR64V-04W-GS08 VISHAY-BAR64V-04W-GS08 Datasheet
121Kb / 5P
   RF PIN Diodes - Dual, Series in SOT-323
Rev. 1.2, 15-Apr-05
BAR64V-04W-GS18 VISHAY-BAR64V-04W-GS18 Datasheet
121Kb / 5P
   RF PIN Diodes - Dual, Series in SOT-323
Rev. 1.2, 15-Apr-05
More results

유사한 설명 - BAR64V-04-GS08

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
BAR63V-04 VISHAY-BAR63V-04 Datasheet
116Kb / 5P
   RF PIN Diodes - Dual, Series in SOT-23
Rev. 1.3, 15-Apr-05
BA779-2 VISHAY-BA779-2 Datasheet
98Kb / 4P
   RF PIN Diodes - Dual in SOT-23
Rev. 1.6, 14-Apr-05
BAR64V-05 VISHAY-BAR64V-05 Datasheet
100Kb / 4P
   RF PIN Diodes - Dual, Common Cathode in SOT-23
Rev. 1.2, 26-Apr-04
S392D VISHAY-S392D_05 Datasheet
100Kb / 4P
   RF PIN Diode - Dual in SOT-23
Rev. 1.5, 29-Apr-05
BAR64V-04W VISHAY-BAR64V-04W Datasheet
121Kb / 5P
   RF PIN Diodes - Dual, Series in SOT-323
Rev. 1.2, 15-Apr-05
BAR63V-04W VISHAY-BAR63V-04W Datasheet
127Kb / 4P
   RF PIN Diodes - Dual, Series in SOT-323
Rev. 1.2, 26-Apr-04
BAR63V-03 VISHAY-BAR63V-03 Datasheet
117Kb / 5P
   RF PIN Diode - Single in SOT-23
Rev. 1.4, 15-Apr-05
BAR64V-05W VISHAY-BAR64V-05W Datasheet
93Kb / 5P
   RF PIN Diodes - Dual, Common Cathode in SOT-323
Rev. 1.5, 25-Feb-13
BAR63V-06W VISHAY-BAR63V-06W Datasheet
132Kb / 5P
   RF PIN Diodes - Dual, Common Anode in SOT-323
Rev. 1.3, 15-Apr-05
BAR64-05W VISHAY-BAR64-05W Datasheet
110Kb / 5P
   RF PIN Diodes - Dual, Common Cathode in SOT-323
01-Jan-2022
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com