전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CY7C1618KV18 데이터시트(PDF) 6 Page - Cypress Semiconductor

부품명 CY7C1618KV18
상세설명  144-Mbit DDR II SRAM Two-Word Burst Architecture
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1618KV18 데이터시트(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C1618KV18 Datasheet HTML 2Page - Cypress Semiconductor CY7C1618KV18 Datasheet HTML 3Page - Cypress Semiconductor CY7C1618KV18 Datasheet HTML 4Page - Cypress Semiconductor CY7C1618KV18 Datasheet HTML 5Page - Cypress Semiconductor CY7C1618KV18 Datasheet HTML 6Page - Cypress Semiconductor CY7C1618KV18 Datasheet HTML 7Page - Cypress Semiconductor CY7C1618KV18 Datasheet HTML 8Page - Cypress Semiconductor CY7C1618KV18 Datasheet HTML 9Page - Cypress Semiconductor CY7C1618KV18 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
Document Number: 001-44274 Rev. *N
Page 6 of 32
CY7C1618KV18/CY7C1620KV18
Functional Overview
The CY7C1618KV18, and CY7C1620KV18 are synchronous
pipelined burst SRAMs equipped with a DDR interface, which
operates with a read latency of one and a half cycles when DOFF
pin is tied high. When DOFF pin is set low or connected to VSS,
the device behaves in DDR I mode with a read latency of one
clock cycle.
Accesses are initiated on the rising edge of the positive input
clock (K). All synchronous input timing is referenced from the
rising edge of the input clocks (K and K) and all output timing is
referenced to the rising edge of the output clocks (C/C, or K/K
when in single clock mode).
All synchronous data inputs (D[x:0]) pass through input registers
controlled by the rising edge of the input clocks (K and K). All
synchronous data outputs (Q[x:0]) pass through output registers
controlled by the rising edge of the output clocks (C/C, or K/K
when in single clock mode).
All synchronous control (R/W, LD, BWS[0:X]) inputs pass through
input registers controlled by the rising edge of the input clock (K).
CY7C1618KV18 is described in the following sections. The
same basic descriptions apply to CY7C1620KV18.
Read Operations
The CY7C1618KV18 is organized internally as two arrays of
2M × 18. Accesses are completed in a burst of 2 sequential
18-bit data words. Read operations are initiated by asserting
R/W high and LD low at the rising edge of the positive input clock
(K). The address presented to address inputs is stored in the
read address register and the least significant bit of the address
is presented to the burst counter. The burst counter increments
the address in a linear fashion. Following the next K clock rise,
the corresponding 18-bit word of data from this address location
is driven onto the Q[17:0] using C as the output timing reference.
On the subsequent rising edge of C, the next 18-bit data word
from the address location generated by the burst counter is
driven onto the Q[17:0]. The requested data is valid 0.45 ns from
the rising edge of the output clock (C or C, or K and K when in
single clock mode). To maintain the internal logic, each read
access must be enabled to complete. Read accesses can be
initiated on every rising edge of the positive input clock (K).
When read access is deselected, the CY7C1618KV18 first
completes the pending read transactions. Synchronous internal
circuitry automatically tristates the output, following the next
rising edge of the positive output clock (C). This enables a
transition between devices without the insertion of wait states in
a depth expanded memory.
Write Operations
Write operations are initiated by asserting R/W low and LD low
at the rising edge of the positive input clock (K). The address
presented to address inputs is stored in the write address
register and the least significant bit of the address is presented
to the burst counter. The burst counter increments the address
in a linear fashion. On the following K clock rise, the data
presented to D[17:0] is latched and stored into the 18-bit write
data register, provided BWS[1:0] are both asserted active. On the
subsequent rising edge of the Negative Input Clock (K) the
information presented to D[17:0] is also stored into the write data
register, provided BWS[1:0] are both asserted active. The 36 bits
of data are then written into the memory array at the specified
location. Write accesses can be initiated on every rising edge of
the positive input clock (K). This pipelines the data flow so that
18 bits of data can be transferred into the device on every rising
edge of the input clocks (K and K).
When the write access is deselected, the device ignores all
inputs after the pending write operations have been completed.
Byte Write Operations
Byte write operations are supported by the CY7C1618KV18. A
write operation is initiated as described in Write Operations on
DOFF
Input
PLL turn Off
 Active low. Connecting this pin to ground turns off the PLL inside the device. The timing
in the PLL turned off operation differs from those listed in this data sheet. For normal operation, this pin
can be connected to a pull-up through a 10 k
 or less pull-up resistor. The device behaves in DDR I
mode when the PLL is turned off. In this mode, the device can be operated at a frequency of up to
167 MHz with DDR I timing.
TDO
Output
Test data-out (TDO) pin for JTAG.
TCK
Input
Test clock (TCK) pin for JTAG.
TDI
Input
Test data-in (TDI) pin for JTAG.
TMS
Input
Test mode select (TMS) pin for JTAG.
NC
N/A
Not connected to the die: Can be tied to any voltage level.
NC/288M
Input
Not connected to the die: Can be tied to any voltage level.
VREF
Input-
Reference
Reference voltage input: Static input used to set the reference level for HSTL inputs, outputs, and AC
measurement points.
VDD
Power Supply Power supply inputs to the core of the device.
VSS
Ground
Ground for the device.
VDDQ
Power Supply Power supply inputs for the outputs of the device.
Pin Definitions (continued)
Pin Name
I/O
Pin Description


유사한 부품 번호 - CY7C1618KV18

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
CY7C1618KV18-300BZXC CYPRESS-CY7C1618KV18-300BZXC Datasheet
1Mb / 32P
   144-Mbit DDR II SRAM Two-Word Burst Architecture
CY7C1618KV18-333BZXC CYPRESS-CY7C1618KV18-333BZXC Datasheet
1Mb / 32P
   144-Mbit DDR II SRAM Two-Word Burst Architecture
More results

유사한 설명 - CY7C1618KV18

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
CY7C161KV18 CYPRESS-CY7C161KV18 Datasheet
1Mb / 32P
   144-Mbit DDR II SRAM Two-Word Burst Architecture
CY7C1623KV18 CYPRESS-CY7C1623KV18 Datasheet
773Kb / 28P
   144-Mbit DDR-II SIO SRAM Two-Word Burst Architecture
CY7C1625KV18 CYPRESS-CY7C1625KV18 Datasheet
894Kb / 33P
   144-Mbit QDR짰 II SRAM Two-Word Burst Architecture
CY7C1518AV18 CYPRESS-CY7C1518AV18_11 Datasheet
1Mb / 29P
   72-Mbit DDR-II SRAM Two-Word Burst Architecture
CY7C1418KV18 CYPRESS-CY7C1418KV18_12 Datasheet
1Mb / 31P
   36-Mbit DDR II SRAM Two-Word Burst Architecture
CY7C1316KV18 CYPRESS-CY7C1316KV18 Datasheet
1,019Kb / 32P
   18-Mbit DDR II SRAM Two-Word Burst Architecture
CY7C1648KV18 CYPRESS-CY7C1648KV18_12 Datasheet
857Kb / 30P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1668KV18 CYPRESS-CY7C1668KV18 Datasheet
771Kb / 30P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1648KV18 CYPRESS-CY7C1648KV18 Datasheet
783Kb / 29P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1523KV18 CYPRESS-CY7C1523KV18_13 Datasheet
792Kb / 28P
   72-Mbit DDR II SIO SRAM Two-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com