전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CY7C1648KV18 데이터시트(PDF) 23 Page - Cypress Semiconductor

부품명 CY7C1648KV18
상세설명  144-Mbit DDR II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1648KV18 데이터시트(HTML) 23 Page - Cypress Semiconductor

Back Button CY7C1648KV18 Datasheet HTML 19Page - Cypress Semiconductor CY7C1648KV18 Datasheet HTML 20Page - Cypress Semiconductor CY7C1648KV18 Datasheet HTML 21Page - Cypress Semiconductor CY7C1648KV18 Datasheet HTML 22Page - Cypress Semiconductor CY7C1648KV18 Datasheet HTML 23Page - Cypress Semiconductor CY7C1648KV18 Datasheet HTML 24Page - Cypress Semiconductor CY7C1648KV18 Datasheet HTML 25Page - Cypress Semiconductor CY7C1648KV18 Datasheet HTML 26Page - Cypress Semiconductor CY7C1648KV18 Datasheet HTML 27Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
Document Number: 001-44061 Rev. *L
Page 23 of 29
CY7C1648KV18
CY7C1650KV18
Switching Waveforms
Read/Write/Deselect Sequence
Figure 6. Waveform for 2.0 Cycle Read Latency [37, 38, 39, 40]
DON’T CARE
UNDEFINED
1
2
34
5
6
7
8
9
10
READ
READ
READ
NOP
WRITE
WRITE
t
NOP
11
K
K
LD
R/W
A
tKH tKL
tCYC
tHC
tSA tHA
SC
A0
A1
A2
A3
A4
CQ
CQ
QVLD
QVLD
t
NOP
t
QVLD
t
tCCQO
tCQOH
t
tCQOH
QVLD
t
NOP
DQ
KHKH
12
(Read Latency = 2.0 Cycles)
NOP
NOP
CCQO
tSD
HD
tSD
tHD
t
CLZ
tCHZ
D20 D21
D30
D31
t
CQDOH
Q00
Q11
Q01 Q10
tDOH
tCO
Q40 Q41
tCQD
t
t
tCQH
CQHCQH
Notes
37. Q00 refers to output from address A0. Q01 refers to output from the next internal burst address following A0, that is, A0 + 1.
38. Outputs are disabled (High Z) one clock cycle after a NOP.
39. The third NOP cycle between read to write transition is not necessary for correct device operation when Read Latency = 2.0 cycles; however at high frequency operation,
it is required to avoid bus contention.
40. In this example, if address A4 = A3, then data Q40 = D30 and Q41 = D31. Write data is forwarded immediately as read results. This note applies to the whole diagram.


유사한 부품 번호 - CY7C1648KV18

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
CY7C1648KV18-400BZXC CYPRESS-CY7C1648KV18-400BZXC Datasheet
857Kb / 30P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1648KV18 CYPRESS-CY7C1648KV18_12 Datasheet
857Kb / 30P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency)
More results

유사한 설명 - CY7C1648KV18

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
CY7C1648KV18 CYPRESS-CY7C1648KV18_12 Datasheet
857Kb / 30P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1668KV18 CYPRESS-CY7C1668KV18 Datasheet
771Kb / 30P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1548KV18 CYPRESS-CY7C1548KV18_12 Datasheet
844Kb / 29P
   72-Mbit DDR II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C2670KV18 CYPRESS-CY7C2670KV18 Datasheet
824Kb / 30P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
logo
Renesas Technology Corp
R1QHA4436RBG RENESAS-R1QHA4436RBG_15 Datasheet
916Kb / 30P
   144-Mbit DDR?줚I SRAM 2-word Burst Architecture (2.0 Cycle Read latency)
logo
Cypress Semiconductor
CY7C2644KV18 CYPRESS-CY7C2644KV18 Datasheet
840Kb / 30P
   144-Mbit QDR짰 II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency) with ODT
CY7C1643KV18 CYPRESS-CY7C1643KV18 Datasheet
861Kb / 31P
   144-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C2642KV18 CYPRESS-CY7C2642KV18 Datasheet
885Kb / 30P
   144-Mbit QDR짰 II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency) with ODT
CY7C1166KV18 CYPRESS-CY7C1166KV18 Datasheet
874Kb / 29P
   18-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1546KV18 CYPRESS-CY7C1546KV18 Datasheet
959Kb / 31P
   72-Mbit DDR II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com