전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NCS2-62 데이터시트(PDF) 1 Page - Mini-Circuits

부품명 NCS2-62
상세설명  RF Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MINI [Mini-Circuits]
홈페이지  http://www.minicircuits.com
Logo MINI - Mini-Circuits

NCS2-62 데이터시트(HTML) 1 Page - Mini-Circuits

  NCS2-62 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
50
390 to 590 MHz
1:2 Ratio
RF Transformer
NCS2-62+
Maximum Ratings
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
Input RF Power*
2W at 25°C
Electrical Specifications at 25°C
REV. A
M151107
NCS2-62+
MY/CP/AM
180124
Typical Performance Data at 25°C**
Features
• low phase unbalance, 5 deg. and
amplitude unbalance, 0.5 dB typ.
• miniature size 0805 (2.0 x 1.25mm)
• LTCC construction
• low cost
• aqueous washable
Applications
• VHF/UHF
• signal process
• instrumentation
Ceramic Balun
Outline Drawing
FREQUENCY
(MHz)
INSERTION
LOSS
(dB)
INPUT
R. LOSS
(dB)
AMPLITUDE
UNBALANCE
(dB)
PHASE
UNBALANCE
(Deg.)
* Reference Demo Board TB-755+
Relative to 180°
0.0
0.3
0.5
0.8
1.0
390
440
490
540
590
FREQUENCY (MHz)
NCS2-62+
INSERTION LOSS
0.0
0.3
0.5
0.8
1.0
390
440
490
540
590
FREQUENCY (MHz)
NCS2-62+
AMPLITUDE UNBALANCE
0
2
4
6
390
440
490
540
590
FREQUENCY (MHz)
NCS2-62+
PHASE UNBALANCE
configuration J
** Measured with Agilent E5071B network analyzer using port extension.
Demo Board MCL P/N: TB-755+
Suggested PCB Layout (PL-438)
C1=10 pF
Pad Connections
PRIMARY DOT (Unbalanced Port)
4
PRIMARY (GND)
2,6
SECONDARY DOT (Balanced)
1
SECONDARY (Balanced)
3
NO CONNECTION
5
Outline Dimensions (
)
inch
mm
390
0.78
10.62
0.31
1.24
410
0.59
12.87
0.34
1.42
430
0.46
15.47
0.37
1.63
460
0.37
18.26
0.43
1.96
470
0.37
17.45
0.46
2.10
500
0.41
15.45
0.50
2.53
520
0.47
13.50
0.53
2.88
540
0.56
11.90
0.56
3.22
570
0.73
10.04
0.61
3.87
590
0.85
9.09
0.64
4.29
Parameter
Frequency (MHz)
Min.
Typ.
Max.
Unit
Impedance Ratio (secondary/primary)
2
Frequency Range
390
590
MHz
Insertion Loss*
460 - 470
390 - 590
0.6
0.8
1.0
dB
Amplitude Unbalance
460 - 470
390 - 590
0.5
0.8
1.0
dB
Phase Unbalance
460 - 470
390 - 590
3
5
8
Degree
CASE STYLE: GE0805C-9
Available Tape
and Reel
at no extra cost
Reel Size
Devices/Reel
7”
20, 50, 100, 200, 500,1000, 4000
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Suggested Layout,
Tolerance to be within ±.002
PCB Land Pattern
INDEX AREA*
*Shape of index marking may vary
A
BC
D
E
F
.079
.049
.037
.014
.012
.012
2.0
1.24
0.94
0.36
0.30
0.30
GH
J
K
wt
.026
.014
.039
.110
grams
0.66
0.36
1.00
2.80
.008
*Passband rating , derate linearly to 1W at 100°C ambient.
Permanent damage may occur if any of these limits are exceeded.
NO
CONNECTION*
PRI
SEC
*Internal open circuit


유사한 부품 번호 - NCS2-62

제조업체부품명데이터시트상세설명
logo
Mini-Circuits
NCS2-62++ MINI-NCS2-62+ Datasheet
635Kb / 1P
   Baluns/Transformers
REV. OR
NCS2-622 MINI-NCS2-622 Datasheet
265Kb / 1P
   RF Transformer
NCS2-622++ MINI-NCS2-622+ Datasheet
265Kb / 1P
   RF Transformer
NCS2-622++ MINI-NCS2-622+ Datasheet
635Kb / 1P
   Baluns/Transformers
REV. OR
More results

유사한 설명 - NCS2-62

제조업체부품명데이터시트상세설명
logo
Mini-Circuits
TC133-282 MINI-TC133-282 Datasheet
262Kb / 2P
   RF Transformer
logo
M/A-COM Technology Solu...
DS-MABA-007748-CT1160 MA-COM-DS-MABA-007748-CT1160 Datasheet
361Kb / 3P
   RF Transformer
logo
Mini-Circuits
TC4-1WG2 MINI-TC4-1WG2 Datasheet
114Kb / 1P
   RF Transformer
logo
Pulse A Technitrol Comp...
CX2078NL PULSE-CX2078NL Datasheet
179Kb / 2P
   RF TRANSFORMER
logo
XFMRS Inc.
XFWB3010 XFMRS-XFWB3010 Datasheet
40Kb / 1P
   RF TRANSFORMER
XFWB-1-A XFMRS-XFWB-1-A_15 Datasheet
40Kb / 1P
   RF TRANSFORMER
XFWB-4-1T XFMRS-XFWB-4-1T_15 Datasheet
39Kb / 1P
   RF TRANSFORMER
XFWB3010 XFMRS-XFWB3010_15 Datasheet
40Kb / 1P
   RF TRANSFORMER
logo
Mini-Circuits
ADT4-1WT MINI-ADT4-1WT_15 Datasheet
201Kb / 1P
   RF Transformer
ADT4-5WT MINI-ADT4-5WT Datasheet
186Kb / 1P
   RF Transformer
ADT9-1T MINI-ADT9-1T Datasheet
204Kb / 1P
   RF Transformer
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com