전자부품 데이터시트 검색엔진 |
|
NCS2-83 데이터시트(PDF) 1 Page - Mini-Circuits |
|
NCS2-83 데이터시트(HTML) 1 Page - Mini-Circuits |
|
1 / 1 page Notes A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document. B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp Mini-Circuits® www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com 50 Ω 3000 to 8000 MHz 1:2 Ratio RF Transformer NCS2-83+ Maximum Ratings Operating Temperature -40°C to 85°C Storage Temperature -55°C to 100°C Input RF Power 3W REV. B M153508 NCS2-83+ ED-14514/1 AD/CP/AM 180124 Typical Performance Data at 25°C** Features • wideband, 3000 to 8000 MHz • miniature size, 0.079”x0.049”x0.033” • LTCC construction • low cost • aqueous washable Applications • Point to Point • ISM Ceramic Balun FREQUENCY (MHz) INSERTION LOSS (dB) INPUT R. LOSS (dB) AMPLITUDE UNBALANCE (dB) PHASE UNBALANCE (Deg.) * Insertion Loss is referenced to mid-band loss, 0.6 dB. Reference Demo Board TB-419+. † Relative to 180° NCS2-83+ INSERTION LOSS 0.0 0.4 0.8 1.2 1.6 2.0 3000 4000 5000 6000 7000 8000 FREQUENCY (MHz) NCS2-83+ AMPLITUDE UNBALANCE 0.0 0.3 0.6 0.9 1.2 1.5 3000 4000 5000 6000 7000 8000 FREQUENCY (MHz) NCS2-83+ PHASE UNBALANCE 3.0 5.0 7.0 9.0 3000 4000 5000 6000 7000 8000 FREQUENCY (MHz) ** Measured with Agilent E5071B network analyzer using impedance conversion and port extension. Demo Board MCL P/N: TB-419+ Suggested PCB Layout (PL-356) 3000.00 0.78 12.56 0.85 8.52 3500.00 0.83 11.58 0.33 6.93 4000.00 0.98 10.00 0.12 6.27 4500.00 0.93 10.64 0.01 6.30 5000.00 0.65 15.90 0.22 6.64 5500.00 0.57 24.01 0.50 7.15 6000.00 0.86 12.52 0.88 7.74 6500.00 1.16 10.54 1.26 8.03 7000.00 1.05 12.36 1.45 7.65 8000.00 1.15 17.40 0.29 3.74 Pad Connections PRIMARY DOT (Unbalanced Port) 1 PRIMARY (GND) 2 SECONDARY DOT (Balanced) 4 SECONDARY (Balanced) 6 NO CONNECTION 3 NOT USED (GND Externally) 5 Outline Drawing A BC D E F .079 .049 .033 .014 .012 .012 2.01 1.24 0.84 0.36 0.30 0.30 GH J K wt .026 .014 .039 .110 grams 0.66 0.36 1.00 2.80 .008 Outline Dimensions ( ) inch mm Suggested L ayout, Tolerance to bewithin ±.002 INDEX AREA* *Shape of index marking may vary PCB Land Pattern Permanent damage may occur if any of these limits are exceeded. Electrical Specifications at 25°C Parameter Frequency (MHz) Min. Typ. Max. Unit Impedance Ratio (secondary/primary) 2 Frequency Range 3000 — 8000 MHz Insertion Loss* 3000-8000 — 1.6 1.9 dB Amplitude Unbalance 3000-8000 — 1.8 2.5 dB Phase Unbalance† 3000-8000 — 12 19 Degree configuration R CASE STYLE: GE0805C-1 Available Tape and Reel at no extra cost Reel Size Devices/Reel 7” 20, 50, 100, 200, 500,1000, 2000 +RoHS Compliant The +Suffix identifies RoHS Compliance. See our web site for RoHS Compliance methodologies and qualifications |
유사한 부품 번호 - NCS2-83 |
|
유사한 설명 - NCS2-83 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |