전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NJM2573 데이터시트(PDF) 1 Page - New Japan Radio

부품명 NJM2573
상세설명  LOW VOLTAGE 3ch VIDEO AMPLIFIER WITH LPF
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NJRC [New Japan Radio]
홈페이지  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2573 데이터시트(HTML) 1 Page - New Japan Radio

  NJM2573 Datasheet HTML 1Page - New Japan Radio NJM2573 Datasheet HTML 2Page - New Japan Radio NJM2573 Datasheet HTML 3Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PRELIMINARY
Ver.1
NJM2573
-1 -
LOW VOLTAGE 3ch VIDEO AMPLIFIER WITH LPF
s
s
s
s GENERAL DESCRIPTION
s
s
s
s PACKAGE OUTLINE
The NJM2573 is a Low Voltage 3ch Video Amplifier with LPF.
Internal 75
Ω driver is easy to connect TV monitor directly.
The NJM2573 corresponds to a clamp and bias inputs, and
selection of a clamp/ bias is possible for one circuit, and it
corresponds to various video signals.
The NJM2573 features low power and small package, and
is suitable for low power design on downsizing of DVC.
sFEATURES
q Operating Voltage
2.8 to 5.5V
q Input type
Vin1: CLAMP
Vin2: CLAMP/ BIAS
Vin3: BIAS
q Internal 75
Ω Driver Circuit (2-system drive)
q Internal LPF
q Internal Power Saving Circuit
q Bipolar Technology
q Package Outline
PCSP16
sBLOCK DIAGRAM
NJM2573SE4
Vin1
CLAMP
6dB
75ΩDriv er
Power Sav e
GND
Vout1
Vsag
1
Vcc
Vin2
CLAMP
6dB
75ΩDriv er
Vout2
Vsag
2
Vin3
BIAS
6dB
75ΩDriv er
Vout3
LPF
LPF
LPF
CLAMP/BIAS
SW
BIAS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1. Vin1
2. Power Save
3. Vin2
4. NC
5. GND1
6. Vin3
7. CLAMP/BIAS SW
8. Vout3
9. GND2
10. Vout2
11. Vsag2
12. V
+2
13. Vout1
14. Vsag1
15. NC
16. V
+1


유사한 부품 번호 - NJM2573

제조업체부품명데이터시트상세설명
logo
New Japan Radio
NJM2570A NJRC-NJM2570A Datasheet
79Kb / 7P
   75??Driver with Filter and Y/C MIX
NJM2570AV NJRC-NJM2570AV Datasheet
79Kb / 7P
   75??Driver with Filter and Y/C MIX
NJM2571 NJRC-NJM2571 Datasheet
450Kb / 9P
   LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
NJM2574 NJRC-NJM2574 Datasheet
551Kb / 10P
   LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
NJM2574RB1 NJRC-NJM2574RB1 Datasheet
551Kb / 10P
   LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
More results

유사한 설명 - NJM2573

제조업체부품명데이터시트상세설명
logo
New Japan Radio
NJM2574 NJRC-NJM2574 Datasheet
551Kb / 10P
   LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
NJM2575 NJRC-NJM2575 Datasheet
805Kb / 11P
   LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
NJM2571 NJRC-NJM2571 Datasheet
450Kb / 9P
   LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
NJM2576 NJRC-NJM2576 Datasheet
434Kb / 8P
   LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
NJM2563 NJRC-NJM2563 Datasheet
118Kb / 5P
   LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
NJM2561 NJRC-NJM2561 Datasheet
128Kb / 5P
   LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
NJM2561A NJRC-NJM2561A Datasheet
95Kb / 5P
   LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
NJM2575F1-TE1 NJRC-NJM2575F1-TE1 Datasheet
812Kb / 11P
   LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
NJM2578 NJRC-NJM2578 Datasheet
828Kb / 9P
   LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
NJM2562 NJRC-NJM2562 Datasheet
119Kb / 5P
   LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com