전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI1033X 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 SI1033X
상세설명  P-Channel 20-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1033X 데이터시트(HTML) 1 Page - Vishay Siliconix

  SI1033X Datasheet HTML 1Page - Vishay Siliconix SI1033X Datasheet HTML 2Page - Vishay Siliconix SI1033X Datasheet HTML 3Page - Vishay Siliconix SI1033X Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1.5V Rated
Si1033X
Vishay Siliconix
New Product
Document Number: 71428
S-03201—Rev. A, 12-Mar-01
www.vishay.com
1
P-Channel 20-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (mA)
8 @ VGS = –4.5 V
–150
12 @ VGS = –2.5 V
–125
–20
15 @ VGS = –1.8 V
–100
20 @ VGS = –1.5 V
–30
FEATURES
BENEFITS
APPLICATIONS
D High-Side Switching
D Low On-Resistance: 8 W
D Low Threshold: 0.9 V (typ)
D Fast Switching Speed: 45 ns (typ)
D 1.5-V Operation
D Gate-Source ESD Protection
D Ease in Driving Switches
D Low Offset (Error) Voltage
D Low-Voltage Operation
D High-Speed Circuits
D Low Battery Voltage Operation
D Drivers: Relays, Solenoids, Lamps,
Hammers, Displays, Memories
D Battery Operated Systems
D Power Supply Converter Circuits
D Load/Power Switching Cell Phones, Pagers
Marking Code: K
Top View
3
1
D2
G2
S1
5
2
4
6D1
S2
G1
SC-89
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
5 secs
Steady State
Unit
Drain-Source Voltage
VDS
–20
Gate-Source Voltage
VGS
"5
V
_
TA = 25_C
–155
–145
Continuous Drain Current (TJ = 150_C)a
TA = 85_C
ID
–110
–105
Pulsed Drain Currentb
IDM
–650
mA
Continuous Source Current (diode conduction)a
IS
–450
–380
TA = 25_C
280
250
Maximum Power Dissipationa
TA = 85_C
PD
145
130
mW
Operating Junction and Storage Temperature Range
TJ, Tstg
–55 to 150
_C
Gate-Source ESD Rating (HBM, Method 3015)
ESD
2000
V
Notes
a.
Surface Mounted on FR4 Board.
b.
Pulse width limited by maximum junction temperature.


유사한 부품 번호 - SI1033X

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI1033X VISHAY-SI1033X Datasheet
82Kb / 5P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1033X VISHAY-SI1033X_V01 Datasheet
82Kb / 5P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI1033X

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com