전자부품 데이터시트 검색엔진 |
|
SN74AC374DBR 데이터시트(PDF) 6 Page - Texas Instruments |
|
|
SN74AC374DBR 데이터시트(HTML) 6 Page - Texas Instruments |
6 / 16 page PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) 5962-87694012A ACTIVE LCCC FK 20 1 TBD Call TI Level-NC-NC-NC 5962-8769401RA ACTIVE CDIP J 20 1 TBD Call TI Level-NC-NC-NC 5962-8769401SA ACTIVE CFP W 20 1 TBD Call TI Level-NC-NC-NC 5962-8769401VRA ACTIVE CDIP J 20 1 TBD Call TI Level-NC-NC-NC 5962-8769401VSA ACTIVE CFP W 20 1 TBD Call TI Level-NC-NC-NC SN74AC374DBLE OBSOLETE SSOP DB 20 TBD Call TI Call TI SN74AC374DBR ACTIVE SSOP DB 20 2000 Pb-Free (RoHS) CU NIPDAU Level-2-260C-1 YEAR/ Level-1-235C-UNLIM SN74AC374DBRE4 ACTIVE SSOP DB 20 2000 TBD Call TI Call TI SN74AC374DW ACTIVE SOIC DW 20 25 Pb-Free (RoHS) CU NIPDAU Level-2-250C-1 YEAR/ Level-1-235C-UNLIM SN74AC374DWR ACTIVE SOIC DW 20 2000 Pb-Free (RoHS) CU NIPDAU Level-2-250C-1 YEAR/ Level-1-235C-UNLIM SN74AC374N ACTIVE PDIP N 20 20 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN74AC374NSR ACTIVE SO NS 20 2000 Pb-Free (RoHS) CU NIPDAU Level-2-260C-1 YEAR/ Level-1-235C-UNLIM SN74AC374PW ACTIVE TSSOP PW 20 70 Pb-Free (RoHS) CU NIPDAU Level-1-250C-UNLIM SN74AC374PWE4 ACTIVE TSSOP PW 20 70 Pb-Free (RoHS) CU NIPDAU Level-1-250C-UNLIM SN74AC374PWLE OBSOLETE TSSOP PW 20 TBD Call TI Call TI SN74AC374PWR ACTIVE TSSOP PW 20 2000 Pb-Free (RoHS) CU NIPDAU Level-1-250C-UNLIM SN74AC374PWRE4 ACTIVE TSSOP PW 20 2000 Pb-Free (RoHS) CU NIPDAU Level-1-250C-UNLIM SNJ54AC374FK ACTIVE LCCC FK 20 1 TBD Call TI Level-NC-NC-NC SNJ54AC374J ACTIVE CDIP J 20 1 TBD Call TI Level-NC-NC-NC SNJ54AC374W ACTIVE CFP W 20 1 TBD Call TI Level-NC-NC-NC (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. (2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS) or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. TBD: The Pb-Free/Green conversion plan has not been defined. Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes. Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material) (3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature. PACKAGE OPTION ADDENDUM www.ti.com 12-May-2005 Addendum-Page 1 |
유사한 부품 번호 - SN74AC374DBR |
|
유사한 설명 - SN74AC374DBR |