전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AHCT2G08DC 데이터시트(PDF) 10 Page - NXP Semiconductors

부품명 74AHCT2G08DC
상세설명  Dual 2-input AND gate
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT2G08DC 데이터시트(HTML) 10 Page - NXP Semiconductors

Back Button 74AHCT2G08DC Datasheet HTML 6Page - NXP Semiconductors 74AHCT2G08DC Datasheet HTML 7Page - NXP Semiconductors 74AHCT2G08DC Datasheet HTML 8Page - NXP Semiconductors 74AHCT2G08DC Datasheet HTML 9Page - NXP Semiconductors 74AHCT2G08DC Datasheet HTML 10Page - NXP Semiconductors 74AHCT2G08DC Datasheet HTML 11Page - NXP Semiconductors 74AHCT2G08DC Datasheet HTML 12Page - NXP Semiconductors 74AHCT2G08DC Datasheet HTML 13Page - NXP Semiconductors 74AHCT2G08DC Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
9397 750 13735
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 02 — 18 October 2004
10 of 17
Philips Semiconductors
74AHC2G08; 74AHCT2G08
Dual 2-input AND gate
[1]
Typical values are measured at VCC = 5.0 V.
[2]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in Volts;
N = total load switching outputs;
Σ(C
L × VCC
2
× f
o) = sum of the outputs.
[3]
The condition is VI = GND to VCC.
13. Waveforms
Table 11:
Dynamic characteristics type 74AHCT2G08
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); tr =tf ≤ 3.0 ns; see Figure 7.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb = 25 °C
tPHL, tPLH
propagation delay
nA and nB to nY
see Figure 6
VCC = 4.5 V to 5.5 V; CL = 15 pF
[1] -
3.6
6.2
ns
VCC = 4.5 V to 5.5 V; CL = 50 pF
[1] -
5.1
7.9
ns
CPD
power dissipation
capacitance
CL = 50 pF; fi = 1 MHz
[2] [3] -19
-
pF
Tamb = −40 °C to +85 °C
tPHL, tPLH
propagation delay
nA and nB to nY
see Figure 6
VCC = 4.5 V to 5.5 V; CL = 15 pF
1.0
-
7.1
ns
VCC = 4.5 V to 5.5 V; CL = 50 pF
1.0
-
9.0
ns
Tamb = −40 °C to +125 °C
tPHL, tPLH
propagation delay
nA and nB to nY
see Figure 6
VCC = 4.5 V to 5.5 V; CL = 15 pF
1.0
-
8.0
ns
VCC = 4.5 V to 5.5 V; CL = 50 pF
1.0
-
10.5
ns
74AHC2G08: VM =50%VCC; VI = GND to VCC.
74AHCT2G08: VM = 1.5 V; VI = GND to 3.0 V.
Fig 6.
The input (nA and nB) to output (nY) propagation delays.
mna224
nA, nB input
nY output
tPLH
tPHL
GND
VI
VM
VM
VOH
VOL


유사한 부품 번호 - 74AHCT2G08DC

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AHCT2G08DC NXP-74AHCT2G08DC Datasheet
91Kb / 14P
   Dual 2-input AND gate
Rev. 03-12 January 2009
logo
Nexperia B.V. All right...
74AHCT2G08DC NEXPERIA-74AHCT2G08DC Datasheet
196Kb / 14P
   Dual 2-input AND gate
Rev. 6 - 21 March 2018
74AHCT2G08DC-Q100 NEXPERIA-74AHCT2G08DC-Q100 Datasheet
197Kb / 14P
   Automotive product qualification in accordance with AEC-Q100
More results

유사한 설명 - 74AHCT2G08DC

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7W08F TOSHIBA-TC7W08F Datasheet
204Kb / 7P
   DUAL 2-INPUT AND GATE
logo
NXP Semiconductors
74HC2G08 PHILIPS-74HC2G08 Datasheet
85Kb / 16P
   Dual 2-input AND gate
2002 Nov 15
74LVC2G08 NXP-74LVC2G08 Datasheet
102Kb / 16P
   Dual 2-input AND gate
Rev. 08-9 June 2008
logo
Renesas Technology Corp
RD74LVC2G08 RENESAS-RD74LVC2G08 Datasheet
2Mb / 8P
   Dual 2-Input AND Gate
logo
ON Semiconductor
NL27WZ08 ONSEMI-NL27WZ08_12 Datasheet
101Kb / 5P
   Dual 2-Input AND Gate
April, 2012 ??Rev. 10
logo
Nexperia B.V. All right...
74HC2G08-Q100 NEXPERIA-74HC2G08-Q100 Datasheet
213Kb / 13P
   Dual 2-input AND gate
logo
ON Semiconductor
NL27WZ08 ONSEMI-NL27WZ08_V01 Datasheet
330Kb / 13P
   Dual 2-Input AND Gate
October, 2020 ??Rev. 14
logo
Toshiba Semiconductor
TC7WH08FU TOSHIBA-TC7WH08FU Datasheet
195Kb / 6P
   DUAL 2-INPUT AND GATE
TC7W08F TOSHIBA-TC7W08F_01 Datasheet
236Kb / 8P
   DUAL 2-INPUT AND GATE
TC7WG08FK TOSHIBA-TC7WG08FK_09 Datasheet
185Kb / 7P
   Dual 2-Input AND Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com