전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

KTX321U 데이터시트(Datasheet) 4 Page - KEC(Korea Electronics)

부품명 KTX321U
상세내용  EPITAXIAL PLANAR PNP TRANSISTOR N CHANNEL MOS FIELD EFFECT TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo 

   
 4 page
background image
2003. 11. 20
4/6
KTX321U
Revision No : 0
C
- V , C - V
CB
COLLECTOR-BASE VOLTAGE V
(V)
EB
EMITTER-BASE VOLTAGE V
(V)
ob
Cob
CB
-0.1
-0.3
1
-1
-3
-10
-30
-100
3
5
10
30
50
100
300
500
1K
ib
Cib
EB
I =0A
f=1MHz
Ta=25 C
E
0
0
AMBIENT TEMPERATURE Ta ( C)
Pc - Ta
25
50
75
100
125
50
100
150
200
150




Html 페이지

1  2  3  4  5  6 


데이터시트



관련 부품명

부품명상세내용Html View제조사
HN1K04FUTOSHIBA Field Effect Transistor Silicon N Channel MOS Type 1 2 3 4 5 Toshiba Semiconductor
TPC6003TOSHIBA Field Effect Transistor Silicon N Channel MOS Type U-MOSIII 1 2 3 4 5 MoreToshiba Semiconductor
2SK3316TOSHIBA Field Effect Transistor Silicon N Channel MOS Type 1 2 3 4 5 MoreToshiba Semiconductor
SSM3J13TTOSHIBA Field Effect Transistor Silicon P Channel MOS Type U-MOSII 1 2 3 4 5 MoreToshiba Semiconductor
2SK3441TOSHIBA Field Effect Transistor Silicon N Channel MOS Type U-MOSII 1 2 3 4 5 MoreToshiba Semiconductor
SSM5P05FUTOSHIBA Field Effect Transistor Silicon P Channel MOS Type 1 2 3 4 5 Toshiba Semiconductor
TPC8010-HTOSHIBA Field Effect Transistor Silicon N Channel MOS Type High speed U-MOSIII 1 2 3 4 5 MoreToshiba Semiconductor
2SK3563TOSHIBA Field Effect Transistor Silicon N Channel MOS Type PIE-MOS4 1 2 3 Toshiba Semiconductor
TPC8016-HTOSHIBA Field Effect Transistor Silicon N Channel MOS Type High speed U-MOS III 1 2 3 4 5 MoreToshiba Semiconductor

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl