전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

KTX321U 데이터시트(Datasheet) 5 Page - KEC(Korea Electronics)

부품명 KTX321U
상세내용  EPITAXIAL PLANAR PNP TRANSISTOR N CHANNEL MOS FIELD EFFECT TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo 

   
 5 page
background image
2003. 11. 20
5/6
KTX321U
Revision No : 0
DRAIN-SOURCE VOTAGE V
(V)
DS
DS
DR
I
- V
DRAIN-SOURCE VOLTAGE V
(V)
0
DS
0
I - V
DDS
DRAIN CURRENT I (mA)
1
D
Y
- I
DRAIN-SOURCE VOLTAGE V
(V)
DS
(LOW VOLTAGE REGION)
2
COMMON SOURCE
Ta=25 C
V =1.2V
GS
0.2
0
0
0.1
Ta=25 C
COMMON
V =0.9V
GS
fs
D
3
5
10
30 50
COMMON SOURCE
V
=3V
DS
46
8
10
12
20
0.2
0.3
0.4
0.5
0.6
0.4
0.6
0.8
1.0
I - VDS
D
0
Ta=25 C
5
10
30
50
100
300
100
40
60
80
100
1.4V
2.5V
2.2V
2.0V
1.8V
1.6V
SOURCE
1.0V
1.05V
1.1V
1.15V
1.2V
2.5V
0.01
0.1
1
10
100
0.03
0.3
3
30
10
GATE-SOURCE VOTAGE V
(V)
0.1
1
0.01
0
0.03
1
0.3
3
GS
Ta=25 C
COMMON SOURCE
I - V
100
30
DS
V =3V
GS
D
2
345
Ta=-25 C
COMMON SOURCE
Ta=25 C
f=1MHz
V =0
DRAIN-SOURCE VOLTAGE V
(V)
0.1
1
0.5
0.3
3
C - V
GS
DS
20
10
5
DS
Crss
oss
C
C iss
1
5
3
10
50
30
100
-0.4
-0.8
-1.2
-1.6
COMMON SOURCE
V =0
GS
Ta=25 C
D
I
S
G
DR
Q (N CHANNEL MOS FIELD EFFECT TRANSISTOR)
2




Html 페이지

1  2  3  4  5  6 


데이터시트



관련 부품명

부품명상세내용Html View제조사
HN1K04FUTOSHIBA Field Effect Transistor Silicon N Channel MOS Type 1 2 3 4 5 Toshiba Semiconductor
TPC6003TOSHIBA Field Effect Transistor Silicon N Channel MOS Type U-MOSIII 1 2 3 4 5 MoreToshiba Semiconductor
2SK3316TOSHIBA Field Effect Transistor Silicon N Channel MOS Type 1 2 3 4 5 MoreToshiba Semiconductor
SSM3J13TTOSHIBA Field Effect Transistor Silicon P Channel MOS Type U-MOSII 1 2 3 4 5 MoreToshiba Semiconductor
2SK3441TOSHIBA Field Effect Transistor Silicon N Channel MOS Type U-MOSII 1 2 3 4 5 MoreToshiba Semiconductor
SSM5P05FUTOSHIBA Field Effect Transistor Silicon P Channel MOS Type 1 2 3 4 5 Toshiba Semiconductor
TPC8010-HTOSHIBA Field Effect Transistor Silicon N Channel MOS Type High speed U-MOSIII 1 2 3 4 5 MoreToshiba Semiconductor
2SK3563TOSHIBA Field Effect Transistor Silicon N Channel MOS Type PIE-MOS4 1 2 3 Toshiba Semiconductor
TPC8016-HTOSHIBA Field Effect Transistor Silicon N Channel MOS Type High speed U-MOS III 1 2 3 4 5 MoreToshiba Semiconductor

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl