전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

KTX321U 데이터시트(Datasheet) 6 Page - KEC(Korea Electronics)

부품명 KTX321U
상세내용  EPITAXIAL PLANAR PNP TRANSISTOR N CHANNEL MOS FIELD EFFECT TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo 

   
 6 page
background image
2003. 11. 20
6/6
KTX321U
Revision No : 0
V
- I
D
DRAIN CURRENT I (mA)
DS(ON)
D
DRAIN CURRENT I (mA)
D
D
t - I
COMMON SOURCE
V =5V
DD
P - Ta
D
AMBIENT TEMPERATURE Ta ( C)
020
40
100
0
60
80
100
120 140
160
200
300
50
150
250
D.U. 1%
<=
V :t , t < 5ns
IN rf
(Z
=50Ω)
OUT
Ta=25 C
I
V
5V
0
10µs
V
OUT
D
VIN
DD
Ta=25 C
OUT
(Z
=50Ω)
r
V :t , t < 5ns
D.U. 1%
V
=5V
COMMON SOURCE
10µs
5V
0
DD
V
IN
V
V
I D
OUT
IN
DD
=<
f
VIN
5V
90%
DD
V
0
OUT
V
IN
V
10%
10%
90%
DS
V
(ON)
on
t
off
t
f
t
r
t
SWITCHING TIME TEST CIRCUIT
13
10
100
30
5
COMMON SOURCE
Ta=25 C
GS
V =2.5V
50
10
1K
30
50
100
300
500
on
r
t
off
t
f
t
2
0.005
0.01
0.03
0.05
0.1
0.3
0.5
1
530
10
50
3
1
100
t




Html 페이지

1  2  3  4  5  6 


데이터시트



관련 부품명

부품명상세내용Html View제조사
HN1K04FUTOSHIBA Field Effect Transistor Silicon N Channel MOS Type 1 2 3 4 5 Toshiba Semiconductor
TPC6003TOSHIBA Field Effect Transistor Silicon N Channel MOS Type U-MOSIII 1 2 3 4 5 MoreToshiba Semiconductor
2SK3316TOSHIBA Field Effect Transistor Silicon N Channel MOS Type 1 2 3 4 5 MoreToshiba Semiconductor
SSM3J13TTOSHIBA Field Effect Transistor Silicon P Channel MOS Type U-MOSII 1 2 3 4 5 MoreToshiba Semiconductor
2SK3441TOSHIBA Field Effect Transistor Silicon N Channel MOS Type U-MOSII 1 2 3 4 5 MoreToshiba Semiconductor
SSM5P05FUTOSHIBA Field Effect Transistor Silicon P Channel MOS Type 1 2 3 4 5 Toshiba Semiconductor
TPC8010-HTOSHIBA Field Effect Transistor Silicon N Channel MOS Type High speed U-MOSIII 1 2 3 4 5 MoreToshiba Semiconductor
2SK3563TOSHIBA Field Effect Transistor Silicon N Channel MOS Type PIE-MOS4 1 2 3 Toshiba Semiconductor
TPC8016-HTOSHIBA Field Effect Transistor Silicon N Channel MOS Type High speed U-MOS III 1 2 3 4 5 MoreToshiba Semiconductor

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl