전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

KTX321U 데이터시트(Datasheet) 1 Page - KEC(Korea Electronics)

부품명 KTX321U
상세내용  EPITAXIAL PLANAR PNP TRANSISTOR N CHANNEL MOS FIELD EFFECT TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo 

   
 1 page
background image
POWER MANAGEMENT.
FEATURES
Including two devices in US6.
(Ultra Super mini type with 6 leads)
Simplify circuit design.
Reduce a quantity of parts and manufacturing process.
DIM
MILLIMETERS
A
B
D
G
US6
2.00 0.20
1.25 0.1
2.1 0.1
0.2+0.10/-0.05
0-0.1
0.9 0.1
0.65
0.15+0.1/-0.05
B1
H
C
T
G
1
3
2
B
B1
D
T
6
4
1.3 0.1
A1
5
+_
+_
+_
+_
+_
1. Q EMITTER
4. Q SOURCE
3. Q DRAIN
5. Q GATE
6. Q COLLECTOR
1
2
2. Q BASE
1
1
2
2
2003. 11. 20
1/6
SEMICONDUCTOR
TECHNICAL DATA
KTX321U
EPITAXIAL PLANAR PNP TRANSISTOR
N CHANNEL MOS FIELD EFFECT TRANSISTOR
Revision No : 0
Q1 MAXIMUM RATING (Ta=25 )
12
3
6
54
Q1
Q2
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-15
V
Collector-Emitter Voltage
VCEO
-12
V
Emitter-Base Voltage
VEBO
-6
V
Collector Current
IC
-500
mA
ICP *
-1
A
Collector Power Dissipation
PC *
150
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
Q2 MAXIMUM RATING (Ta=25 )
BR
Type Name
12
3
4
5
6
MARKING
EQUIVALENT CIRCUIT (TOP VIEW)
* Single Pulse PW=1mS.
** 120mW per element must not be exceeded. Each terminal mounted on a recommended land.
THIS TRANSISTOR IS ELECTROSTATIC SENSITIVE DEVICE.
PLEASE HANDLE WITH CAUTION.
CHARACTERISTIC
SYMBOL
RATING
UNIT
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGSS
20
V
DC Drain Current
ID
100
mA
Drain Power Dissipation
PC **
150
mW
Channel Temperature
Tch
150
Storage Temperature Range
Tstg
-55 150
** 120mW per element must not be exceeded. Each terminal mounted on a recommended land.




Html 페이지

1  2  3  4  5  6 


데이터시트



관련 부품명

부품명상세내용Html View제조사
HN1K04FUTOSHIBA Field Effect Transistor Silicon N Channel MOS Type 1 2 3 4 5 Toshiba Semiconductor
TPC6003TOSHIBA Field Effect Transistor Silicon N Channel MOS Type U-MOSIII 1 2 3 4 5 MoreToshiba Semiconductor
2SK3316TOSHIBA Field Effect Transistor Silicon N Channel MOS Type 1 2 3 4 5 MoreToshiba Semiconductor
SSM3J13TTOSHIBA Field Effect Transistor Silicon P Channel MOS Type U-MOSII 1 2 3 4 5 MoreToshiba Semiconductor
2SK3441TOSHIBA Field Effect Transistor Silicon N Channel MOS Type U-MOSII 1 2 3 4 5 MoreToshiba Semiconductor
SSM5P05FUTOSHIBA Field Effect Transistor Silicon P Channel MOS Type 1 2 3 4 5 Toshiba Semiconductor
TPC8010-HTOSHIBA Field Effect Transistor Silicon N Channel MOS Type High speed U-MOSIII 1 2 3 4 5 MoreToshiba Semiconductor
2SK3563TOSHIBA Field Effect Transistor Silicon N Channel MOS Type PIE-MOS4 1 2 3 Toshiba Semiconductor
TPC8016-HTOSHIBA Field Effect Transistor Silicon N Channel MOS Type High speed U-MOS III 1 2 3 4 5 MoreToshiba Semiconductor

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl