전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST380CH04C0 데이터시트(PDF) 5 Page - International Rectifier

부품명 ST380CH04C0
상세설명  PHASE CONTROL THYRISTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

ST380CH04C0 데이터시트(HTML) 5 Page - International Rectifier

  ST380CH04C0 Datasheet HTML 1Page - International Rectifier ST380CH04C0 Datasheet HTML 2Page - International Rectifier ST380CH04C0 Datasheet HTML 3Page - International Rectifier ST380CH04C0 Datasheet HTML 4Page - International Rectifier ST380CH04C0 Datasheet HTML 5Page - International Rectifier ST380CH04C0 Datasheet HTML 6Page - International Rectifier ST380CH04C0 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ST380CH..C Series
5
Bulletin I25169 rev. C 04/00
www.irf.com
Outline Table
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
20
30
40
50
60
70
80
90
100
110
120
130
140
150
0
200
4 0 0
600
80 0
1 000 12 00 140 0
DC
30°
60°
90°
120°
180°
A v e ra g e O n -st a te C u rre n t ( A )
C on d uc tion Pe riod
ST 380C H..C Se ries
( Sin g le S id e C o oled )
R
( D C ) = 0 .0 9 K / W
thJ -hs
40
50
60
70
80
90
10 0
11 0
12 0
13 0
14 0
15 0
0
1 00 2 0 0 300 400 50 0 6 00 7 0 0 8 00
30 °
60 °
90 °
12 0 °
18 0 °
A v e ra g e O n - sta te C u rre n t ( A )
Co n d uc tio n Ang le
ST 3 8 0 C H ..C S e rie s
(Sin g le S id e C o o le d )
R
( D C ) = 0 .0 9 K /W
thJ -hs
DIA. MAX.
4.75 (0.19)
28 (1.10)
6.5 (0.26)
0.3 (0.01) MIN.
0.3 (0.01) MIN.
ANODE TO GATE
CREEPAGE DISTANCE: 11.18 (0.44) MIN.
STRIKE DISTANCE: 7.62 (0.30) MIN.
25.3 (0.99)
14.1 / 15.1
(0.56 / 0.59)
25°± 5°
GATE TERM. FOR
1.47 (0.06) DIA.
PIN RECEPTACLE
25.3 (0.99)
40.5 (1.59) DIA. MAX.
DIA. MAX.
2 HOLES 3.56 (0.14) x
1.83 (0.07) MIN. DEEP
42 (1.65) MAX.
Case Style TO-200AB (E-PUK)
All dimensions in millimeters (inches)
Quote between upper and lower
pole pieces has to be considered
after application of Mounting Force
(see Thermal and Mechanical
Specification)


유사한 부품 번호 - ST380CH04C0

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
ST380CH04C0L VISHAY-ST380CH04C0L Datasheet
212Kb / 9P
   Phase Control Thyristors
Revision: 11-Aug-08
logo
International Rectifier
ST380CH04C0LPBF IRF-ST380CH04C0LPBF Datasheet
92Kb / 8P
   PHASE CONTROL THYRISTORS
ST380CH04C0PBF IRF-ST380CH04C0PBF Datasheet
92Kb / 8P
   PHASE CONTROL THYRISTORS
More results

유사한 설명 - ST380CH04C0

제조업체부품명데이터시트상세설명
logo
International Rectifier
ST730C08L0 IRF-ST730C08L0 Datasheet
82Kb / 8P
   PHASE CONTROL THYRISTORS
logo
IXYS Corporation
CS8-08IO2 IXYS-CS8-08IO2 Datasheet
51Kb / 3P
   Phase Control Thyristors
logo
International Rectifier
ST1200C12K0 IRF-ST1200C12K0 Datasheet
87Kb / 7P
   PHASE CONTROL THYRISTORS
110RKI IRF-110RKI Datasheet
136Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST300C08C0L VISHAY-ST300C08C0L Datasheet
238Kb / 9P
   Phase Control Thyristors
Revision: 25-Nov-13
VS-180RKI40 VISHAY-VS-180RKI40 Datasheet
194Kb / 9P
   Phase Control Thyristors
Revision: 11-Mar-14
VS-ST780CL VISHAY-VS-ST780CL Datasheet
237Kb / 9P
   Phase Control Thyristors
Revision: 15-Apr-14
logo
AEGIS SEMICONDUTORES LT...
A5N:1000.22H AEGIS-A5N:1000.22H Datasheet
333Kb / 4P
   Phase Control Thyristors
A5N:1400.16 AEGIS-A5N:1400.16 Datasheet
319Kb / 4P
   Phase Control Thyristors
logo
IXYS Corporation
CS300-12IO3 IXYS-CS300-12IO3 Datasheet
66Kb / 3P
   Phase Control Thyristors
CS1011-18IO1 IXYS-CS1011-18IO1 Datasheet
28Kb / 2P
   Phase Control Thyristors
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com