전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD150N16MV 데이터시트(PDF) 4 Page - International Rectifier

부품명 SD150N16MV
상세설명  STANDARD RECOVERY DIODES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

SD150N16MV 데이터시트(HTML) 4 Page - International Rectifier

  SD150N16MV Datasheet HTML 1Page - International Rectifier SD150N16MV Datasheet HTML 2Page - International Rectifier SD150N16MV Datasheet HTML 3Page - International Rectifier SD150N16MV Datasheet HTML 4Page - International Rectifier SD150N16MV Datasheet HTML 5Page - International Rectifier SD150N16MV Datasheet HTML 6Page - International Rectifier SD150N16MV Datasheet HTML 7Page - International Rectifier SD150N16MV Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SD150N/R Series
4
www.irf.com
Bulletin I2077 rev. B 11/01
Outline Table
Conforms to JEDEC DO-205AC (DO-30)
All dimensions in millimeters (inches)
GLASS-METAL SEAL
MAX.
16.5 (0.65)
DIA. 8.5 (0.33) NOM.
DIA. 23.5 (0.93) MAX.
SW 27
* FOR METRIC DEVICE: M12 X 1.75
1/2"-20UNF-2A*
C.S. 16mm
2.6 (0.10) MAX
2
(0.015 s.i.)
CERAMIC HOUSING
MAX.
16.5 (0.65)
DIA. 8.5 (0.33) NOM.
DIA. 22.5 (0.88) MAX.
SW 27
* FOR METRIC DEVICE: M12 X 1.75
1/2"-20UNF-2A*
C.S. 16mm
2.6 (0.10) MAX.
2
(0.015 s.i.)


유사한 부품 번호 - SD150N16MV

제조업체부품명데이터시트상세설명
logo
International Rectifier
SD150N IRF-SD150N Datasheet
211Kb / 7P
   STANDARD RECOVERY DIODES Stud Version
More results

유사한 설명 - SD150N16MV

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
International Rectifier
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
SD600R20PC VISHAY-SD600R20PC Datasheet
187Kb / 9P
   Standard Recovery Diodes
Revision: 17-Apr-08
logo
Nell Semiconductor Co.,...
D1070C NELLSEMI-D1070C Datasheet
305Kb / 7P
   Standard Recovery Diodes
logo
International Rectifier
VS-70HF140 IRF-VS-70HF140 Datasheet
106Kb / 7P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
VS-302UR60A VISHAY-VS-302UR60A Datasheet
179Kb / 8P
   Standard Recovery Diodes
Revision: 25-Nov-13
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com