전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ECS-240-8-36Q-ADL-TR 데이터시트(PDF) 2 Page - ECS, Inc.

부품명 ECS-240-8-36Q-ADL-TR
상세설명  The ECX-2236Q is a miniature SMD Crystal with a 2.5 x 2.0 mm footprint
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ECS [ECS, Inc.]
홈페이지  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

ECS-240-8-36Q-ADL-TR 데이터시트(HTML) 2 Page - ECS, Inc.

  ECS-240-8-36Q-ADL-TR Datasheet HTML 1Page - ECS, Inc. ECS-240-8-36Q-ADL-TR Datasheet HTML 2Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
15351 West 109
th Street | Lenexa, KS 66219 | Phone: 913.782.7787 | Fax: 913.782.6991 | www.ecsxtal.com
DEVELOPED FREQUENCIES
Abbreviation
Frequency (MHZ)
120
12.000
160
16.000
200
20.000
240
24.000
245.7
24.5760
250
25.000
260
26.000
270
27.000
300
30.000
320
32.000
400
40.000
480
48.000
SOLDER PROFILE
Peak solder Temp +260°C Max 10 sec Max.
2 Cycles Max.
MSL 1, Lead Finish Au
POCKET TAPE DIMENSIONS (mm)
ECX-2236Q
SMD CRYSTAL
Figure 1) Suggested Reflow Profile


유사한 부품 번호 - ECS-240-8-36Q-ADL-TR

제조업체부품명데이터시트상세설명
logo
ECS, Inc.
ECS-240-8-36-TR ECS-ECS-240-8-36-TR Datasheet
511Kb / 3P
   SMD CRYSTAL
ECS-240-8-36-TR ECS-ECS-240-8-36-TR Datasheet
632Kb / 2P
   The miniature ECX-2236 is a compact SMD Crystal
ECS-240-8-36ADL-TR ECS-ECS-240-8-36ADL-TR Datasheet
632Kb / 2P
   The miniature ECX-2236 is a compact SMD Crystal
ECS-240-8-36ADM-TR ECS-ECS-240-8-36ADM-TR Datasheet
632Kb / 2P
   The miniature ECX-2236 is a compact SMD Crystal
ECS-240-8-36ADY-TR ECS-ECS-240-8-36ADY-TR Datasheet
632Kb / 2P
   The miniature ECX-2236 is a compact SMD Crystal
More results

유사한 설명 - ECS-240-8-36Q-ADL-TR

제조업체부품명데이터시트상세설명
logo
ECS, Inc.
ECX-33Q ECS-ECX-33Q_18 Datasheet
578Kb / 2P
   The ECX-33Q is a miniature SMD Crystal with a 3.2 x 2.5 mm footprint
ECX-1637Q ECS-ECX-1637Q_17 Datasheet
584Kb / 2P
   The ECX-1637Q is a miniature SMD Crystal with a 2.0 x 1.6 mm footprint
ECX-53 ECS-ECX-53_17 Datasheet
546Kb / 2P
   The ECX-53 is a miniature SMD Crystal with a 3.2 x 5 mm footprint
ECX-53B ECS-ECX-53B_17 Datasheet
571Kb / 2P
   The ECX-53B is a miniature SMD Crystal with a 3.2 x 5 mm footprint
ECX-64A ECS-ECX-64A_17 Datasheet
575Kb / 2P
   The ECX-64A is a miniature SMD Crystal with a 6 x 3.5 mm 2 pad footprint
ECX-64 ECS-ECX-64_17 Datasheet
545Kb / 2P
   The ECX-64 is a miniature SMD Crystal with a 6 x 3.5 mm 4 pad footprint
ECX-53BQ ECS-ECX-53BQ_17 Datasheet
575Kb / 2P
   The ECX-53BQ is a miniature SMD Crystal with a 3.2 x 5 mm
ECX-1247Q ECS-ECX-1247Q_17 Datasheet
605Kb / 2P
   The ECX-1247Q is a very compact SMD Crystal with a 1.6 x 1.2 mm footprint
CSM-8M ECS-CSM-8M_17 Datasheet
549Kb / 2P
   The CSM-8M is a miniature SMD Crystal with a 7.0 x 5.0 mm footprint
ECX-42 ECS-ECX-42_17 Datasheet
540Kb / 2P
   The miniature ECX-42 is a compact SMD Crystal
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com